công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MCR10YRTF1R0 bảng dữ liệu(PDF) 3 Page - Rohm |
|
MCR10YRTF1R0 bảng dữ liệu(HTML) 3 Page - Rohm |
3 / 12 page 3/11 www.rohm.com ○ c 2012 ROHM Co., Ltd. All rights reserved. 2012.11 - Rev.D Data Sheet MCR series < General Purpose > Dimensions Part No. Type Code A MCR004 MCR006 MCR01 MCR03 MCR10 MCR18 MCR25 MCR50 MCR100 YZP,RZP 0.2 YRT MRT ERT ERT ERT JZH JZH JZH 0.3 0.5 1.0 1.2 2.2 2.2 3.8 5.1 B 0.4 0.84 1.3 2.0 2.6 4.0 4.0 6.0 8.1 C 0.16 0.3 0.5 0.8 1.15 1.5 2.3 2.3 3.0 D 0.1 0.27 0.4 0.5 0.7 0.9 0.9 1.1 1.5 (Unit : mm) Chip Resistor Dimensions and Markings <Marking method> There are three or four digits used for the calculation number according to IEC code and “R”is used for the decimal point. Part No. Type Code (mm) (inch) L W t a b Marking existence (Unit : mm) MCR004 YZP,RZP 0402 01005 0.4 ±0.02 0.2 ±0.02 0.13 ±0.02 0.1 ±0.03 0.1 ±0.03 No MCR006 YRT 0603 0201 0.6 ±0.03 0.3 ±0.03 0.23 ±0.03 0.15 ±0.05 0.15 ±0.05 No MCR01 MRT 1005 0402 1.0 ±0.05 0.5 ±0.05 0.35 ±0.05 0.2 ±0.1 No MCR03 ERT 1608 0603 1.6 ±0.1 0.8 ±0.1 0.45 ±0.1 0.3 ±0.2 0.3 ±0.2 Yes ∗ MCR10 ERT 2012 0805 2.0 ±0.1 1.25 ±0.1 0.5 ±0.1 0.35 ±0.2 0.35 ±0.2 Yes MCR18 ERT 3216 1206 3.05 ±0.15 1.55 ±0.15 0.55 ±0.1 0.45 ±0.25 0.35 ±0.25 Yes MCR25 JZH 3225 1210 3.2 ±0.15 2.5 ±0.15 0.55 ±0.15 0.5 ±0.25 0.5 ±0.25 Yes MCR50 JZH 5025 2010 5.0 ±0.15 2.5 ±0.15 0.55 ±0.15 0.6 ±0.25 0.6 ±0.25 Yes MCR100 JZH 6432 2512 6.3 ±0.15 3.2 ±0.15 0.55 ±0.15 0.6 ±0.25 0.6 ±0.25 Yes 0.25 + 0.05 −0.1 Marking method of jumper type Jumper type Marking existence No Yes MCR004 / 006 / 01 / 25 / 50 / 100 MCR03 / 10 / 18 Marking method of MCR03 The description of markings on the chip resistor are as shown below. ① Marking method (J class): The nominal resistance is expressed in by E-24series 3 digits. The first 2 digits apply to the resistance value and the last one indicates the number of zeros to follow. The R is used as a decimal point. Example:100k = 104 ② Marking method (F/D class): ・For the resistance value contained in E96 series. The nominal resistance is expressed in 3 digits. The first 2 digits is symbol to the resistance value and the last one is symbol to multipliers. Example : 100k = 01d (01d 100×10 3 = 100,000= 100k) Example : 3.01k = 47b (47b 301×10 1 = 3010= 3.01k) ・For the resistance value not contained in E96 series and contained in E-24 series. The marking is expressed by E-24 series in 3 digits and one short bar under the last marking letter. Example : 390 = 391 Land pattern Example B D A Land C Symbol for E96 Series nominal resistance value Symbol E96 Symbol E96 Symbol E96 Symbol E96 01 02 03 04 05 06 07 08 09 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 100 102 105 107 110 113 115 118 121 124 127 130 133 137 140 143 147 150 154 158 162 165 169 174 178 182 187 191 196 200 205 210 215 221 226 232 237 243 249 255 261 267 274 280 287 294 301 309 316 324 332 340 348 357 365 374 383 392 402 412 422 432 442 453 464 475 487 499 511 523 536 549 562 576 590 604 619 634 649 665 681 698 715 732 750 768 787 806 825 845 866 887 909 931 953 976 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 Symbol for multipliers Symbol A b C d E F X Y multipliers 100 101 102 103 104 105 10−1 10−2 b bb 103 L L W W t t a aa MCR004 / 006 / 01 / 03 MCR10 / 18 / 25 / 50 / 100 |
Số phần tương tự - MCR10YRTF1R0 |
|
Mô tả tương tự - MCR10YRTF1R0 |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |