công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SA101C392KAR bảng dữ liệu(PDF) 9 Page - AVX Corporation

tên linh kiện SA101C392KAR
Giải thích chi tiết về linh kiện  GENERAL INFORMATION
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AVX [AVX Corporation]
Trang chủ  http://www.avx.com
Logo AVX - AVX Corporation

SA101C392KAR bảng dữ liệu(HTML) 9 Page - AVX Corporation

Back Button SA101C392KAR Datasheet HTML 5Page - AVX Corporation SA101C392KAR Datasheet HTML 6Page - AVX Corporation SA101C392KAR Datasheet HTML 7Page - AVX Corporation SA101C392KAR Datasheet HTML 8Page - AVX Corporation SA101C392KAR Datasheet HTML 9Page - AVX Corporation SA101C392KAR Datasheet HTML 10Page - AVX Corporation SA101C392KAR Datasheet HTML 11Page - AVX Corporation SA101C392KAR Datasheet HTML 12Page - AVX Corporation SA101C392KAR Datasheet HTML 13Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 84 page
background image
8
The Capacitor
General Electrical and Environmental Specifications
Many AVX ceramic capacitors are purchased in accordance
with Military Specifications, MIL-PRF-39014, MIL-C-11015,
MIL-PRF-20, MIL-PRF-55681, and MIL-PRF-123 or according
to individual customer specification. When ordered to these
specifications, the parts will meet the requirements set
forth in these documents. The General Electrical and
Environmental Specifications listed below detail test conditions
which are common to the foregoing and to most ceramic
capacitor specifications. If additional information is needed,
AVX Application Engineers are ready to assist you.
Capacitance – Capacitance shall be tested in accordance
with Method 305 of MIL-STD-202.
Class 1 dielectric to 1000 pF measured at 1 MHz, ± 100 KHz,
> 1000 pF measured at 1 KHz ± 100 Hz both at 1.0
± 0.2 VAC.
Class 2 dielectrics (except High K) to 100 pF shall be
measured at 1 MHz ± 100 KHz, > 100 pF measured at 1 KHz
± 100 Hz both at 1.0 ± 0.2 VAC.
High K dielectrics measured at 1 KHz ± 100 Hz with less than
0.5 VAC or less applied.
Dissipation Factor – D.F. shall be measured at the same
frequency and voltage as specified for capacitance.
Dielectric Strength – The dielectric strength shall be
measured in accordance with Method 301 of MIL-STD-202
with a suitable resistor in series with the power supply to limit
the charging current to 50 ma. max.
Insulation Resistance – Insulation Resistance shall be
measured in accordance with Method 302 of MIL-STD-202
with rated voltage or 200 VDC whichever is less applied. The
current shall be limited to 50 ma. max. and the charging time
shall be 2.0 minutes maximum.
Burn-In – (Where specified.) 100% of the parts shall be
subjected to 5 cycles of Thermal Shock per Method 107 Test
Condition A of MIL-STD-202 followed by voltage conditioning
at twice rated voltage and maximum rated temperature for
100 hours or as specified. After Burn-In, parts shall meet all
initial requirements.
Barometric Pressure – Capacitors shall be tested in
accordance with Method 105 of MIL-STD-202 Test Condition
D (100,000 ft.) with 100% rated voltage applied for 5 seconds
with current limited to 50 ma. No evidence of flashover or
damage is permitted.
Solderability – Capacitors shall be tested in accordance with
Method 208 of MIL-STD-202 with 95% coverage of new
solder.
Vibration – Capacitors shall be tested in accordance with
Method 208 Test Condition D of MIL-STD-202 with the bodies
rigidly clamped. The specimens shall be tested in 3 mutually
perpendicular planes for a total of 8 hours with 125% rated DC
voltage applied. No evidence of opens, intermittents or shorts
is permitted.
Shock – Capacitors shall be tested in accordance with
Method 213 Condition 1 (100 Gs) of MIL-STD-202 with the
bodies rigidly clamped. No evidence of opens, intermittents or
shorts is permitted.
Thermal Shock and Immersion – Capacitors shall be tested
in
accordance
with
Method
107
Condition
A
of
MIL-STD-202 with high test temperature (maximum rated
operating temperature) followed by Method 104 of
MIL-STD-202 Test Condition B.
Moisture Resistance – Capacitors shall be tested in
accordance with Method 106 of MIL-STD-202 with rated
voltage or 100 VDC whichever is less applied for the first 10
cycles.
Resistance to Solder Heat – Capacitors shall be tested in
accordance with Method 210 of MIL-STD-202 with immersion
to .050 of body. AVX Ceralam capacitors are manufactured
with solder which melts at a temperature greater than 450°F.
General Considerations – The application of voltage or
temperature usually causes temporary changes in the
capacitance of Class 2 ceramic capacitors. These changes
are normally in the positive direction and may cause out-of-
tolerance capacitance readings. If a capacitance reading is
made immediately after a dielectric strength or insulation
resistance test and parts are high capacitance, they should be
re-read after a minimum wait of 12 hours.


Số phần tương tự - SA101C392KAR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
AVX Corporation
SA101C392KAR AVX-SA101C392KAR Datasheet
261Kb / 6P
   Axial Leads/SpinGuard
SA101C392KAR AVX-SA101C392KAR Datasheet
261Kb / 6P
   Axial Leads/SpinGuard짰
SA101C392KAR AVX-SA101C392KAR Datasheet
261Kb / 6P
   Axial Leads/SpinGuard
SA101C392KAR AVX-SA101C392KAR Datasheet
261Kb / 6P
   Axial Leads/SpinGuard
More results

Mô tả tương tự - SA101C392KAR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
S9S12G96F0CLF ETC2-S9S12G96F0CLF Datasheet
58Kb / 3P
   General Information
logo
STMicroelectronics
AN898 STMICROELECTRONICS-AN898 Datasheet
139Kb / 4P
   EMC GENERAL INFORMATION
logo
EPCOS
B82476A1104M EPCOS-B82476A1104M Datasheet
299Kb / 22P
   General Technical Information
logo
Token Electronics Indus...
TCB4F-617DB1673 TOKEN-TCB4F-617DB1673 Datasheet
646Kb / 23P
   Balun Transformer General Information
logo
Kemet Corporation
T192A256M008ASC KEMET-T192A256M008ASC Datasheet
1Mb / 28P
   Wet Tantalum General Information
logo
List of Unclassifed Man...
CSS312R ETC1-CSS312R Datasheet
613Kb / 4P
   NUMERIC/ALPHANUMBERIC DISPLAY GENERAL INFORMATION
logo
Leshan Radio Company
MMBT2222AWT1 LRC-MMBT2222AWT1 Datasheet
66Kb / 2P
   Preliminary Information General Purpose Transistors
logo
eupec GmbH
FD200R12KE3 EUPEC-FD200R12KE3 Datasheet
172Kb / 9P
   Technische Information / technical information
FS50R12KT3 EUPEC-FS50R12KT3 Datasheet
316Kb / 8P
   echnische Information / technical information
logo
Infineon Technologies A...
DF900R12IP4DV INFINEON-DF900R12IP4DV Datasheet
1Mb / 9P
   Technische Information / Technical Information
2014-04-28 revision:2.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com