công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SA101C392KAR bảng dữ liệu(PDF) 7 Page - AVX Corporation

tên linh kiện SA101C392KAR
Giải thích chi tiết về linh kiện  GENERAL INFORMATION
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AVX [AVX Corporation]
Trang chủ  http://www.avx.com
Logo AVX - AVX Corporation

SA101C392KAR bảng dữ liệu(HTML) 7 Page - AVX Corporation

Back Button SA101C392KAR Datasheet HTML 3Page - AVX Corporation SA101C392KAR Datasheet HTML 4Page - AVX Corporation SA101C392KAR Datasheet HTML 5Page - AVX Corporation SA101C392KAR Datasheet HTML 6Page - AVX Corporation SA101C392KAR Datasheet HTML 7Page - AVX Corporation SA101C392KAR Datasheet HTML 8Page - AVX Corporation SA101C392KAR Datasheet HTML 9Page - AVX Corporation SA101C392KAR Datasheet HTML 10Page - AVX Corporation SA101C392KAR Datasheet HTML 11Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 84 page
background image
6
The Capacitor
25%
50%
75%
100%
Percent Rated Volts
2.5
0
-2.5
-5
-7.5
-10
0VDC
RVDC
-55 -35
-15
+5
+25 +45 +65 +85 +105 +125
Temperature Degrees Centigrade
+20
+10
0
-10
-20
-30
AVX C0G (NP0) T.C.
AVX X7R T.C.
1
10
100
1
10
100
1
KHz
KHz
KHz
MHz
MHz
MHz
GHz
Frequency
0
-10
-20
-30
AVX
C0G (NP0)
T.C.
AVX X7R T.C.
1
10
100
1
10
100
1
KHz
KHz
KHz
MHz
MHz
MHz
GHz
Frequency
2000
1600
1200
800
400
0
Figure 4
Figure 5
Figure 6
Figure 7
Cap. Change vs. D.C. Volts
AVX X7R T.C.
“Q” vs. Frequency
Typical Cap. Change vs. Temperature
AVX X7R T.C.
Cap. Change vs. Frequency
The effect of the application of DC voltage is shown in Figure
4. The voltage coefficient is more pronounced for higher K
dielectrics. These figures are shown for room temperature
conditions. The combination characteristic known as voltage
temperature limits which shows the effects of rated voltage
over the operating temperature range is shown in Figure 5 for
the military BX characteristic.
Effects of Frequency – Frequency affects capacitance and
dissipation factor as shown in Figures 6 and 7.
Variation of impedance with frequency is an important
consideration for decoupling capacitor applications. Lead
length, lead configuration and body size all affect the
impedance level over more than ceramic formulation variations.
(Figure 8)
Effects of Time – Class 2 ceramic capacitors change
capacitance and dissipation factor with time as well as
temperature, voltage and frequency. This change with time is
known as aging. Aging is caused by a gradual re-alignment of
the crystalline structure of the ceramic and produces an
exponential loss in capacitance and decrease in dissipation
factor versus time. A typical curve of aging rate for semistable
ceramics is shown in Figure 9 and a table is given showing the
aging rates of various dielectrics.
If a ceramic capacitor that has been sitting on the shelf for a
period of time, is heated above its curie point, (125°C for 4
hours or 150°C for 12 hour will suffice) the part will de-age and
return to its initial capacitance and dissipation factor readings.
Because the capacitance changes rapidly, immediately after de-
aging, the basic capacitance measurements are normally
referred to a time period sometime after the de-aging process.
Various manufacturers use different time bases but the most
popular one is one day or twenty-four hours after “last heat.”
Change in the aging curve can be caused by the application of
voltage and other stresses. The possible changes in
capacitance due to de-aging by heating the unit explain why
capacitance changes are allowed after test, such as
temperature cycling, moisture resistance, etc., in MIL specs.
The application of high voltages such as dielectric withstanding
voltages also tends to de-age capacitors and is why re-reading
of capacitance after 12 or 24 hours is allowed in military
specifications after dielectric strength tests have been
performed.


Số phần tương tự - SA101C392KAR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
AVX Corporation
SA101C392KAR AVX-SA101C392KAR Datasheet
261Kb / 6P
   Axial Leads/SpinGuard
SA101C392KAR AVX-SA101C392KAR Datasheet
261Kb / 6P
   Axial Leads/SpinGuard짰
SA101C392KAR AVX-SA101C392KAR Datasheet
261Kb / 6P
   Axial Leads/SpinGuard
SA101C392KAR AVX-SA101C392KAR Datasheet
261Kb / 6P
   Axial Leads/SpinGuard
More results

Mô tả tương tự - SA101C392KAR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
S9S12G96F0CLF ETC2-S9S12G96F0CLF Datasheet
58Kb / 3P
   General Information
logo
STMicroelectronics
AN898 STMICROELECTRONICS-AN898 Datasheet
139Kb / 4P
   EMC GENERAL INFORMATION
logo
EPCOS
B82476A1104M EPCOS-B82476A1104M Datasheet
299Kb / 22P
   General Technical Information
logo
Token Electronics Indus...
TCB4F-617DB1673 TOKEN-TCB4F-617DB1673 Datasheet
646Kb / 23P
   Balun Transformer General Information
logo
Kemet Corporation
T192A256M008ASC KEMET-T192A256M008ASC Datasheet
1Mb / 28P
   Wet Tantalum General Information
logo
List of Unclassifed Man...
CSS312R ETC1-CSS312R Datasheet
613Kb / 4P
   NUMERIC/ALPHANUMBERIC DISPLAY GENERAL INFORMATION
logo
Leshan Radio Company
MMBT2222AWT1 LRC-MMBT2222AWT1 Datasheet
66Kb / 2P
   Preliminary Information General Purpose Transistors
logo
eupec GmbH
FD200R12KE3 EUPEC-FD200R12KE3 Datasheet
172Kb / 9P
   Technische Information / technical information
FS50R12KT3 EUPEC-FS50R12KT3 Datasheet
316Kb / 8P
   echnische Information / technical information
logo
Infineon Technologies A...
DF900R12IP4DV INFINEON-DF900R12IP4DV Datasheet
1Mb / 9P
   Technische Information / Technical Information
2014-04-28 revision:2.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com