công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SA101C392KAR bảng dữ liệu(PDF) 6 Page - AVX Corporation

tên linh kiện SA101C392KAR
Giải thích chi tiết về linh kiện  GENERAL INFORMATION
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AVX [AVX Corporation]
Trang chủ  http://www.avx.com
Logo AVX - AVX Corporation

SA101C392KAR bảng dữ liệu(HTML) 6 Page - AVX Corporation

Back Button SA101C392KAR Datasheet HTML 2Page - AVX Corporation SA101C392KAR Datasheet HTML 3Page - AVX Corporation SA101C392KAR Datasheet HTML 4Page - AVX Corporation SA101C392KAR Datasheet HTML 5Page - AVX Corporation SA101C392KAR Datasheet HTML 6Page - AVX Corporation SA101C392KAR Datasheet HTML 7Page - AVX Corporation SA101C392KAR Datasheet HTML 8Page - AVX Corporation SA101C392KAR Datasheet HTML 9Page - AVX Corporation SA101C392KAR Datasheet HTML 10Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 84 page
background image
5
The Capacitor
EIA CODE
Percent Capacity Change Over Temperature Range
RS198
Temperature Range
X7
-55°C to +125°C
X5
-55°C to +85°C
Y5
-30°C to +85°C
Z5
+10°C to +85°C
Code
Percent Capacity Change
D
±3.3%
E
±4.7%
F
±7.5%
P
±10%
R
±15%
S
±22%
T
+22%, -33%
U
+22%, - 56%
V
+22%, -82%
MIL CODE
Symbol
Temperature Range
A
-55°C to +85°C
B
-55°C to +125°C
C
-55°C to +150°C
Symbol
Cap. Change
Cap. Change
Zero Volts
Rated Volts
R
+15%, -15%
+15%, -40%
W
+22%, -56%
+22%, -66%
X
+15%, -15%
+15%, -25%
Y
+30%, -70%
+30%, -80%
Z
+20%, -20%
+20%, -30%
Table 2: MIL and EIA Temperature Stable and General Application Codes
50
40
30
20
10
0
12.5
25
37.5
50
Volts AC at 1.0 KHz
Curve 3 - 25 VDC Rated Capacitor
Curve 2 - 50 VDC Rated Capacitor
Curve 1 - 100 VDC Rated Capacitor
Curve 3
Curve 2
Curve 1
.5
1.0
1.5
2.0
2.5
AC Measurement Volts at 1.0 KHz
10.0
8.0
6.0
4.0
2.0
0
Figure 2
Figure 3
Temperature characteristic is specified by combining range and change
symbols, for example BR or AW. Specification slash sheets indicate the
characteristic applicable to a given style of capacitor.
EXAMPLE – A capacitor is desired with the capacitance value at 25°C to
increase no more than 7.5% or decrease no more than 7.5% from
-30°C to +85°C. EIA Code will be Y5F.
In specifying capacitance change with temperature for Class
2 materials, EIA expresses the capacitance change over an
operating temperature range by a 3 symbol code. The first
symbol represents the cold temperature end of the
temperature range, the second represents the upper limit of
the operating temperature range and the third symbol
represents the capacitance change allowed over the
operating temperature range. Table 2 provides a detailed
explanation of the EIA system.
Effects of Voltage – Variations in voltage affects only the
capacitance and dissipation factor. The application of DC
voltage reduces both the capacitance and dissipation
factor while the application of an AC voltage within a
reasonable range tends to increase both capacitance and
dissipation factor readings. If a high enough AC voltage is
applied, eventually it will reduce capacitance just as a DC volt-
age will. Figure 2 shows the effects of AC voltage.
Capacitor specifications specify the AC voltage at which to
measure (normally 0.5 or 1 VAC) and application of the wrong
voltage can cause spurious readings. Figure 3 gives the volt-
age coefficient of dissipation factor for various AC voltages at
1 kilohertz. Applications of different frequencies will affect the
percentage changes versus voltages.
Cap. Change vs. A.C. Volts
AVX X7R T.C.
D.F. vs. A.C. Measurement Volts
AVX X7R T.C.


Số phần tương tự - SA101C392KAR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
AVX Corporation
SA101C392KAR AVX-SA101C392KAR Datasheet
261Kb / 6P
   Axial Leads/SpinGuard
SA101C392KAR AVX-SA101C392KAR Datasheet
261Kb / 6P
   Axial Leads/SpinGuard짰
SA101C392KAR AVX-SA101C392KAR Datasheet
261Kb / 6P
   Axial Leads/SpinGuard
SA101C392KAR AVX-SA101C392KAR Datasheet
261Kb / 6P
   Axial Leads/SpinGuard
More results

Mô tả tương tự - SA101C392KAR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
S9S12G96F0CLF ETC2-S9S12G96F0CLF Datasheet
58Kb / 3P
   General Information
logo
STMicroelectronics
AN898 STMICROELECTRONICS-AN898 Datasheet
139Kb / 4P
   EMC GENERAL INFORMATION
logo
EPCOS
B82476A1104M EPCOS-B82476A1104M Datasheet
299Kb / 22P
   General Technical Information
logo
Token Electronics Indus...
TCB4F-617DB1673 TOKEN-TCB4F-617DB1673 Datasheet
646Kb / 23P
   Balun Transformer General Information
logo
Kemet Corporation
T192A256M008ASC KEMET-T192A256M008ASC Datasheet
1Mb / 28P
   Wet Tantalum General Information
logo
List of Unclassifed Man...
CSS312R ETC1-CSS312R Datasheet
613Kb / 4P
   NUMERIC/ALPHANUMBERIC DISPLAY GENERAL INFORMATION
logo
Leshan Radio Company
MMBT2222AWT1 LRC-MMBT2222AWT1 Datasheet
66Kb / 2P
   Preliminary Information General Purpose Transistors
logo
eupec GmbH
FD200R12KE3 EUPEC-FD200R12KE3 Datasheet
172Kb / 9P
   Technische Information / technical information
FS50R12KT3 EUPEC-FS50R12KT3 Datasheet
316Kb / 8P
   echnische Information / technical information
logo
Infineon Technologies A...
DF900R12IP4DV INFINEON-DF900R12IP4DV Datasheet
1Mb / 9P
   Technische Information / Technical Information
2014-04-28 revision:2.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com