công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TS5A3160DCKRE4 bảng dữ liệu(PDF) 1 Page - Texas Instruments

tên linh kiện TS5A3160DCKRE4
Giải thích chi tiết về linh kiện  5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TS5A3160DCKRE4 bảng dữ liệu(HTML) 1 Page - Texas Instruments

  TS5A3160DCKRE4 Datasheet HTML 1Page - Texas Instruments TS5A3160DCKRE4 Datasheet HTML 2Page - Texas Instruments TS5A3160DCKRE4 Datasheet HTML 3Page - Texas Instruments TS5A3160DCKRE4 Datasheet HTML 4Page - Texas Instruments TS5A3160DCKRE4 Datasheet HTML 5Page - Texas Instruments TS5A3160DCKRE4 Datasheet HTML 6Page - Texas Instruments TS5A3160DCKRE4 Datasheet HTML 7Page - Texas Instruments TS5A3160DCKRE4 Datasheet HTML 8Page - Texas Instruments TS5A3160DCKRE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
6
1
2
3
4
NO
GND
NC
COM
5
V+
IN
TS5A3160
www.ti.com
SCDS216C – OCTOBER 2005 – REVISED MARCH 2012
1-
Ω SPDT ANALOG SWITCH
5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
Check for Samples: TS5A3160
1
FEATURES
1000-V Charged-Device Model (C101)
Isolation in the Powered-Off Mode, V+ = 0
APPLICATIONS
Specified Make-Before-Break Switching
Cell Phones
Low ON-State Resistance (1
Ω)
PDAs
Control Inputs Are 5.5-V Tolerant
Portable Instrumentation
Low Charge Injection
Audio and Video Signal Routing
Excellent ON-State Resistance Matching
Low-Voltage Data Acquisition Systems
Low Total Harmonic Distortion (THD)
Communication Circuits
1.65-V to 5.5-V Single-Supply Operation
Modems
Latch-Up Performance Exceeds 100 mA Per
Hard Drives
JESD 78, Class II
Computer Peripherals
ESD Performance Tested Per JESD 22
Wireless Terminals and Peripherals
2000-V Human-Body Model
(A114-B, Class II)
DBV OR DCK PACKAGE
(TOP VIEW)
DESCRIPTION/ORDERING INFORMATION
The TS5A3160 is a single-pole double-throw (SPDT) analog switch that is designed to operate from 1.65 V to
5.5 V. The device offers a low ON-state resistance and an excellent channel-to-channel ON-state resistance
matching. The device has excellent total harmonic distortion (THD) performance and consumes very low power.
These features make this device suitable for portable audio applications.
Table 1. ORDERING INFORMATION
TA
PACKAGE(1) (2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING(3)
SOT (SOT-23) – DBV
Tape and reel
TS5A3160DBVR
JAK_
–40°C to 85°C
SOT (SC-70) – DCK(3)
Tape and reel
TS5A3160DCKR
JK_
SOT (SC-70) – DCK
Tape and reel
TS5A3160DCKJ
JK_
(1)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
(2)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
(3)
DBV/DCK: The actual top-side marking has one additional character that designates the assembly/test site.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005–2012, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Số phần tương tự - TS5A3160DCKRE4

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TS5A3160DCKRE4 TI-TS5A3160DCKRE4 Datasheet
395Kb / 24P
[Old version datasheet]   1-ohm SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3160DCKRE4 TI-TS5A3160DCKRE4 Datasheet
683Kb / 28P
[Old version datasheet]   5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
More results

Mô tả tương tự - TS5A3160DCKRE4

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TS5A3160 TI-TS5A3160_09 Datasheet
683Kb / 28P
[Old version datasheet]   5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3154 TI-TS5A3154_10 Datasheet
781Kb / 26P
[Old version datasheet]   5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3153 TI1-TS5A3153_14 Datasheet
1Mb / 28P
[Old version datasheet]   5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3153 TI-TS5A3153_15 Datasheet
963Kb / 27P
[Old version datasheet]   5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3153 TI-TS5A3153_09 Datasheet
759Kb / 26P
[Old version datasheet]   5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3160 TI1-TS5A3160_14 Datasheet
724Kb / 31P
[Old version datasheet]   1-廓 SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3153 TI-TS5A3153 Datasheet
277Kb / 21P
[Old version datasheet]   1-ohm SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3159A TI-TS5A3159A_10 Datasheet
695Kb / 30P
[Old version datasheet]   1-廓 SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A4624 TI-TS5A4624_15 Datasheet
859Kb / 28P
[Old version datasheet]   1-W SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A4624 TI-TS5A4624_09 Datasheet
598Kb / 27P
[Old version datasheet]   1-W SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com