công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TS5A3160DBVRG4 bảng dữ liệu(PDF) 9 Page - Texas Instruments |
|
TS5A3160DBVRG4 bảng dữ liệu(HTML) 9 Page - Texas Instruments |
9 / 30 page TS5A3160 www.ti.com SCDS216C – OCTOBER 2005 – REVISED MARCH 2012 Electrical Characteristics for 2.5-V Supply (1) (continued) V+ = 2.3 V to 2.7 V, TA = –40°C to 85°C (unless otherwise noted) PARAMETER SYMBOL TEST CONDITIONS TA V+ MIN TYP MAX UNIT Dynamic 25°C 2.5 V 2 6.5 15 VCOM = V+, CL = 35 pF, Turn-on time tON ns 2.3 V to RL = 50 Ω, See Figure 17 Full 1 17 2.7 V 25°C 2.5 V 3 11 18 VCOM = V+, CL = 35 pF, Turn-off time tOFF ns 2.3 V to RL = 50 Ω, See Figure 17 Full 2 20 2.7 V 25°C 2.5 V 1 8 12 Make-before- VCOM = V+, CL = 35 pF, tMBB ns 2.3 V to break time RL = 50 Ω, See Figure 18 Full 1 15 2.7 V Charge VGEN = 0, CL = 1 nF, QC 25°C 2.5 V 12 pC injection RGEN = 0, See Figure 22 NC, NO CNC(OFF), VNC or VNO = V+ or GND, OFF See Figure 16 25°C 2.5 V 18 pF CNO(OFF) Switch OFF, capacitance NC, NO CNC(ON), VNC or VNO = V+ or GND, ON See Figure 16 25°C 2.5 V 55 pF CNO(ON) Switch ON, capacitance COM VCOM = V+ or GND, ON CCOM(ON) See Figure 16 25°C 2.5 V 55 pF Switch ON, capacitance Digital input CI VI = V+ or GND, See Figure 16 25°C 2.5 V 2 pF capacitance RL = 50 Ω, Bandwidth BW See Figure 19 25°C 2.5 V 100 MHz Switch ON, RL = 50 Ω, OFF isolation OISO See Figure 20 25°C 2.5 V –64 dB f = 10 MHz, RL = 50 Ω, Crosstalk XTALK See Figure 20 25°C 2.5 V –64 dB f = 1 MHz, Total harmonic RL = 600 Ω, f = 20 Hz to 20 kHz, THD 25°C 2.5 V 0.02 % distortion CL = 50 pF, See Figure 23 Supply 25°C 10 30 Positive supply I+ VI = V+ or GND 2.7 V nA current Full 50 Copyright © 2005–2012, Texas Instruments Incorporated Submit Documentation Feedback 9 Product Folder Link(s): TS5A3160 |
Số phần tương tự - TS5A3160DBVRG4 |
|
Mô tả tương tự - TS5A3160DBVRG4 |