công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS7818EB2K5G4 bảng dữ liệu(PDF) 1 Page - Texas Instruments

tên linh kiện ADS7818EB2K5G4
Giải thích chi tiết về linh kiện  12-Bit High Speed Low Power Sampling ANALOG-TO-DIGITAL CONVERTER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

ADS7818EB2K5G4 bảng dữ liệu(HTML) 1 Page - Texas Instruments

  ADS7818EB2K5G4 Datasheet HTML 1Page - Texas Instruments ADS7818EB2K5G4 Datasheet HTML 2Page - Texas Instruments ADS7818EB2K5G4 Datasheet HTML 3Page - Texas Instruments ADS7818EB2K5G4 Datasheet HTML 4Page - Texas Instruments ADS7818EB2K5G4 Datasheet HTML 5Page - Texas Instruments ADS7818EB2K5G4 Datasheet HTML 6Page - Texas Instruments ADS7818EB2K5G4 Datasheet HTML 7Page - Texas Instruments ADS7818EB2K5G4 Datasheet HTML 8Page - Texas Instruments ADS7818EB2K5G4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
1
®
ADS7818
ADS7818
ADS7818
DESCRIPTION
The ADS7818 is a 12-bit sampling analog-to-digital
converter (A/D) complete with sample/hold, internal
2.5V reference, and synchronous serial interface. Typi-
cal power dissipation is 11mW at a 500kHz through-
put rate. The device can be placed into a power down
mode which reduces dissipation to just 2.5mW. The
input range is zero to two times the reference voltage,
and the internal reference can be overdriven by an
external voltage.
Low power, small size, and high-speed make the
ADS7818 ideal for battery operated systems such as
wireless communication devices, portable multi-chan-
nel data loggers, and spectrum analyzers. The serial
interface also provides low-cost isolation for remote
data acquisition. The ADS7818 is available in a plas-
tic mini-DIP-8 or an MSOP-8 package and is guaran-
teed over the –40
°C to +85°C temperature range.
12-Bit High Speed Low Power Sampling
ANALOG-TO-DIGITAL CONVERTER
®
FEATURES
q 500kHz THROUGHPUT RATE
q 2.5V INTERNAL REFERENCE
q LOW POWER: 11mW
q SINGLE SUPPLY +5V OPERATION
q DIFFERENTIAL INPUT
q SERIAL INTERFACE
q GUARANTEED NO MISSING CODES
q MINI-DIP-8 AND MSOP-8
q UNIPOLAR INPUT RANGE
International Airport Industrial Park • Mailing Address: PO Box 11400, Tucson, AZ 85734 • Street Address: 6730 S. Tucson Blvd., Tucson, AZ 85706 • Tel: (520) 746-1111
Twx: 910-952-1111 • Internet: http://www.burr-brown.com/ • Cable: BBRCORP • Telex: 066-6491 • FAX: (520) 889-1510 • Immediate Product Info: (800) 548-6132
APPLICATIONS
q BATTERY OPERATED SYSTEMS
q DIGITAL SIGNAL PROCESSING
q HIGH SPEED DATA ACQUISITION
q WIRELESS COMMUNICATION SYSTEMS
©1998 Burr-Brown Corporation
PDS-1408B
Printed in U.S.A. May, 2000
SAR
CLK
Serial
Interface
Comparator
S/H Amp
DATA
+In
–In
CDAC
Internal
+2.5V Ref
Buffer
V
REF
CONV
10k
Ω ±30%
For most current data sheet and other product
information, visit www.burr-brown.com
SBAS078


Số phần tương tự - ADS7818EB2K5G4

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS7818EB2K5G4 TI-ADS7818EB2K5G4 Datasheet
619Kb / 20P
[Old version datasheet]   12-Bit High Speed Low Power Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7818EB2K5G4 TI-ADS7818EB2K5G4 Datasheet
436Kb / 16P
[Old version datasheet]   LOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
More results

Mô tả tương tự - ADS7818EB2K5G4

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS7835 TI1-ADS7835_14 Datasheet
840Kb / 21P
[Old version datasheet]   12-Bit, High-Speed, Low Power Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7834 TI1-ADS7834_14 Datasheet
966Kb / 22P
[Old version datasheet]   12-Bit High-Speed, Low-Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7835 BURR-BROWN-ADS7835 Datasheet
169Kb / 13P
   12-Bit, High-Speed, Low Power Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7834 BURR-BROWN-ADS7834 Datasheet
145Kb / 13P
   12-Bit High Speed Low Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7818PG4 TI-ADS7818PG4 Datasheet
619Kb / 20P
[Old version datasheet]   12-Bit High Speed Low Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7834 BURR-BROWN-ADS7834_13 Datasheet
931Kb / 20P
   12-Bit High-Speed, Low-Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7835E TI-ADS7835E Datasheet
824Kb / 20P
[Old version datasheet]   12-Bit, High-Speed, Low Power Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7816U TI1-ADS7816U Datasheet
951Kb / 23P
[Old version datasheet]   12-Bit High Speed Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7816 BURR-BROWN-ADS7816 Datasheet
226Kb / 13P
   12-Bit High Speed Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7816P TI1-ADS7816P Datasheet
951Kb / 23P
[Old version datasheet]   12-Bit High Speed Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com