công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD7713AQ bảng dữ liệu(PDF) 11 Page - Analog Devices

tên linh kiện AD7713AQ
Giải thích chi tiết về linh kiện  Loop-Powered Signal Conditioning ADC
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD7713AQ bảng dữ liệu(HTML) 11 Page - Analog Devices

Back Button AD7713AQ Datasheet HTML 7Page - Analog Devices AD7713AQ Datasheet HTML 8Page - Analog Devices AD7713AQ Datasheet HTML 9Page - Analog Devices AD7713AQ Datasheet HTML 10Page - Analog Devices AD7713AQ Datasheet HTML 11Page - Analog Devices AD7713AQ Datasheet HTML 12Page - Analog Devices AD7713AQ Datasheet HTML 13Page - Analog Devices AD7713AQ Datasheet HTML 14Page - Analog Devices AD7713AQ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
REV. D
AD7713
–11–
Table I. Output Noise vs. Gain and First Notch Frequency
First Notch of
Typical Output RMS Noise (
µV)
Filter and O/P –3 dB
Data Rate
1
FrequencyGain of 1
Gain of 2
Gain of 4
Gain of 8
Gain of 16
Gain of 32
Gain of 64 Gain of 128
2 Hz
2
0.52 Hz
1.0
0.78
0.48
0.33
0.25
0.25
0.25
0.25
5 Hz
2
1.31 Hz
1.8
1.1
0.63
0.5
0.44
0.41
0.38
0.38
6 Hz
2
1.57 Hz
2.5
1.31
0.84
0.57
0.46
0.43
0.4
0.4
10 Hz
2
2.62 Hz
4.33
2.06
1.2
0.64
0.54
0.46
0.46
0.46
12 Hz
2
3.14 Hz
5.28
2.36
1.33
0.87
0.63
0.62
0.6
0.56
20 Hz
3
5.24 Hz
13
6.4
3.7
1.8
1.1
0.9
0.65
0.65
50 Hz
3
13.1 Hz
130
75
25
12
7.5
4
2.7
1.7
100 Hz
3
26.2 Hz
0.6
10
3
0.26
10
3 140
70
35
25
15
8
200 Hz
3
52.4 Hz
3.1
10
3
1.6
10
3
0.7
10
3
0.29
10
3 180
120
70
40
NOTES
1The default condition (after the internal power-on reset) for the first notch of filter is 60 Hz.
2For these filter notch frequencies, the output rms noise is primarily dominated by device noise, and, as a result, is independent of the value of the reference voltage.
Therefore, increasing the reference voltage will give an increase in the effective resolution of the device (i.e., the ratio of the rms noise to the input full scale is
increased since the output rms noise remains constant as the input full scale increases).
3For these filter notch frequencies, the output rms noise is dominated by quantization noise, and, as a result, is proportional to the value of the reference voltage.
Table II. Effective Resolution vs. Gain and First Notch Frequency
First Notch of
Effective Resolution
* (Bits)
Filter and O/P –3 dB
Data Rate
Frequency Gain of 1
Gain of 2
Gain of 4Gain of 8
Gain of 16
Gain of 32
Gain of 64 Gain of 128
2 Hz
0.52 Hz
22.5
21.5
21.5
21
20.5
19.5
18.5
17.5
5 Hz
1.31 Hz
21.5
21
21
20
19.5
18.5
17.5
16.5
6 Hz
1.57 Hz
21
21
20.5
20
19.5
18.5
17.5
16.5
10 Hz
2.62 Hz
20
20
20
19.5
19
18.5
17.5
16.5
12 Hz
3.14 Hz
20
20
20
19.5
19
18
17
16
20 Hz
5.24 Hz
18.5
18.5
18.5
18.5
18
17.5
17
16
50 Hz
13.1 Hz
15
15
15.5
15.5
15.5
15.5
15
14.5
100 Hz
26.2 Hz
13
13
13
13
13
12.5
12.5
12.5
200 Hz
52.4 Hz
10.5
10.5
11
11
11
10.5
10
10
*Effective resolution is defined as the magnitude of the output rms noise with respect to the input full scale (i.e., 2
VREF/GAIN). Table II applies for a VREF of 2.5 V
and resolution numbers are rounded to the nearest 0.5 LSB.
Tables I and II show the output rms noise for some typical
notch and –3 dB frequencies. The numbers given are for the
bipolar input ranges with a VREF of 2.5 V. These numbers are
typical and are generated with an analog input voltage of 0 V.
The output noise from the part comes from two sources. First,
there is the electrical noise in the semiconductor devices used in
the implementation of the modulator (device noise). Second,
when the analog input signal is converted into the digital domain,
quantization noise is added. The device noise is at a low level
and is largely independent of frequency. The quantization noise
starts at an even lower level but rises rapidly with increasing
frequency to become the dominant noise source. Consequently,
lower filter notch settings (below 12 Hz approximately) tend to
be device noise dominated while higher notch settings are domi-
nated by quantization noise. Changing the filter notch and
cutoff frequency in the quantization noise dominated region
results in a more dramatic improvement in noise performance
than it does in the device noise dominated region as shown in
Table I. Furthermore, quantization noise is added after the
PGA, so effective resolution is independent of gain for the
higher filter notch frequencies. Meanwhile, device noise is
added in the PGA and, therefore, effective resolution suffers a
little at high gains for lower notch frequencies.
At the lower filter notch settings (below 12 Hz), the no missing
codes performance of the device is at the 24-bit level. At the
higher settings, more codes will be missed until at 200 Hz notch
setting, no missing codes performance is guaranteed only to the
12-bit level. However, since the effective resolution of the part
is 10.5 bits for this filter notch setting; this no missing codes
performance should be more than adequate for all applications.
The effective resolution of the device is defined as the ratio of the
output rms noise to the input full scale. This does not remain
constant with increasing gain or with increasing bandwidth.
Table II is the same as Table I except that the output is expressed
in terms of effective resolution (the magnitude of the rms noise
with respect to 2
VREF/GAIN, i.e., the input full scale). It is
possible to do post filtering on the device to improve the output
data rate for a given –3 dB frequency and also to further reduce
the output noise (see the Digital Filtering section).


Số phần tương tự - AD7713AQ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD7713AQ AD-AD7713AQ Datasheet
516Kb / 28P
   LC2MOS Loop-Powered Signal Conditioning ADC
REV. C
AD7713AQ AD-AD7713AQ Datasheet
271Kb / 28P
   LC2MOS Loop-Powered Signal Conditioning ADC
REV. D
AD7713AQ AD-AD7713AQ Datasheet
271Kb / 28P
   LC2MOS Loop-Powered Signal Conditioning ADC
REV. D
AD7713AQ AD-AD7713AQ Datasheet
330Kb / 29P
   Loop-Powered Signal Conditioning ADC
More results

Mô tả tương tự - AD7713AQ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD7713 AD-AD7713_17 Datasheet
330Kb / 29P
   Loop-Powered Signal Conditioning ADC
AD7713 AD-AD7713_15 Datasheet
271Kb / 28P
   Loop-Powered Signal Conditioning ADC
REV. D
AD7713ARZ AD-AD7713ARZ Datasheet
271Kb / 28P
   LC2MOS Loop-Powered Signal Conditioning ADC
REV. D
AD7713ARZ AD-AD7713ARZ Datasheet
271Kb / 28P
   LC2MOS Loop-Powered Signal Conditioning ADC
REV. D
AD7713 AD-AD7713 Datasheet
516Kb / 28P
   LC2MOS Loop-Powered Signal Conditioning ADC
REV. C
AD7712 AD-AD7712_15 Datasheet
258Kb / 28P
   Signal Conditioning ADC
REV. F
AD7711 AD-AD7711_17 Datasheet
354Kb / 29P
   Signal Conditioning ADC
AD7714 AD-AD7714_17 Datasheet
349Kb / 41P
   Signal Conditioning ADC
AD7710 AD-AD7710 Datasheet
220Kb / 28P
   Signal Conditioning ADC
REV. F
AD7710ANZ AD-AD7710ANZ Datasheet
265Kb / 32P
   Signal Conditioning ADC
REV. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com