công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MCCA000431 bảng dữ liệu(PDF) 10 Page - List of Unclassifed Manufacturers |
|
MCCA000431 bảng dữ liệu(HTML) 10 Page - List of Unclassifed Manufacturers |
10 / 12 page Multi Layer Ceramic Capacitor Page <10> 30/06/11 V1.1 www.farnell.com www.newark.com www.element14.com Dielectric NP0 Size 0603 0805 Rated Voltage (V dc) 10 16 25 50 100 10 16 25 50 100 270 pF (271) S S S S S A A A A A 330 pF (331) S S S S S A A A A A 390 pF (391) S S S S S B B B B B 470 pF (471) S S S S S B B B B B 560 pF (561) S S S S S B B B B B 680 pF (681) S S S S S B B B B B 820 pF (821) S S S S S B B B B B 1,000 pF (102) S S S S S B B B B B 1,200 pF (122) X X X X - B B B B B 1,500 pF (152) X X X X - B B B B B 1,800 pF (182) X X X X - B B B B B 2,200 pF (222) X X X X - B B B B B 2,700 pF (272) X X X X - D D D D D 3,300 pF (332) X X X X - D D D D D 3,900 pF (392) - - - - - D D D D D 4,700 pF (472) - - - - - D D D D - 5,600 pF (562) - - - - - D^ D^ - - - 6,800 pF (682) - - - - - D^ D^ - - - 8,200 pF (822) - - - - - D^ D^ - - - 0.010 µF (103) - - - - - D^ D^ - - - 0.012 µF (123) - - - - - D^ D^ - - - 1. The letter in cell is expressed the symbol of thickness . 2. The letter in cell with "^" mark is expressed product with Ag / Ni / Sn terminations. 3. For more information about products with special capacitance or other data, please contact POE local representative. |
Số phần tương tự - MCCA000431 |
|
Mô tả tương tự - MCCA000431 |