công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MCCA000430 bảng dữ liệu(PDF) 3 Page - List of Unclassifed Manufacturers |
|
MCCA000430 bảng dữ liệu(HTML) 3 Page - List of Unclassifed Manufacturers |
3 / 12 page Multi Layer Ceramic Capacitor Page <3> 30/06/11 V1.1 www.farnell.com www.newark.com www.element14.com No. Name NP0* NP0, X7R, Y5V 1 Ceramic material BaTiO3 based 2 Inner electrode AgPd alloy Ni 3 Termination Inner layer Ag Cu 4 Middle layer Ni 5 Outer layer Sn Constructions Construction of MLCC * Partial NP0 items are with Ag / Ni / Sn terminations, please reference to product range of NP0 dielectric for detail. Storage and handling conditions: (1) To store products at 5 to 40°C ambient temperature and 20 to 70%. related humidity conditions. (2) The product is recommended to be used within 6 months after shipment. Check solderability in case of shelf life extension is needed. Cautions: a. Don’t store products in a corrosive environment such as sulfide, chloride gas, or acid. It may cause oxidization of electrode, which easily be resulted in poor soldering. b. To store products on the shelf and avoid exposure to moisture. c. Don’t expose products to excessive shock, vibration, direct sunlight and so on. The Dimension of Paper Tape Appendixes Tape and Reel Dimensions |
Số phần tương tự - MCCA000430 |
|
Mô tả tương tự - MCCA000430 |