công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCCA000305 bảng dữ liệu(PDF) 6 Page - List of Unclassifed Manufacturers

tên linh kiện MCCA000305
Giải thích chi tiết về linh kiện  Multi Layer Ceramic Capacitor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

MCCA000305 bảng dữ liệu(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button MCCA000305 Datasheet HTML 2Page - List of Unclassifed Manufacturers MCCA000305 Datasheet HTML 3Page - List of Unclassifed Manufacturers MCCA000305 Datasheet HTML 4Page - List of Unclassifed Manufacturers MCCA000305 Datasheet HTML 5Page - List of Unclassifed Manufacturers MCCA000305 Datasheet HTML 6Page - List of Unclassifed Manufacturers MCCA000305 Datasheet HTML 7Page - List of Unclassifed Manufacturers MCCA000305 Datasheet HTML 8Page - List of Unclassifed Manufacturers MCCA000305 Datasheet HTML 9Page - List of Unclassifed Manufacturers MCCA000305 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Multi Layer Ceramic Capacitor
Page <6>
30/06/11 V1.1
www.farnell.com
www.newark.com
www.element14.com
Dielectric
X7R
Size
1206
0603
0805
Rated Voltage (V dc)
10
16
25
50
100
10
16
25
50
100
10
16
25
50
100
2,700 pF (272)
B
B
B
B
B
S
S
S
S
S
B
B
B
B
B
3,300 pF (332)
B
B
B
B
B
S
S
S
S
S
B
B
B
B
B
3,900 pF (392)
B
B
B
B
B
S
S
S
S
S
B
B
B
B
B
4,700 pF (472)
B
B
B
B
B
S
S
S
S
S
B
B
B
B
B
5,600 pF (562)
B
B
B
B
B
S
S
S
S
S
B
B
B
B
B
6,800 pF (682)
B
B
B
B
B
S
S
S
S
S
B
B
B
B
B
8,200 pF (822)
B
B
B
B
B
S
S
S
S
S
B
B
B
B
B
0.010 µF (103)
B
B
B
B
B
S
S
S
S
S
B
B
B
B
B
0.012 µF (123)
B
B
B
B
B
S
S
S
S
-
B
B
B
B
B
0.015 µF (153)
B
B
B
B
B
S
S
S
S
-
B
B
B
B
B
0.018 µF (183)
B
B
B
B
B
S
S
S
S
-
B
B
B
B
B
0.022 µF (223)
B
B
B
B
B
S
S
S
S
-
B
B
B
B
B
0.027 µF (273)
B
B
B
B
B
S
S
S
S
-
B
B
B
B
D
0.033 µF (333)
B
B
B
B
B
S
S
S
X
-
B
B
B
B
D
0.039 µF (393)
B
B
B
B
B
S
S
S
X
-
B
B
B
B
D
0.047 µF (473)
B
B
B
B
B
S
S
S
X
-
B
B
B
B
D
0.056 µF (563)
B
B
B
B
B
S
S
S
X
-
B
B
B
B
D
0.068 µF (683)
B
B
B
B
B
S
S
S
X
-
B
B
B
B
D
0.082 µF (823)
B
B
B
B
B
S
S
S
X
-
B
B
B
B
D
0.10 µF (104)
B
B
B
B
B
S
S
S
X
-
B
B
B
B
D
0.12 µF (124)
B
B
B
B
B
S
S
X
-
-
B
B
B
D
-
0.15 µF (154)
C
C
C
C
G
S
S
X
-
-
D
D
D
D
-
0.18 µF (184)
C
C
C
C
G
S
S
X
-
-
D
D
D
D
-
0.22 µF (224)
C
C
C
C
G
S
S
X
-
-
D
D
D
D
-
0.27 µF (274)
C
C
C
D
-
X
X
X
-
-
D
D
D
-
-
0.33 µF (334)
C
C
C
D
-
X
X
X
-
-
D
D
D
I
-
0.39 µF (394)
C
C
J
P
-
X
X
X
-
-
D
D
D
-
-
0.47 µF (474)
J
J
J
P
-
X
X
X
-
-
D
D
D
I
-
0.56 µF (564)
J
J
J
P
-
-
-
-
-
-
D
D
D
-
-
0.68 µF (684)
J
J
J
P
-
-
-
-
-
-
D
D
D
-
-
0.82 µF (824)
J
J
J
P
-
-
-
-
-
-
D
D
D
-
-
1. The letter in cell is expressed the symbol of product thickness.
2. For more information about products with special capacitance or other data, please contact POE local representative.


Số phần tương tự - MCCA000305

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
MCCA000159 AD-MCCA000159 Datasheet
282Kb / 8P
   Evaluation Board for FSK AD5700/AD5700-1 HART Modem
REV. A
MCCA000221 AD-MCCA000221 Datasheet
282Kb / 8P
   Evaluation Board for FSK AD5700/AD5700-1 HART Modem
REV. A
MCCA000274 AD-MCCA000274 Datasheet
568Kb / 12P
   Evaluation Board User Guide
REV. 0
logo
ON Semiconductor
MCCA000571 ONSEMI-MCCA000571 Datasheet
680Kb / 13P
   200 mA Ultra-Low Noise Very-Low Iq, High PSRR, LDO Linear Voltage Regulator
August, 2012 ??Rev. 1
MCCA000571 ONSEMI-MCCA000571 Datasheet
1Mb / 20P
   200 mA, Ultra-Low Quiescent Current, Ultra-Low Noise, LDO Linear Voltage Regulator
May, 2012 ??Rev. 0
More results

Mô tả tương tự - MCCA000305

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Samsung semiconductor
CL05A106MP5NUNC SAMSUNG-CL05A106MP5NUNC Datasheet
98Kb / 1P
   Multi Layer Ceramic Capacitor
CL05A105KA5NQNC SAMSUNG-CL05A105KA5NQNC Datasheet
96Kb / 1P
   Multi Layer Ceramic Capacitor
CL05A105KQ5NNNC SAMSUNG-CL05A105KQ5NNNC Datasheet
126Kb / 1P
   Multi Layer Ceramic Capacitor
CL21A106KOQNNNE SAMSUNG-CL21A106KOQNNNE Datasheet
1Mb / 36P
   Multi-layer Ceramic Capacitor
CL32A107MPVNNNE SAMSUNG-CL32A107MPVNNNE Datasheet
147Kb / 2P
   Multi-layer Ceramic Capacitor
logo
Taiyo Yuden (U.S.A.), I...
MAASE063SB7101MFCA01 TAIYO-YUDEN-MAASE063SB7101MFCA01 Datasheet
148Kb / 1P
   Multi Layer Ceramic Capacitor
MAASE063SB7471MFCA01 TAIYO-YUDEN-MAASE063SB7471MFCA01 Datasheet
147Kb / 1P
   Multi Layer Ceramic Capacitor
logo
Samsung semiconductor
CL21B103KBANNNC SAMSUNG-CL21B103KBANNNC Datasheet
87Kb / 1P
   Multi Layer Ceramic Capacitor
CL21B106KOQNNNE SAMSUNG-CL21B106KOQNNNE Datasheet
1Mb / 36P
   Multi-layer Ceramic Capacitor
CL21A476MQCLRNC SAMSUNG-CL21A476MQCLRNC Datasheet
1Mb / 36P
   Multi-layer Ceramic Capacitor
logo
Taiyo Yuden (U.S.A.), I...
MAASE063SB7222KFCA01 TAIYO-YUDEN-MAASE063SB7222KFCA01 Datasheet
147Kb / 1P
   Multi Layer Ceramic Capacitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com