công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCCA000305 bảng dữ liệu(PDF) 3 Page - List of Unclassifed Manufacturers

tên linh kiện MCCA000305
Giải thích chi tiết về linh kiện  Multi Layer Ceramic Capacitor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

MCCA000305 bảng dữ liệu(HTML) 3 Page - List of Unclassifed Manufacturers

  MCCA000305 Datasheet HTML 1Page - List of Unclassifed Manufacturers MCCA000305 Datasheet HTML 2Page - List of Unclassifed Manufacturers MCCA000305 Datasheet HTML 3Page - List of Unclassifed Manufacturers MCCA000305 Datasheet HTML 4Page - List of Unclassifed Manufacturers MCCA000305 Datasheet HTML 5Page - List of Unclassifed Manufacturers MCCA000305 Datasheet HTML 6Page - List of Unclassifed Manufacturers MCCA000305 Datasheet HTML 7Page - List of Unclassifed Manufacturers MCCA000305 Datasheet HTML 8Page - List of Unclassifed Manufacturers MCCA000305 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Multi Layer Ceramic Capacitor
Page <3>
30/06/11 V1.1
www.farnell.com
www.newark.com
www.element14.com
No.
Name
NP0*
NP0, X7R, Y5V
1
Ceramic material
BaTiO3 based
2
Inner electrode
AgPd alloy
Ni
3
Termination
Inner layer
Ag
Cu
4
Middle layer
Ni
5
Outer layer
Sn
Constructions
Construction of MLCC
* Partial NP0 items are with Ag / Ni / Sn terminations, please reference to product range of NP0 dielectric for detail.
Storage and handling conditions:
(1) To store products at 5 to 40°C ambient temperature and 20 to 70%. related humidity conditions.
(2) The product is recommended to be used within 6 months after shipment. Check solderability in case of shelf life
extension is needed.
Cautions:
a. Don’t store products in a corrosive environment such as sulfide, chloride gas, or acid. It may cause oxidization of electrode,
which easily be resulted in poor soldering.
b. To store products on the shelf and avoid exposure to moisture.
c. Don’t expose products to excessive shock, vibration, direct sunlight and so on.
The Dimension of Paper Tape
Appendixes
Tape and Reel Dimensions


Số phần tương tự - MCCA000305

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
MCCA000159 AD-MCCA000159 Datasheet
282Kb / 8P
   Evaluation Board for FSK AD5700/AD5700-1 HART Modem
REV. A
MCCA000221 AD-MCCA000221 Datasheet
282Kb / 8P
   Evaluation Board for FSK AD5700/AD5700-1 HART Modem
REV. A
MCCA000274 AD-MCCA000274 Datasheet
568Kb / 12P
   Evaluation Board User Guide
REV. 0
logo
ON Semiconductor
MCCA000571 ONSEMI-MCCA000571 Datasheet
680Kb / 13P
   200 mA Ultra-Low Noise Very-Low Iq, High PSRR, LDO Linear Voltage Regulator
August, 2012 ??Rev. 1
MCCA000571 ONSEMI-MCCA000571 Datasheet
1Mb / 20P
   200 mA, Ultra-Low Quiescent Current, Ultra-Low Noise, LDO Linear Voltage Regulator
May, 2012 ??Rev. 0
More results

Mô tả tương tự - MCCA000305

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Samsung semiconductor
CL05A106MP5NUNC SAMSUNG-CL05A106MP5NUNC Datasheet
98Kb / 1P
   Multi Layer Ceramic Capacitor
CL05A105KA5NQNC SAMSUNG-CL05A105KA5NQNC Datasheet
96Kb / 1P
   Multi Layer Ceramic Capacitor
CL05A105KQ5NNNC SAMSUNG-CL05A105KQ5NNNC Datasheet
126Kb / 1P
   Multi Layer Ceramic Capacitor
CL21A106KOQNNNE SAMSUNG-CL21A106KOQNNNE Datasheet
1Mb / 36P
   Multi-layer Ceramic Capacitor
CL32A107MPVNNNE SAMSUNG-CL32A107MPVNNNE Datasheet
147Kb / 2P
   Multi-layer Ceramic Capacitor
logo
Taiyo Yuden (U.S.A.), I...
MAASE063SB7101MFCA01 TAIYO-YUDEN-MAASE063SB7101MFCA01 Datasheet
148Kb / 1P
   Multi Layer Ceramic Capacitor
MAASE063SB7471MFCA01 TAIYO-YUDEN-MAASE063SB7471MFCA01 Datasheet
147Kb / 1P
   Multi Layer Ceramic Capacitor
logo
Samsung semiconductor
CL21B103KBANNNC SAMSUNG-CL21B103KBANNNC Datasheet
87Kb / 1P
   Multi Layer Ceramic Capacitor
CL21B106KOQNNNE SAMSUNG-CL21B106KOQNNNE Datasheet
1Mb / 36P
   Multi-layer Ceramic Capacitor
CL21A476MQCLRNC SAMSUNG-CL21A476MQCLRNC Datasheet
1Mb / 36P
   Multi-layer Ceramic Capacitor
logo
Taiyo Yuden (U.S.A.), I...
MAASE063SB7222KFCA01 TAIYO-YUDEN-MAASE063SB7222KFCA01 Datasheet
147Kb / 1P
   Multi Layer Ceramic Capacitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com