công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ST-0620-BBB-STD bảng dữ liệu(PDF) 3 Page - Bourns Electronic Solutions |
|
ST-0620-BBB-STD bảng dữ liệu(HTML) 3 Page - Bourns Electronic Solutions |
3 / 3 page REV. 10/12 “Sparctube” is a registered trademark of Bourns, Inc. in the European Community, with pending trademark registration applications in the U.S. and China. Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications. ST-0620 Series Sparctube™ Switching Spark Gap Models ST-0620-BBB, ST-0620-BLB and ST-0620-BCB* ship standard bulk pack, 1,000 pcs./bag. The optional tape and reel packaging contains 1,000 pcs./reel for Model ST-0620-BLT; 500 pcs./reel for Model ST-0620-BBT. * Available in bulk packaging only. Packaging Specifications 85.0 ± 2.0 (3.346 ± .079) 356.0 ± 2.0 (14.016 ± .079) DIA. 14.0 +1.0/-0.0 (.551 +.039/-.00) DIA. 6.2 ± 1.0 (.244 ± .039) 90.0 ± 2.0 (3.543 ± .079) 90.0 ± 2.0 (3.543 ± .079) 10.0 ± 1.0 (.394 ± .039) SPACING 105.0 (4.134) A A B B C C SECTION A-A SECTION B-B SECTION C-C 12.0 ± 0.1 (.472 ± .004) 12.0 ± 0.1 (.472 ± .004) 2.0 ± 0.1 (.079 ± .004) 4.0 ± 0.1 (.157 ± .004) 1.75 (.069) 0.50 ± 0.05 (.020 ± .002) 8.5 +0.15/-0.05 (.335 +.006/-.002) 9.3 ± 0.1 (.366 ± .004) 9.1 +0.2/-0.0 (.358 +.008/-.000) 7.50 (.295) 16.0 (.630) 8.2 +0.2/-0.0 (.323 +.008/-.000) 330 (12.992) 2.2 ± 0.5 (.087 ± .020) 13.0 ± 0.2 (.512 ± .008) 100 ± 1.0 (3.937 ± .039) 16.5 ± 0.1 (.650 ± .004) 20.2 ± 1.0 (.795 ± .039) DIMENSIONS: MM (INCHES) ST-0620-BBT ST-0620-BLT |
Số phần tương tự - ST-0620-BBB-STD |
|
Mô tả tương tự - ST-0620-BBB-STD |