công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AD1580BRTZ-REEL7 bảng dữ liệu(PDF) 1 Page - Analog Devices |
|
AD1580BRTZ-REEL7 bảng dữ liệu(HTML) 1 Page - Analog Devices |
1 / 12 page 1.2 V Micropower, Precision Shunt Voltage Reference AD1580 Rev. F Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners. One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. Tel: 781.329.4700 www.analog.com Fax: 781.461.3113 ©2003-2011 Analog Devices, Inc. All rights reserved. FEATURES Wide operating range: 50 µA to 10 mA Initial accuracy: ±0.1% maximum Temperature drift: ±50 ppm/°C maximum Output impedance: 0.5 Ω maximum Wideband noise (10 Hz to 10 kHz): 20 µV rms Operating temperature range: −40°C to +85°C High ESD rating 4 kV human body model 400 V machine model Compact, surface-mount SOT-23 and SC70 packages APPLICATIONS Portable, battery-powered equipment Cellular phones, notebook computers, PDAs, GPSs, and DMMs Computer workstations Suitable for use with a wide range of video RAMDACs Smart industrial transmitters PCMCIA cards Automotive 3 V/5 V, 8-bit to 12-bit data converters GENERAL DESCRIPTION The AD15801 The superior accuracy and stability of the AD1580 is made possible by the precise matching and thermal tracking of on-chip components. Proprietary curvature correction design techniques have been used to minimize the nonli- nearities in the voltage output temperature characteristics. The AD1580 is stable with any value of capacitive load. is a low cost, 2-terminal (shunt), precision band gap reference. It provides an accurate 1.225 V output for input currents between 50 μA and 10 mA. The low minimum operating current makes the AD1580 ideal for use in battery-powered 3 V or 5 V systems. However, the wide operating current range means that the AD1580 is extremely versatile and suitable for use in a wide variety of high current applications. The AD1580 is available in two grades, A and B, both of which are provided in the SOT-23 and SC70 packages, the smallest surface-mount packages available. Both grades are specified over the industrial temperature range of −40°C to +85°C. 1 Protected by U.S. Patent No. 5,969,657. PIN CONFIGURATIONS NC = NO CONNECT TOP VIEW V+ 1 V– 2 NC (OR V–) 3 AD1580 NC = NO CONNECT TOP VIEW V– 1 V+ 2 NC (OR V–) 3 AD1580 Figure 1. SOT-23 Figure 2. SC70 50 0 45 40 35 30 25 20 15 10 5 TEMPERATURE DRIFT (ppm/°C) –40 –30 –20 –10 0 10 20 30 40 Figure 3. Reverse Voltage Temperature Drift Distribution OUTPUT ERROR (mV) 300 0 250 200 150 100 50 –10 –8 –6 –4 –2 0 2 4 6 8 10 Figure 4. Reverse Voltage Error Distribution |
Số phần tương tự - AD1580BRTZ-REEL7 |
|
Mô tả tương tự - AD1580BRTZ-REEL7 |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |