công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FW20A7R50JA bảng dữ liệu(PDF) 2 Page - Bourns Electronic Solutions

tên linh kiện FW20A7R50JA
Giải thích chi tiết về linh kiện  Fusible Power Resistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  BOURNS [Bourns Electronic Solutions]
Trang chủ  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

FW20A7R50JA bảng dữ liệu(HTML) 2 Page - Bourns Electronic Solutions

  FW20A7R50JA Datasheet HTML 1Page - Bourns Electronic Solutions FW20A7R50JA Datasheet HTML 2Page - Bourns Electronic Solutions FW20A7R50JA Datasheet HTML 3Page - Bourns Electronic Solutions FW20A7R50JA Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
FWxxA Series Fusible Power Resistors
Performance Specifications
Characteristic
Limits
Test Method
(JIS-C-5201 & JIS-C-5202)
Temperature Coefficient
±200 PPM/°C max.
4.8 Natural resistance changes per temperature (°C):
R2-R2
x 106 (PPM/°C)
R1(T2-T1)
R1: Resistance value at room temp. (T1)
R2: Resistance value at room temp. +100 °C (T2)
Short Time Overload
Resistance change rate is ±5 % max., with
no evidence of mechanical damage.
4.13 Permanent resistance change after the application of a
potential of 2.5 times RCWV for 5 seconds.
Terminal Strength
No evidence of mechanical damage.
4.16 Direct Load:
Resistance to a 2.5 kg direct load for 10 seconds in the
direction of the longitudinal axis of the terminal leads.
Twist Test:
Terminal leads shall be bent through 90 ° at a point of
approximately 6 mm from the body of the resistor and
shall be rotated through 360 ° (about the original axis of
the bent terminal) in alternating directions for a total of
three rotations.
Resistance to Soldering Heat
Resistance change rate is ±1 % max., with
no evidence of mechanical damage.
4.18 Permanent resistance change when leads are immersed
to a point 2.0 to 2.5 mm from the body in 260 °C (±5 °C)
solder for 10 (±1) seconds.
Solderability
95 % coverage minimum
4.17 The area covered with a new, smooth, clean, shiny and
continuous surface free from concentrated pinholes.
Test temp. of solder: 245 °C (±3 °C).
Dwell time in solder: 2~3 seconds.
Load Life in Humidity
Resistance change rate is ±5 % max., with
no evidence of mechanical damage.
7.9 Resistance change after 1,000 hours (1.5 hours “ON”,
0.5 hours “OFF”) at RCWV in a humidity test chamber
controlled at 40 °C (±2 °C) and 90-95 % relative humidity.
Safety Fuse
Resistance value shall increase at least
100 times initial value.
1 W ~ 5 W: Load 120/240 VAC voltage.
7 W:
Load 240 VAC voltage.
Resistor must be safely fused.
Dielectric Withstanding
Voltage
No evidence of flashover mechanical
damage, arcing or insulation breakdown.
UL1412,
19.1 A resistor (or a resistor and its mounting if provided),
shall withstand, without breakdown, for a period of not
less than one minute, a 60 Hz potential of 1000 V plus
twice the rated voltage applied between live parts and
dead metal parts, if any.
1st Significant Figure
2nd Significant Figure
3rd Significant Figure
Multiplier
Tolerance
Typical Part Marking
Color
1st Band
2nd Band
3rd band
Multiplier
Tolerance
Black
0
0
0
1 Ω
Brown
1
1
1
10 Ω
±1 %
Red
2
2
2
100 Ω
±2 %
Orange
3
3
3
1 KΩ
Yellow
4
4
4
10 KΩ
Green
5
5
5
100 KΩ
±0.5 %
Blue
6
6
6
1 MΩ
±0.25 %
Violet
7
7
7
10 MΩ
±0.10 %
Grey
8
8
8
±0.05 %
White
9
9
9
Gold
0.1 Ω
±5 %
Silver
0.01 Ω
±10 %


Số phần tương tự - FW20A7R50JA

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Bourns Electronic Solut...
FW20A BOURNS-FW20A Datasheet
598Kb / 4P
   Fusible Power Resistors
More results

Mô tả tương tự - FW20A7R50JA

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Bourns Electronic Solut...
FWXXA BOURNS-FWXXA Datasheet
598Kb / 4P
   Fusible Power Resistors
PWR4522AS8R20JA BOURNS-PWR4522AS8R20JA Datasheet
222Kb / 2P
   Fusible Power Resistors
logo
RCD COMPONENTS INC.
FC1206ER-1R00-FB RCD-FC1206ER-1R00-FB Datasheet
27Kb / 1P
   FUSIBLE CHIP RESISTORS
logo
ABCO ELECTRONICS CO.LTD
FR14W ABCO-FR14W Datasheet
570Kb / 1P
   FIXED FUSIBLE RESISTORS
logo
Welwyn Components Limit...
WA84F WELWYN-WA84F Datasheet
76Kb / 2P
   Fusible Wirewound Resistors
logo
RFE international
FM25 RFE-FM25 Datasheet
1Mb / 2P
   Fusible Flameproof Resistors
01-MAR-2023
logo
Welwyn Components Limit...
WA84F-15RJI WELWYN-WA84F-15RJI Datasheet
274Kb / 2P
   Fusible Wirewound Resistors
logo
TT Electronics.
FCR TTELEC-FCR Datasheet
364Kb / 3P
   Fusible Chip Resistors
logo
Tyco Electronics
FRN25J100R MACOM-FRN25J100R Datasheet
99Kb / 3P
   Flame-Proof Fusible Resistors
logo
RFE international
FM50M RFE-FM50M Datasheet
87Kb / 1P
   FUSIBLE RESISTORS FM, FKN, & FSQ Series: Fusible
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com