công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LMZ23610TZ bảng dữ liệu(PDF) 10 Page - Texas Instruments

tên linh kiện LMZ23610TZ
Giải thích chi tiết về linh kiện  LMZ23610 10A SIMPLE SWITCHER Power Module with 36V Maximum Input Voltage and
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

LMZ23610TZ bảng dữ liệu(HTML) 10 Page - Texas Instruments

Back Button LMZ23610TZ Datasheet HTML 6Page - Texas Instruments LMZ23610TZ Datasheet HTML 7Page - Texas Instruments LMZ23610TZ Datasheet HTML 8Page - Texas Instruments LMZ23610TZ Datasheet HTML 9Page - Texas Instruments LMZ23610TZ Datasheet HTML 10Page - Texas Instruments LMZ23610TZ Datasheet HTML 11Page - Texas Instruments LMZ23610TZ Datasheet HTML 12Page - Texas Instruments LMZ23610TZ Datasheet HTML 13Page - Texas Instruments LMZ23610TZ Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
0
1
2
3
4
5
6
7
8
9 10
0.998
0.999
1.000
1.001
1.002
OUTPUT CURRENT (A)
6 Vin
8 Vin
10 Vin
12 Vin
16 Vin
20 Vin
24 Vin
36 Vin
20 30 40 50 60 70 80 90 100 110 120
0
2
4
6
8
10
12
TEMPERATURE (C)
JA = 9.9 °C/W
JA = 6.8 °C/W
JA = 5.2 °C/W
0
1
2
3
4
5
6
7
8
9
10
0
10
20
30
40
50
60
70
80
90
OUTPUT CURRENT (A)
6 Vin
10 Vin
12 Vin
16 Vin
20 Vin
24 Vin
30 Vin
36Vin
0
1
2
3
4
5
6
7
8
9
10
0
2
4
6
8
10
12
14
OUTPUT CURRENT (A)
6 Vin
10 Vin
12 Vin
16 Vin
20 Vin
24 Vin
30 Vin
36 Vin
0
1
2
3
4
5
6
7
8
9
10
10
20
30
40
50
60
70
80
90
OUTPUT CURRENT (A)
6 Vin
10 Vin
12 Vin
16 Vin
20 Vin
24 Vin
30 Vin
36Vin
0
1
2
3
4
5
6
7
8
9
10
0
2
4
6
8
10
12
14
OUTPUT CURRENT (A)
6 Vin
10 Vin
12 Vin
16 Vin
20 Vin
24 Vin
30 Vin
36 Vin
LMZ23610
SNVS707C – MARCH 2011 – REVISED MAY 2011
www.ti.com
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
Unless otherwise specified, the following conditions apply: VIN = 12V; CIN = three x 10μF + 47nF X7R Ceramic; COUT = two x
330
μF Specialty Polymer + 47 uF Ceramic + 47nF Ceramic; CFF = 4.7nF; Tambient = 25° C for waveforms. All indicated
temperatures are ambient.
Efficiency 1.2V output @ 85°C
Dissipation 1.2V output @ 85°C
Figure 29.
Figure 30.
Efficiency 1.0V output @ 85°C
Dissipation 1.0V output @ 85°C
Figure 31.
Figure 32.
Normalized line and load regulation VOUT = 3.3V
Thermal derating VIN = 24V, VOUT = 5.0V
Figure 33.
Figure 34.
10
Submit Documentation Feedback
Copyright © 2011, Texas Instruments Incorporated
Product Folder Links: LMZ23610


Số phần tương tự - LMZ23610TZ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LMZ23610TZ/NOPB TI-LMZ23610TZ/NOPB Datasheet
1Mb / 37P
[Old version datasheet]   10A SIMPLE SWITCHER Power Module With 36-V Maximum Input Voltage and Current Sharing
LMZ23610TZE/NOPB TI-LMZ23610TZE/NOPB Datasheet
1Mb / 37P
[Old version datasheet]   10A SIMPLE SWITCHER Power Module With 36-V Maximum Input Voltage and Current Sharing
More results

Mô tả tương tự - LMZ23610TZ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LMZ23605TZ NSC-LMZ23605TZ Datasheet
1Mb / 22P
   5A SIMPLE SWITCHER Power Module with 36V Maximum Input Voltage
logo
Texas Instruments
LMZ13610 TI1-LMZ13610_14 Datasheet
1Mb / 27P
[Old version datasheet]   10A SIMPLE SWITCHER짰 Power Module with 36V Maximum Input Voltage
logo
National Semiconductor ...
LMZ12010 NSC-LMZ12010 Datasheet
1Mb / 22P
   10A SIMPLE SWITCHER Power Module with 20V Maximum Input Voltage
logo
Texas Instruments
LMZ23610 TI1-LMZ23610_14 Datasheet
1Mb / 32P
[Old version datasheet]   10A SIMPLE SWITCHER짰 Power Module with 36V Maximum Input Voltage and Current Sharing
LMZ23610 TI-LMZ23610_15 Datasheet
1Mb / 37P
[Old version datasheet]   10A SIMPLE SWITCHER Power Module With 36-V Maximum Input Voltage and Current Sharing
LMZ13608 TI1-LMZ13608 Datasheet
1Mb / 24P
[Old version datasheet]   SIMPLE SWITCHER짰 Power Module with 36V Maximum Input Voltage
LMZ13610 TI1-LMZ13610 Datasheet
1Mb / 24P
[Old version datasheet]   SIMPLE SWITCHER짰 Power Module with 36V Maximum Input Voltage
LMZ13608 TI1-LMZ13608_14 Datasheet
1Mb / 30P
[Old version datasheet]   8A SIMPLE SWITCHER짰 Power Module with 36V Maximum Input Voltage
LMZ23605 TI1-LMZ23605_14 Datasheet
1Mb / 25P
[Old version datasheet]   5A SIMPLE SWITCHER짰 Power Module with 36V Maximum Input Voltage
logo
National Semiconductor ...
LMZ22005 NSC-LMZ22005 Datasheet
1Mb / 22P
   5A SIMPLE SWITCHER Power Module with 20V Maximum Input Voltage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com