công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TL-T5ME2 bảng dữ liệu(PDF) 4 Page - Omron Electronics LLC

tên linh kiện TL-T5ME2
Giải thích chi tiết về linh kiện  Slim Proximity Sensor
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  OMRON [Omron Electronics LLC]
Trang chủ  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

TL-T5ME2 bảng dữ liệu(HTML) 4 Page - Omron Electronics LLC

  TL-T5ME2 Datasheet HTML 1Page - Omron Electronics LLC TL-T5ME2 Datasheet HTML 2Page - Omron Electronics LLC TL-T5ME2 Datasheet HTML 3Page - Omron Electronics LLC TL-T5ME2 Datasheet HTML 4Page - Omron Electronics LLC TL-T5ME2 Datasheet HTML 5Page - Omron Electronics LLC TL-T5ME2 Datasheet HTML 6Page - Omron Electronics LLC TL-T5ME2 Datasheet HTML 7Page - Omron Electronics LLC TL-T5ME2 Datasheet HTML 8Page - Omron Electronics LLC TL-T5ME2 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
TL-T
I/O Circuit Diagrams
DC 3-wire Models
AC 2-wire Models
Operation
mode
Output
specifications
Models
Timing charts
Output circuits
NO
NPN
TL-T2E1
TL-T5ME1
NC
TL-T2E2
TL-T5ME2
NO
PNP
TL-T2F1
Operation mode
Models
Timing charts
Output circuits
NO
TL-T2Y1
TL-T5MY1
NC
TL-T2Y2
TL-T5MY2
Present
Not present
Load
(between brown
and black)
Operate
Reset
Output voltage
(between black
and blue)
H
L
ON
OFF
Sensing object
Detection
indicator (red)
Load
+V
Tr
*2
*1
2.2
Ω
4.7 k
Ω
0 V
Proxim-
ity
Sensor
main
circuit
Brown
Black
Out-
put
Blue
*1. 200 mA (load current)
*2. When a transistor is connected
Present
Not present
Load
(between brown
and black)
Operate
Reset
Output voltage
(between black
and blue)
H
L
ON
OFF
Sensing object
Detection
indicator (red)
Present
Not present
Load
(between brown
and black)
Operate
Reset
Output voltage
(between black
and blue)
H
L
ON
OFF
Sensing object
Detection
indicator (red)
+V
Tr
*2
*1
0 V
2.2
Ω
4.7 k
Ω
Proxim-
ity
Sensor
main
circuit
Brown
Black
Out-
put
Blue
Load
*1. 200 mA (load current)
*2. When a transistor is connected
Load
Operate
Reset
ON
OFF
Present
Not present
Sensing object
Detection indicator
(red)
Load
Blue
Brown
Proxi-
mity
Sensor
main
circuit
Load
Operate
Reset
ON
OFF
Present
Not present
Sensing object
Detection indicator
(red)
http://www.ia.omron.com/
4
(c)Copyright OMRON Corporation 2008 All Rights Reserved.


Số phần tương tự - TL-T5ME2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Ironwood Electronics.
TL-TORQUEDRIVER-01 IRONWOOD-TL-TORQUEDRIVER-01 Datasheet
16Kb / 1P
   Adjustable torquescrewdriver
TL-TORQUEDRIVER-02 IRONWOOD-TL-TORQUEDRIVER-02 Datasheet
16Kb / 1P
   Adjustable torquescrewdriver
TL-TORQUEDRIVER-03 IRONWOOD-TL-TORQUEDRIVER-03 Datasheet
16Kb / 1P
   Adjustable torquescrewdriver
logo
TAITIEN ELECTRONICS CO....
TL-TYPE TAITIEN-TL-TYPE Datasheet
442Kb / 1P
   5.0 x 3.2 mm SMD Voltage Controlled Temperature Compensated Crystal Oscillator
More results

Mô tả tương tự - TL-T5ME2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
SICK AG
WTB250-2N1151 SICK-WTB250-2N1151 Datasheet
556Kb / 7P
   Photoelectric proximity sensor, Photoelectric proximity sensor,
WTB250-2N1251 SICK-WTB250-2N1251 Datasheet
556Kb / 7P
   Photoelectric proximity sensor, Photoelectric proximity sensor,
WTB250-2N1131 SICK-WTB250-2N1131 Datasheet
551Kb / 7P
   Photoelectric proximity sensor, Photoelectric proximity sensor,
logo
OSRAM GmbH
SFH7741 OSRAM-SFH7741 Datasheet
334Kb / 17P
   Proximity Sensor
logo
Festo Corporation.
543876 FESTO-543876 Datasheet
82Kb / 2P
   Proximity sensor
546799 FESTO-546799 Datasheet
81Kb / 2P
   Proximity sensor
574380 FESTO-574380 Datasheet
85Kb / 2P
   Proximity sensor
2427615 FESTO-2427615 Datasheet
87Kb / 2P
   Proximity sensor
2427617 FESTO-2427617 Datasheet
81Kb / 2P
   Proximity sensor
2427618 FESTO-2427618 Datasheet
84Kb / 2P
   Proximity sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com