công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LF198JAN bảng dữ liệu(PDF) 5 Page - Texas Instruments |
|
|
LF198JAN bảng dữ liệu(HTML) 5 Page - Texas Instruments |
5 / 21 page LF198JAN www.ti.com SNOSAJ2A – FEBRUARY 2005 – REVISED MARCH 2013 Electrical Characteristics DC Parameters (continued) Symbol Parameter Sub- Conditions Notes Min Max Unit groups ICH+ Hold Capacitor Charge Current -3.0 mA 1 +VCC = 15V, -VCC = -15V, VCM = 0V -2.0 mA 2, 3 ICH- Hold Capacitor Charge Current 3.0 mA 1 +VCC = 15V, -VCC = -15V, VCM = 0V 2.0 mA 2, 3 VTh(H) Differential Logic Threshold +VCC = 15V, -VCC = -15V, VCM = 0V 1.0 mA 1, 2, 3 Logic = 2.0V, Logic Ref = 2.0V VTh(L) Differential Logic Threshold +VCC = 15V, -VCC = -15V, VCM = 0V -10 10 µA 1, 2, 3 Logic = 0.8V, Logic Ref = 2.0V IHL+ Hold Mode Leakage Current See(1) -0.100 0.100 nA 1 +VCC = 3.5V, -VCC = -26.5V, VCM = -11.5V -50 50 nA 2 IHL- Hold Mode Leakage Current See(1) -0.100 0.100 nA 1 +VCC = 26.5V, -VCC = -3.5V, VCM = 11.5V -50 50 nA 2 ZO Output Impedance +VCC = 15V, -VCC = -15V, 2.0 Ω 1, 2, 3 VCM = 0V VHS (HOLD) Step Voltage See(2) -2.0 2.0 mV 1 +VCC = 3.5V, -VCC = -26.5V, VCM = 11.5V -5.0 5.0 mV 2, 3 See(2) -2.0 2.0 mV 1 +VCC = 26.5V, -VCC = -3.5V, VCM = -11.5V -5.0 5.0 mV 2, 3 FRR Feedthrough Rejection Ratio 86 dB 1 +VCC = 15V, -VCC = -15V, VCM = 0V, VI = 0V to 11.5V 80 dB 2, 3 86 dB 1 +VCC = 15V, -VCC = -15V, VCM = 0V, VI = 11.5V to 0V 80 dB 2, 3 86 dB 1 +VCC = 15V, -VCC = -15V, VCM = 0V, VI = 0V to -11.5V 80 dB 2, 3 86 dB 1 +VCC = 15V, -VCC = -15V, VCM = 0V, VI = -11.5V to 0V 80 dB 2, 3 (1) Leakage current is measured at a junction temperature of 25°C. The effects of junction temperature rise due to power dissipation or elevated ambient can be calculated by doubling the 25°C value for each 11°C increase in chip temperature. Leakage is ensured over full input signal range. (2) Hold step is sensitive to stray capacitive coupling between input logic signals and the hold capacitor. 1 pF, for instance, will create an additional 0.5 mV step with a 5V logic swing and a 0.01 μF hold capacitor. Magnitude of the hold step is inversely proportional to hold capacitor value. Copyright © 2005–2013, Texas Instruments Incorporated Submit Documentation Feedback 5 Product Folder Links: LF198JAN |
Số phần tương tự - LF198JAN |
|
Mô tả tương tự - LF198JAN |