công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CD4066BM96 bảng dữ liệu(PDF) 4 Page - Texas Instruments |
|
|
CD4066BM96 bảng dữ liệu(HTML) 4 Page - Texas Instruments |
4 / 25 page CD4066B CMOS QUAD BILATERAL SWITCH SCHS051D − NOVEMBER 1998 − REVISED SEPTEMBER 2003 4 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 electrical characteristics LIMITS AT INDICATED TEMPERATURES PARAMETER TEST CONDITIONS VIN VDD −55 °C −40 °C 85 °C 125 °C 25 °C UNIT PARAMETER TEST CONDITIONS VIN (V) VDD (V) −55 °C −40 °C 85 °C 125 °C TYP MAX UNIT 0, 5 5 0.25 0.25 7.5 7.5 0.01 0.25 IDD Quiescent device 0, 10 10 0.5 0.5 15 15 0.01 0.5 A IDD Quiescent device current 0, 15 15 1 1 30 30 0.01 1 µA current 0, 20 20 5 5 150 150 0.02 5 Signal Inputs (Vis) and Outputs (Vos) VC = VDD, RL = 10 kΩ returned 5 800 850 1200 1300 470 1050 ron On-state resistance (max) RL = 10 kΩ returned to , V DD * VSS 2 10 310 330 500 550 180 400 Ω on (max) to , Vis = VSS to VDD 2 15 200 210 300 320 125 240 On-state resistance 5 15 ∆ron On-state resistance difference between any two switches RL = 10 kΩ, VC = VDD 10 10 Ω ∆ron difference between any two switches RL = 10 kΩ, VC = VDD 15 5 Ω THD Total harmonic distortion VC = VDD = 5 V, VSS = −5 V, Vis(p-p) = 5 V (sine wave centered on 0 V), RL = 10 kΩ, fis = 1-kHz sine wave 0.4 % −3-dB cutoff frequency (switch on) VC = VDD = 5 V, VSS = −5 V, Vis(p-p) = 5 V (sine wave centered on 0 V), RL = 1 kΩ 40 MHz −50-dB feedthrough frequency (switch off) VC = VSS = −5 V, Vis(p-p) = 5 V (sine wave centered on 0 V), RL = 1 kΩ 1 MHz Iis Input/output leakage current (switch off) (max) VC = 0 V, Vis = 18 V, Vos = 0 V; and VC = 0 V, Vis = 0 V, Vos = 18 V 18 ±0.1 ±0.1 ±1 ±1 ±10−5 ±0.1 µA −50-dB crosstalk frequency VC(A) = VDD = 5 V, VC(B) = VSS = −5 V, Vis(A) = 5 Vp-p, 50-Ω source, RL = 1 kΩ 8 MHz Propagation delay RL = 200 kΩ, VC = VDD, VSS = GND, CL = 50 pF, 5 20 40 tpd Propagation delay (signal input to signal output) VSS = GND, CL = 50 pF, Vis = 10 V (square wave centered on 5 V), 10 10 20 ns pd (signal input to signal output) is (square wave centered on 5 V), tr, tf = 20 ns 15 7 15 Cis Input capacitance VDD = 5 V, VC = VSS = −5 V 8 pF Cos Output capacitance VDD = 5 V, VC = VSS = −5 V 8 pF Cios Feedthrough VDD = 5 V, VC = VSS = −5 V 0.5 pF |
Số phần tương tự - CD4066BM96 |
|
Mô tả tương tự - CD4066BM96 |