công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FIN1047M bảng dữ liệu(PDF) 3 Page - Fairchild Semiconductor

tên linh kiện FIN1047M
Giải thích chi tiết về linh kiện  3.3V LVDS 4-Bit Flow-Through High Speed Differential Driver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FAIRCHILD [Fairchild Semiconductor]
Trang chủ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FIN1047M bảng dữ liệu(HTML) 3 Page - Fairchild Semiconductor

  FIN1047M Datasheet HTML 1Page - Fairchild Semiconductor FIN1047M Datasheet HTML 2Page - Fairchild Semiconductor FIN1047M Datasheet HTML 3Page - Fairchild Semiconductor FIN1047M Datasheet HTML 4Page - Fairchild Semiconductor FIN1047M Datasheet HTML 5Page - Fairchild Semiconductor FIN1047M Datasheet HTML 6Page - Fairchild Semiconductor FIN1047M Datasheet HTML 7Page - Fairchild Semiconductor FIN1047M Datasheet HTML 8Page - Fairchild Semiconductor FIN1047M Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
www.fairchildsemi.com
AC Electrical Characteristics
Over supply voltage and operating temperature ranges, unless otherwise specified
Note 4: All typical values are at TA = 25°C and with VCC = 3.3V.
Note 5: tSK(LH), tSK(HL) is the skew between specified outputs of a single device when the outputs have identical loads and are switching in the same direc-
tion.
Note 6: tSK(PP) is the magnitude of the difference in propagation delay times between any specified terminals of two devices switching in the same direction
(either LOW-to-HIGH or HIGH-to-LOW) when both devices operate with the same supply voltage, same temperature, and have identical test circuits.
Note 7: fMAX criteria: Input tR = tF < 1ns, 0V to 3V, 50% Duty Cycle; Output VOD > 250 mv, 45% to 55% Duty Cycle; all switching in phase channels.
Note 8: Test Circuits in Figures 2, 4, 6 are simplified representations of test fixture and DUT loading.
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
(Note 4)
tPLHD
Differential Propagation Delay
0.6
1.1
1.7
ns
LOW-to-HIGH
tPHLD
Differential Propagation Delay
0.6
1.2
1.7
ns
HIGH-to-LOW
tTLHD
Differential Output Rise Time (20% to 80%)
RL = 100 Ω, CL = 10 pF,
0.4
1.2
ns
tTHLD
Differential Output Fall Time (80% to 20%)
See Figure 2 (Note 8), and Figure 3
0.4
1.2
ns
tSK(P)
Pulse Skew |tPLH - tPHL|
0.4
ns
tSK(LH)
Channel-to-Channel Skew
0.05
0.3
ns
tSK(HL)
(Note 5)
tSK(PP)
Part-to-Part Skew (Note 6)
1.0
ns
fMAX
Maximum Frequency (Note 7)
RL = 100Ω, See Figure 6 (Note 8)
200
250
MHz
tZHD
Differential Output Enable Time from Z to HIGH
1.7
5.0
ns
tZLD
Differential Output Enable Time from Z to LOW
RL = 100Ω, CL = 10 pF,
1.7
5.0
ns
tHZD
Differential Output Disable Time from HIGH to Z See Figure 4 (Note 8), and Figure 5
2.7
5.0
ns
tLZD
Differential Output Disable Time from LOW to Z
2.7
5.0
ns
CIN
Input Capacitance
4.2
pF
COUT
Output Capacitance
5.2
pF


Số phần tương tự - FIN1047M

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
FIN1047M FAIRCHILD-FIN1047M Datasheet
315Kb / 9P
   3.3V LVDS 4-Bit Flow-Through
logo
ON Semiconductor
FIN1047M ONSEMI-FIN1047M Datasheet
417Kb / 11P
   3.3V LVDS 4-Bit Flow-Through High Speed Differential Driver
Revised August 2003
logo
Fairchild Semiconductor
FIN1047MTC FAIRCHILD-FIN1047MTC Datasheet
315Kb / 9P
   3.3V LVDS 4-Bit Flow-Through
logo
ON Semiconductor
FIN1047MTC ONSEMI-FIN1047MTC Datasheet
417Kb / 11P
   3.3V LVDS 4-Bit Flow-Through High Speed Differential Driver
Revised August 2003
logo
Fairchild Semiconductor
FIN1047MTCX FAIRCHILD-FIN1047MTCX Datasheet
315Kb / 9P
   3.3V LVDS 4-Bit Flow-Through
More results

Mô tả tương tự - FIN1047M

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
FIN1047 ONSEMI-FIN1047 Datasheet
417Kb / 11P
   3.3V LVDS 4-Bit Flow-Through High Speed Differential Driver
Revised August 2003
logo
Fairchild Semiconductor
FIN1048MX FAIRCHILD-FIN1048MX Datasheet
253Kb / 6P
   3.3V LVDS 4-Bit Flow-Through High Speed Differential Receiver
logo
ON Semiconductor
FIN1048 ONSEMI-FIN1048 Datasheet
342Kb / 8P
   3.3V LVDS 4-Bit Flow-Through High Speed Differential Receiver
Revised August 2003
logo
Fairchild Semiconductor
FIN1048 FAIRCHILD-FIN1048 Datasheet
249Kb / 6P
   3.3V LVDS 4-Bit Flow-Through High Speed Differential Receiver
FIN1048MTCX FAIRCHILD-FIN1048MTCX Datasheet
253Kb / 6P
   3.3V LVDS 4-Bit Flow-Through High Speed Differential Receiver
FIN1031 FAIRCHILD-FIN1031 Datasheet
203Kb / 6P
   3.3V LVDS 4-Bit High Speed Differential Driver
logo
ON Semiconductor
FIN1031 ONSEMI-FIN1031 Datasheet
305Kb / 8P
   3.3V LVDS 4-Bit High Speed Differential Driver
Revised July 2001
logo
Fairchild Semiconductor
FIN1047 FAIRCHILD-FIN1047 Datasheet
315Kb / 9P
   3.3V LVDS 4-Bit Flow-Through
logo
ON Semiconductor
FIN1001 ONSEMI-FIN1001 Datasheet
737Kb / 11P
   3.3V LVDS 1-Bit High-Speed Differential Driver
March 2017 Rev. 1.4
logo
Fairchild Semiconductor
FIN1001 FAIRCHILD-FIN1001 Datasheet
618Kb / 7P
   3.3V LVDS 1-Bit High Speed Differential Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com