công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCH6336-TL-H bảng dữ liệu(PDF) 7 Page - ON Semiconductor

tên linh kiện MCH6336-TL-H
Giải thích chi tiết về linh kiện  P-Channel Power MOSFET 12V, ??A, 43m, Single MCPH6
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MCH6336-TL-H bảng dữ liệu(HTML) 7 Page - ON Semiconductor

  MCH6336-TL-H Datasheet HTML 1Page - ON Semiconductor MCH6336-TL-H Datasheet HTML 2Page - ON Semiconductor MCH6336-TL-H Datasheet HTML 3Page - ON Semiconductor MCH6336-TL-H Datasheet HTML 4Page - ON Semiconductor MCH6336-TL-H Datasheet HTML 5Page - ON Semiconductor MCH6336-TL-H Datasheet HTML 6Page - ON Semiconductor MCH6336-TL-H Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
MCH6336
PS No. A0958-7/7
Note on usage : Since the MCH6336 is a MOSFET product, please avoid using this device in the vicinity of
highly charged objects.
ON Semiconductor and the ON logo are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC owns the rights to a number
of patents, trademarks, copyrights, trade secrets, and other intellectual property. A listing of SCILLC’s product/patent coverage may be accessed at
www.onsemi.com/site/pdf/Patent-Marking.pdf. SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no
warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the
application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental
damages. “Typical” parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual
performance may vary over time. All operating parameters, including “Typicals” must be validated for each customer application by customer’s technical
experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use
as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in
which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for
any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors
harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or
death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the
part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.


Số phần tương tự - MCH6336-TL-H

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MCH6336-TL-H ONSEMI-MCH6336-TL-H Datasheet
543Kb / 7P
   P-Channel Power MOSFET
July, 2013
More results

Mô tả tương tự - MCH6336-TL-H

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Leshan Radio Company
LP1481DT2AG LRC-LP1481DT2AG Datasheet
317Kb / 5P
   -12V,Single P-Channel Power MOSFET
logo
ON Semiconductor
EMH1303-TL-E ONSEMI-EMH1303-TL-E Datasheet
490Kb / 7P
   P-Channel Power MOSFET 12V, ??A, 23m, Single EMH8
July, 2013
logo
Will Semiconductor Ltd.
WPM1481 WILLSEMI-WPM1481 Datasheet
1Mb / 8P
   Single P-Channel, -12V, -5.1A, Power MOSFET
WPM1485 WILLSEMI-WPM1485 Datasheet
1Mb / 8P
   Single P-Channel, -12V, -7.4A, Power MOSFET
WPM1488 WILLSEMI-WPM1488 Datasheet
641Kb / 7P
   Single P-Channel, -12V, -1.4A, Power MOSFET
logo
Lowpower Semiconductor ...
LPM9021 POWER-LPM9021 Datasheet
866Kb / 7P
   Single P-Channel, -12V, -6.5A, Power MOSFET
logo
Will Semiconductor Ltd.
WPM1483 WILLSEMI-WPM1483 Datasheet
448Kb / 8P
   Single P-Channel, -12V, -5A, Power MOSFET
logo
MagnaChip Semiconductor...
MDD3754 MGCHIP-MDD3754 Datasheet
688Kb / 6P
   P-Channel Trench MOSFET, -40V, -24.4A, 43m(ohm)
logo
ON Semiconductor
SCH1331-TL-H ONSEMI-SCH1331-TL-H Datasheet
370Kb / 7P
   P-Channel Power MOSFET 12V,3A, 84m Single SCH6
July, 2013
logo
Alpha & Omega Semicondu...
AON2411 AOSMD-AON2411 Datasheet
259Kb / 5P
   12V P-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com