công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC9S08LL8CLF bảng dữ liệu(PDF) 5 Page - Freescale Semiconductor, Inc

tên linh kiện MC9S08LL8CLF
Giải thích chi tiết về linh kiện  MC9S08LL16 Series
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08LL8CLF bảng dữ liệu(HTML) 5 Page - Freescale Semiconductor, Inc

  MC9S08LL8CLF Datasheet HTML 1Page - Freescale Semiconductor, Inc MC9S08LL8CLF Datasheet HTML 2Page - Freescale Semiconductor, Inc MC9S08LL8CLF Datasheet HTML 3Page - Freescale Semiconductor, Inc MC9S08LL8CLF Datasheet HTML 4Page - Freescale Semiconductor, Inc MC9S08LL8CLF Datasheet HTML 5Page - Freescale Semiconductor, Inc MC9S08LL8CLF Datasheet HTML 6Page - Freescale Semiconductor, Inc MC9S08LL8CLF Datasheet HTML 7Page - Freescale Semiconductor, Inc MC9S08LL8CLF Datasheet HTML 8Page - Freescale Semiconductor, Inc MC9S08LL8CLF Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 44 page
background image
Devices in the MC9S08LL16 Series
MC9S08LL16 Series MCU Data Sheet, Rev. 7
Freescale Semiconductor
5
Figure 1. MC9S08LL16 Series Block Diagram
8-BIT KEYBOARD
INTERRUPT (
KBI)
IIC MODULE (
IIC)
SERIAL PERIPHERAL
INTERFACE (
SPI)
USER FLASH B
USER RAM
ON-CHIP ICE
DEBUG MODULE (
DBG)
(LL16 = 8K BYTES)
HCS08 CORE
CPU
BKGD
INT
BKP
2-CHANNEL TIMER/PWM
(
TPM1)
HCS08 SYSTEM CONTROL
RESETS AND INTERRUPTS
MODES OF OPERATION
POWER MANAGEMENT
COP
IRQ
LVD
LOW-POWER OSCILLATOR
INTERNAL CLOCK
Source (
ICS)
SERIAL COMMUNICATIONS
2-CHANNEL TIMER/PWM
(
TPM2)
(LL8 = 2K BYTES)
VLL1
VLCD
LCD
VLL2
VLL3
VCAP1
VCAP2
LCD[31:0]
V
SS
V
DD
VOLTAGE
REGULATOR
USER FLASH A
(LL8 = 8K BYTES)
PTC7/IRQ/TCLK
PTC5/TPM2CH1
PTC4/TPM2CH0
PTC3/TPM1CH1
PTB5/MOSI/SCL
PTB4/MISO/SDA
PTB3
PTB2/RESET
PTB1/XTAL
PTB0/EXTAL
PTA7/KBIP7/ADP7/ACMP–
PTA6/KBIP6/ADP6/ACMP+
PTA4/KBIP4/ADP4/LCD30
INTERFACE (
SCI)
PTB7/SS
PTB6/SPSCK
PTC1/TxD
PTC0/RxD
TxD
RxD
SS
SPSCK
SCL
SDA
MOSI
MISO
VSSA/VREFL
VDDA/VREFH
XTAL
EXTAL
IRQ
KBI[7:0]
RESET
TPM2CH0
LIQUID CRYSTAL
DISPLAY DRIVER
ANALOG-TO-DIGITAL
CONVERTER (
ADC)
12-BIT
ANALOG COMPARATOR
(
ACMP)
ACMP+
ACMP–
AD[7:0]
TIME OF DAY MODULE
(
TOD)
TPM2CH1
TCLK
TPM1CH0
TPM1CH1
TCLK
PTA1/KBIP1/SPSCK/ADP1
PTD[7:0]/LCD[7:0]
PTE[7:0]/LCD[15:8]
PTC6/ACMPO//BKGD/MS
PTC2/TPM1CH0
Pins not available on 48-pin packages.
Notes: When PTB2 is configured as RESET, pin becomes bi-directional with
output being open-drain drive containing an internal pull-up device.
(LL16 = 8K BYTES)
(LL8 = 2K BYTES)
(LL16 = 2K BYTES)
PTA5/KBIP5/ADP5/LCD31
LCD[23:16] not available on 48-pin packages.
ACMPO
BKGD/MS
When PTC6 is configured as BKGD, pin becomes bi-directional.
KEY:
PTA0/KBIP0/SS/ADP0
PTA2/KBIP2/SDA/MISO/ADP2
PTA3/KBIP3/SCL/MOSI/ADP3


Số phần tương tự - MC9S08LL8CLF

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MC9S08LL8 FREESCALE-MC9S08LL8 Datasheet
957Kb / 44P
   MC9S08LL16 Series
More results

Mô tả tương tự - MC9S08LL8CLF

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MC9S08LL16 FREESCALE-MC9S08LL16_10 Datasheet
957Kb / 44P
   MC9S08LL16 Series
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
   C10507-11 series C10751 series
logo
Texas Instruments
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
   Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
[Old version datasheet]   2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
logo
Extech Instruments Corp...
MA435T EXTECH-MA435T Datasheet
364Kb / 1P
   MA430 Series 400A MA430 Series 400A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com