công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADP3303AR-3.2 bảng dữ liệu(PDF) 6 Page - Analog Devices

tên linh kiện ADP3303AR-3.2
Giải thích chi tiết về linh kiện  High Accuracy anyCAP 200 mA Low Dropout Linear Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADP3303AR-3.2 bảng dữ liệu(HTML) 6 Page - Analog Devices

  ADP3303AR-3.2 Datasheet HTML 1Page - Analog Devices ADP3303AR-3.2 Datasheet HTML 2Page - Analog Devices ADP3303AR-3.2 Datasheet HTML 3Page - Analog Devices ADP3303AR-3.2 Datasheet HTML 4Page - Analog Devices ADP3303AR-3.2 Datasheet HTML 5Page - Analog Devices ADP3303AR-3.2 Datasheet HTML 6Page - Analog Devices ADP3303AR-3.2 Datasheet HTML 7Page - Analog Devices ADP3303AR-3.2 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
ADP3303
–6–
REV. A
THEORY OF OPERATION
The new anyCAP LDO ADP3303 uses a single control loop for
regulation and reference functions. The output voltage is sensed
by a resistive voltage divider consisting of R1 and R2, which is
varied to provide the available output voltage options. Feedback
is taken from this network by way of a series diode (D1) and a
second resistor divider (R3 and R4) to the input of an amplifier.
gm
PTAT
VOS
R4
R3
D1
R1
ATTENUATION
(VBANDGAP/VOUT)
R2
(a)
COMPENSATION
CAPACITOR
NONINVERTING
WIDEBAND
DRIVER
Q1
IN
CLOAD
OUT
ADP3303
RLOAD
PTAT
CURRENT
GND
Figure 20. Functional Block Diagram
A very high gain error amplifier is used to control this loop. The
amplifier is constructed in such a way that at equilibrium it
produces a large, temperature proportional input “offset voltage”
that is repeatable and very well controlled. The temperature-
proportional offset voltage is combined with the complementary
diode voltage to form a “virtual bandgap” voltage, implicit in
the network, although it never appears explicitly in the circuit.
Ultimately, this patented design makes it possible to control the
loop with only one amplifier. This technique also improves the
noise characteristics of the amplifier by providing more flexibil-
ity on the tradeoff of noise sources that leads to a low noise
design.
The R1, R2 divider is chosen in the same ratio as the bandgap
voltage to the output voltage. Although the R1, R2 resistor
divider is loaded by the diode D1, and a second divider consist-
ing of R3 and R4, the values are chosen to produce a tempera-
ture stable output. This unique arrangement specifically corrects
for the loading of the divider so that the error resulting from
base current loading in conventional circuits is avoided.
The patented amplifier controls a new and unique noninverting
driver that drives the pass transistor, Q1. The use of this special
noninverting driver enables the frequency compensation to
include the load capacitor in a pole splitting arrangement to
achieve reduced sensitivity to the value, type and ESR of the
load capacitance.
Most LDOs place strict requirements on the range of ESR val-
ues for the output capacitor because they are difficult to sta-
bilize due to the uncertainty of load capacitance and resistance.
Moreover, the ESR value, required to keep conventional LDOs
stable, changes depending on load and temperature. These ESR
limitations make designing with LDOs more difficult because
of their unclear specifications and extreme variations over
temperature.
This is no longer true with the ADP3303 anyCAP LDO. It can
be used with virtually any capacitor, with no constraint on the
minimum ESR. The innovative design allows the circuit to be
stable with just a small 0.47
µF capacitor on the output. Addi-
tional advantages of the pole splitting scheme include superior line
noise rejection and very high regulator gain, which leads to excel-
lent line and load regulation. An impressive
±1.4% accuracy is
guaranteed over line, load and temperature.
Additional features of the circuit include current limit, thermal
shutdown and noise reduction. Compared to standard solutions
that give warning after the output has lost regulation, the
ADP3303 provides improved system performance by enabling the
ERR Pin to give warning before the device loses regulation.
As the chip’s temperature rises above 165
°C, the circuit acti-
vates a soft thermal shutdown, indicated by a signal low on the
ERR Pin, to reduce the current to a safe level.
To reduce the noise gain of the loop, the node of the main di-
vider network (a) is made available at the noise reduction (NR)
pin, which can be bypassed with a small capacitor (10 nF–100 nF).
APPLICATION INFORMATION
Capacitor Selection
Output Capacitors: as with any micropower device, output
transient response is a function of the output capacitance. The
ADP3303 is stable with a wide range of capacitor values, types
and ESR. A capacitor as low as 0.47
µF is all that is needed for
stability; larger capacitors can be used if high output current
surges are anticipated. The ADP3303 is stable with extremely
low ESR capacitors (ESR
≈ 0), such as Multilayer Ceramic
Capacitors (MLCC) or OSCON.
Input Bypass Capacitor: an input bypass capacitor is not
required; for applications where the input source is high imped-
ance or far from the input pins, a bypass capacitor is recom-
mended. Connecting a 0.47
µF capacitor from the input pins to
ground reduces the circuit’s sensitivity to PC board layout. If a
larger value output capacitor is used, then a larger value input
capacitor is also recommended.
Noise Reduction
A noise reduction capacitor (CNR) can be used to further reduce
the noise by 6 dB–10 dB (Figure 21). Low leakage capacitors in
the 10 nF–100 nF range provide the best performance. Since
the noise reduction pin (NR) is internally connected to a high
impedance node, any connection to this node should be carefully
done to avoid noise pickup from external sources. The pad
connected to this pin should be as small as possible. Long PC
board traces are not recommended.
IN
OUT
ERR
GND
ADP3303-5.0
NR
+
6
7
8
1
2
3
4
5
ON
OFF
+
SD
CNR
10nF
C2
10 F
R1
330k
EOUT
C1
1 F
VOUT = 5V
VIN
SD
Figure 21. Noise Reduction Circuit


Số phần tương tự - ADP3303AR-3.2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADP3303AR-3.2-REEL AD-ADP3303AR-3.2-REEL Datasheet
271Kb / 16P
   200 mA Low Dropout Linear Regulator
REV. C
More results

Mô tả tương tự - ADP3303AR-3.2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADP3303ARZ-5 AD-ADP3303ARZ-5 Datasheet
382Kb / 9P
   High Accuracy anyCAP 200 mA Low Dropout Linear Regulator
REV. B
ADP3303ARZ-3 AD-ADP3303ARZ-3 Datasheet
382Kb / 9P
   High Accuracy anyCAP 200 mA Low Dropout Linear Regulator
REV. B
ADP3303AR-27 AD-ADP3303AR-27 Datasheet
382Kb / 8P
   High Accuracy anyCAP 200 mA Low Dropout Linear Regulator
ADP3303 AD-ADP3303 Datasheet
125Kb / 8P
   High Accuracy anyCAP??200 mA Low Dropout Linear Regulator
REV. A
ADP3303A AD-ADP3303A Datasheet
135Kb / 8P
   High Accuracy anyCAP??Adjustable 200 mA Low Dropout Linear Regulator
REV. A
ADP3301AR-3.3 AD-ADP3301AR-3.3 Datasheet
84Kb / 8P
   High Accuracy anyCAP 100 mA Low Dropout Linear Regulator
REV. 0
ADP3301 AD-ADP3301 Datasheet
125Kb / 8P
   High Accuracy anyCAP??100 mA Low Dropout Linear Regulator
REV. 0
ADP3307 AD-ADP3307 Datasheet
156Kb / 8P
   High Accuracy anyCAP??100 mA Low Dropout Linear Regulator
REV. 0
ADP3301ARZ-3 AD-ADP3301ARZ-3 Datasheet
128Kb / 8P
   High Accuracy anyCAP?? 100 mA Low Dropout Linear Regulator
REV. 0
ADP3301ARZ-3 AD-ADP3301ARZ-3 Datasheet
84Kb / 8P
   High Accuracy anyCAP 100 mA Low Dropout Linear Regulator
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com