công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
Z-15GW bảng dữ liệu(PDF) 4 Page - Omron Electronics LLC |
|
Z-15GW bảng dữ liệu(HTML) 4 Page - Omron Electronics LLC |
4 / 18 page 4 Z Z Standard Standard flexible rod types (except flexible rod types) (coil spring and steel wire type) Operating speed 0.01 mm to 1 m/second (see note 2) 1 mm to 1 m/second Operating frequency Mechanical 240 operations/min. 120 operations/min. Electrical 20 operations/min. 20 operations/min. Insulation resistance 100 M Ω min. (at 500 VDC) Contact resistance 50 m Ω max. (initial) 15 m Ω max. (initial) Dielectric strength (VAC) G contact gap model 1,000 VAC, 50/60 Hz for 1 minute between terminals of same polarity H contact gap model 600 VAC, 50/60 Hz for 1 minute 2,000 VAC, 50/60 Hz for 1 minute between current carrying metal parts and ground and between each terminal and non-current carrying metal parts Vibration Malfunction 10 to 55 Hz, 1.5 mm 10 to 20 Hz, 1.5 mm double amplitude (see note 4) double amplitude Shock Mechanical durability 1,000 m/s2 min. (approx. 100 g) Malfunction 300 m/s2 min. (approx. 30 g) (see note 3) 50 m/s2 min. (approx. 5 g) Ambient temperature Standard types -25 ° to 80°C (with no icing) Drip-proof types -15 ° to 80°C (with no icing) Humidity Standard types 35% to 85% RH Drip-proof types 35% to 95% RH Service life Mechanical G, H contact gap models 1,000,000 operations min. 20,000,000 operations min. (see note 4) Electrical G, H contact gap models 100,000 operations min. 500,000 operations min. (see note 2) Weight Approx. 22 to 58 g Approx. 42 to 48 g Characteristics s ACCESSORIES (order separately) ZAA-1 ZAA-2 Characteristics w/Z-15G-B w/Z-15G-B OF max. 500 g 500 g RF min. 170 g 170 g PT max. — — OT min. 12.7 mm 12.7 mm MD max. 2.2 mm 2.2 mm FP max. 34.5 mm 46.1 mm OP 28.9 ±1.6 mm 40.4 ±1.6 mm Operating Characteristics (when used with Z-15) Material Mounting method For solder terminal For screw terminal Remarks Phenolic resin Side mounting AP-A AP-B — Metal Side mounting AP1-A AP1-B Use in conjunction with AP-A and AP-B Polyvinyl chloride Side mounting AP-Z AP-Z Excels in safety and dust-proofing property Terminal enclosures - Standard models Note: 1. Data shown are of initial value. 2. Apply to the pin plunger models or the pin plunger of the lever models. 3. Apply to Z-15G. 4. Apply to the pin plunger models. |
Số phần tương tự - Z-15GW |
|
Mô tả tương tự - Z-15GW |