công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
V-10G6-2AR6-T bảng dữ liệu(PDF) 8 Page - Omron Electronics LLC |
|
V-10G6-2AR6-T bảng dữ liệu(HTML) 8 Page - Omron Electronics LLC |
8 / 16 page V V 117 Characteristics Operating speed 0.1 mm to 1 m/s (pin plunger models) Operating frequency Mechanical: 600 operations/min max. Electrical: 30 operations/min max. Insulation resistance 100 M Ω min. (at 500 VDC) Contact resistance (initial value) 15 m Ω max. Dielectric strength (t 2) 1,000 VAC, 50/60 Hz for 1 min between terminals of the same polarity g (see note 2) V-21, V-16, and V-11 models: 2,000 VAC, 50/60 Hz for 1 min between current-carrying metal parts and ground, and between each terminal and non-current-carrying metal parts V-15 and V-10 models: 1,500 VAC, 50/60 Hz for 1 min between current-carrying metal parts and ground, and between each terminal and non-current-carrying metal parts Vibration resistance (see note 3) Malfunction: 10 to 55 Hz, 1.5-mm double amplitude Shock resistance (see note 3) Destruction: 1,000 m/s2 {approx. 100G} max. Malfunction: V-21/V-16/V-15: 300 m/s2 {approx. 30G} max. V-11/V-10: 200 m/s2 {approx. 20G} max. Durability (see note 4) Mechanical: 50,000,000 operations min. (60 operations/min) Electrical: V-21/V-16/V-15: 100,000 operations min. (30 operations/min) (V-15 heat resistive: 20,000 operation min. (30 operations/min)) V-11/V-10: 300,000 operations min. (30 operations/min) (V-10 heat resistive: 50,000 operation min. (30 operations/min)) Degree of protection IEC IP40 Degree of protection against electric shock Class I Proof tracking index (PTI) 175 Ambient operating temperature –25 °C to 80°C (at ambient humidity of 60% max.) (with no icing) –25 °C to 150°C for heat-resistive model (at ambient humidity of 60% max.) (with no icing) Ambient operating humidity 85% max. (for 5 °C to 35°C) Weight Approx. 6.2 g (pin plunger models) Note: 1. The data given above are initial values. 2. The dielectric strength values shown in the table are for models with a Separator. 3. For the pin plunger models, the above values apply for use at both the free position and total travel position. For the lever models, they apply at the total travel position. 4. For testing conditions, contact your OMRON sales representative. Approved Standards Consult your OMRON sales representative for specific models with standard approvals. UL1054 (File No. E41515)/CSA C22.2 No. 55 (File NO. lR21642) Rated voltage V-21 V-16 V-15 V-11 V-10 125 VAC 21 A, 1/2 HP 16 A, 1/2 HP 15 A, 1/2 HP 11 A, 1/3 HP 10 A, 1/3 HP 250 VAC 125 VDC 0.6 A 0.6 A 0.6 A 0.6 A 0.6 A 250 VDC 0.3 A 0.3 A 0.3 A 0.3 A 0.3 A EN61058-01 (File No. 129608, VDE approval) Rated voltage V-21 V-16 V-11 250 VAC 20 (4) A 16 (4) A 11 (3) A Testing conditions: 5E4 (50,000 operations), T105 (0 °C to 105°C) EN61058-1 (File No. T9451451, TÜV Rheinland approval) Rated voltage V-15 V-10 250 VAC 15 A 10 A 250 VDC 0.3 A 0.3 A Testing conditions: 5E4 (50,000 operations), T85 (0 °C to 85°C) |
Số phần tương tự - V-10G6-2AR6-T |
|
Mô tả tương tự - V-10G6-2AR6-T |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |