công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
V-15G5-1AR6-T bảng dữ liệu(PDF) 2 Page - Omron Electronics LLC |
|
V-15G5-1AR6-T bảng dữ liệu(HTML) 2 Page - Omron Electronics LLC |
2 / 16 page V V 111 Available Combinations Terminal Thermoplastic case Thermosetting case Terminal Model V-21 V-16 V-11 V-15 V-10 Rated current 21 A 16 A 11 A 15 A 10 A COM terminal position Insulation barrier Heat resistance OF Terminal symbol 3.92 N {400 gf} 3.92 N {400 gf} 1.96 N {200 gf} 0.98 N {100 gf} 3.92 N {400 gf} 1.96 N {200 gf} 1.96 N {200 gf} 0.98 N {100 gf} Bottom No Standard (80 _C) Solder terminals (A) --- f F F f F F F Bottom No Standard (80 _C) Quick-connect terminals (#187) (C2) --- f F F f F F F Quick-connect terminals (#250) (C) F f F F f f f f Screw terminals (B) --- --- --- f (1.96 N) f F F F Heat it t Solder terminals (A) --- --- --- --- f F F F Heat resistant (150 _C) Quick-connect terminals (#187) (C2) --- --- --- --- f f f f Quick-connect terminals (#250) (C) --- --- --- --- --- --- --- --- Screw terminals (B) --- --- --- --- --- --- --- --- Yes Standard (80 _C) Solder terminals (A) --- f F --- --- --- --- --- Yes Standard (80 _C) Quick-connect terminals (#187) (C2) --- f F --- --- --- --- --- Quick-connect terminals (#250) (C) F f F --- --- --- --- --- Side No Standard (80 _C) Solder terminals (A) --- --- --- --- f F F F Side No Standard (80 _C) Quick-connect terminals (#187) (C2) --- --- --- --- f f f f Quick-connect terminals (#250) (C) f --- --- --- --- --- --- --- Note: 1. F: Standard f: Semi-standard 2. Consult your OMRON sales representative for spacific models with standard approvals. List of Models General-purpose Models (Only combinations with standard terminals are shown.) Thermoplastic Case Actuator COM ti l Contact f Terminals (t ) 21 A (OF: 3.92 N {400 gf}) terminal position form (see note) Without barrier Right-hand barrier Left-hand barrier Pin plunger Bottom SPDT C V-21-1C6 V-21-1CR6 V-21-1CL6 SPST-NC V-21-2C6 V-21-2CR6 V-21-2CL6 SPST-NO V-21-3C6 V-21-3CR6 V-21-3CL6 Short hinge lever SPDT V-211-1C6 V-211-1CR6 V-211-1CL6 Hinge lever V-212-1C6 V-212-1CR6 V-212-1CL6 Long hinge lever V-213-1C6 V-213-1CR6 V-213-1CL6 Simulated roller lever V-214-1C6 V-214-1CR6 V-214-1CL6 Short hinge roller lever V-215-1C6 V-215-1CR6 V-215-1CL6 Hinge roller lever V-216-1C6 V-216-1CR6 V-216-1CL6 Note: C: Quick-connect terminals (#250) |
Số phần tương tự - V-15G5-1AR6-T |
|
Mô tả tương tự - V-15G5-1AR6-T |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |