công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SB-19 bảng dữ liệu(PDF) 1 Page - List of Unclassifed Manufacturers

tên linh kiện SB-19
Giải thích chi tiết về linh kiện  Snap Fit Bushings
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

SB-19 bảng dữ liệu(HTML) 1 Page - List of Unclassifed Manufacturers

  SB-19 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Snap Fit Bushings
Page <1>
20/04/12 V1.1
www.element14.com
www.farnell.com
www.newark.com
www.cpc.co.uk
Important Notice : This data sheet and its contents (the "Information") belong to the members of the Premier Farnell group of companies (the "Group") or are licensed to it. No licence is granted for the use of
it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change without notice and replaces
all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, any error in or omission from it or for any use
made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make any assumptions based on information included or omitted.
Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or where the Group was aware of the possibility of such loss or damage arising)
is excluded. This will not operate to limit or restrict the Group's liability for death or personal injury resulting from its negligence. Pro-POWER is the registered trademark of the Group. © Premier Farnell plc 2012.
Features:
• Material : UL approved nylon 66, 94V-2 (Black)
• KSS SNAP bushing smooth and insulate your raw-edged holes in metal chassis
• Locking into hole firmly with fingertip pressure
• Protect electrical cables, ropes, utility lines through metal holes
• Available in application for chassis thickness from 0.8 mm to 3.2 mm
Dimensions : Millimetres
Specification Table
Dimensions : Millimetres
Mounting
Hole A
B
C
L
Packing
Part Number
9.5
6.3
12
10.3
100 pcs
SB-10
13
8.2
14.5
SB-13
15.9
12.2
18.6
SB-16
18.9
14.3
21.5
SB-19
22
17.3
23.8
11.5
SB-22
25.1
19.1
28
SB-26


Số phần tương tự - SB-19

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Gamewell-FCI by Honeywe...
SB-10 GAMEWELL-FCI-SB-10 Datasheet
389Kb / 2P
   Double action station
More results

Mô tả tương tự - SB-19

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Richco, Inc.
PGSB-24 RICHCO-PGSB-24 Datasheet
137Kb / 1P
   SNAP BUSHINGS CLOSED
logo
List of Unclassifed Man...
561-AF625 ETC2-561-AF625 Datasheet
244Kb / 2P
   ALL-FIT ADJUSTABLE BUSHINGS
774 ETC2-774 Datasheet
362Kb / 1P
   GROMMETS , BUSHINGS
561-MP2L10 ETC2-561-MP2L10 Datasheet
221Kb / 3P
   Strain Relief Bushings
MP13-302792 ETC2-MP13-302792 Datasheet
220Kb / 3P
   Strain Relief Bushings
561-MP2502 ETC2-561-MP2502 Datasheet
293Kb / 2P
   STANDARD INSULATING BUSHINGS
logo
PIC GmbH
MS-390-5 PIC-MS-390-5 Datasheet
215Kb / 2P
   Snap-fit-Netzspannungs
logo
Honeywell Accelerometer...
73JB10K HONEYWELL-ACC-73JB10K Datasheet
87Kb / 3P
   Plastic shaft and bushings
logo
List of Unclassifed Man...
8478 ETC2-8478 Datasheet
320Kb / 1P
   HOLE PLUGS and BUSHINGS
logo
PIC GmbH
MS-320-3 PIC-MS-320-3 Datasheet
214Kb / 2P
   Snap-fit-Miniatur-Reedsensor
More results


Html Pages

1


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com