công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD8601WARTZ-RL bảng dữ liệu(PDF) 5 Page - Analog Devices

tên linh kiện AD8601WARTZ-RL
Giải thích chi tiết về linh kiện  Precision CMOS, Single-Supply, Rail-to-Rail, Input/Output Wideband Operational Amplifiers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD8601WARTZ-RL bảng dữ liệu(HTML) 5 Page - Analog Devices

  AD8601WARTZ-RL Datasheet HTML 1Page - Analog Devices AD8601WARTZ-RL Datasheet HTML 2Page - Analog Devices AD8601WARTZ-RL Datasheet HTML 3Page - Analog Devices AD8601WARTZ-RL Datasheet HTML 4Page - Analog Devices AD8601WARTZ-RL Datasheet HTML 5Page - Analog Devices AD8601WARTZ-RL Datasheet HTML 6Page - Analog Devices AD8601WARTZ-RL Datasheet HTML 7Page - Analog Devices AD8601WARTZ-RL Datasheet HTML 8Page - Analog Devices AD8601WARTZ-RL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
AD8601/AD8602/AD8604
Rev. G | Page 5 of 24
ABSOLUTE MAXIMUM RATINGS
THERMAL RESISTANCE
Table 3.
Parameter
Rating
Supply Voltage
6 V
Input Voltage
GND to VS
Differential Input Voltage
±6 V
Storage Temperature Range
−65°C to +150°C
Operating Temperature Range
−40°C to +125°C
Junction Temperature Range
−65°C to +150°C
Lead Temperature Range (Soldering, 60 sec)
300°C
ESD
2 kV HBM
θJA is specified for worst-case conditions, that is, a device
soldered onto a circuit board for surface-mount packages using
a standard 4-layer board.
Table 4. Thermal Resistance
Package Type
θJA
θJC
Unit
5-Lead SOT-23 (RJ)
190
92
°C/W
8-Lead SOIC (R)
120
45
°C/W
8-Lead MSOP (RM)
142
45
°C/W
14-Lead SOIC (R)
115
36
°C/W
14-Lead TSSOP (RU)
112
35
°C/W
16-Lead QSOP (RQ)
115
36
°C/W
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION


Số phần tương tự - AD8601WARTZ-RL

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD8601WARTZ-RL AD-AD8601WARTZ-RL Datasheet
356Kb / 24P
   Precision CMOS, Single-Supply, Rail-to-Rail, Input/Output Wideband Operational Amplifiers
Rev. G
More results

Mô tả tương tự - AD8601WARTZ-RL

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD8602ARZ AD-AD8602ARZ Datasheet
350Kb / 24P
   Precision CMOS, Single-Supply, Rail-to-Rail, Input/Output Wideband Operational Amplifiers
Rev. G
AD8601 AD-AD8601_11 Datasheet
356Kb / 24P
   Precision CMOS, Single-Supply, Rail-to-Rail, Input/Output Wideband Operational Amplifiers
Rev. G
AD8601 AD-AD8601 Datasheet
255Kb / 16P
   Precision CMOS Single Supply Rail-to-Rail Input/Output Wideband Operational Amplifiers
REV. 0
AD8601 AD-AD8601_03 Datasheet
290Kb / 20P
   Precision CMOS Single-Supply Rail-to-Rail Input/Output Wideband Operational Amplifiers
REV. D
OP250 AD-OP250 Datasheet
209Kb / 16P
   CMOS Single-Supply Rail-to-Rail Input/Output Operational Amplifiers
REV. 0
OP-184 AD-OP-184 Datasheet
522Kb / 20P
   Precision Rail-to-Rail Input & Output Operational Amplifiers
REV. 0
OP184 AD-OP184 Datasheet
291Kb / 20P
   Precision Rail-to-Rail Input & Output Operational Amplifiers
REV. 0
AD8592 AD-AD8592_15 Datasheet
408Kb / 16P
   CMOS Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers with Shutdown
Rev. B
AD8592ARMZ-REEL AD-AD8592ARMZ-REEL Datasheet
408Kb / 16P
   CMOS Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers with Shutdown
REV. B
AD8591 AD-AD8591 Datasheet
227Kb / 15P
   CMOS Single Supply Rail-to-Rail Input/Output Operational Amplifiers with Shutdown
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com