công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM56BIM bảng dữ liệu(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LM56BIM
Giải thích chi tiết về linh kiện  LM56 Dual Output Low Power Thermostat
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

LM56BIM bảng dữ liệu(HTML) 11 Page - Texas Instruments

Back Button LM56BIM Datasheet HTML 7Page - Texas Instruments LM56BIM Datasheet HTML 8Page - Texas Instruments LM56BIM Datasheet HTML 9Page - Texas Instruments LM56BIM Datasheet HTML 10Page - Texas Instruments LM56BIM Datasheet HTML 11Page - Texas Instruments LM56BIM Datasheet HTML 12Page - Texas Instruments LM56BIM Datasheet HTML 13Page - Texas Instruments LM56BIM Datasheet HTML 14Page - Texas Instruments LM56BIM Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
LM56
www.ti.com
SNIS120G – APRIL 2000 – REVISED FEBRUARY 2013
VREF AND VTEMP CAPACITIVE LOADING
Figure 16. Loading of VREF and VTEMP
The LM56 VREF and VTEMP outputs handle capacitive loading well. Without any special precautions, these outputs
can drive any capacitive load as shown in Figure 16.
NOISY ENVIRONMENTS
Over the specified temperature range the LM56 VTEMPoutput has a maximum output impedance of 1500Ω. In an
extremely noisy environment it may be necessary to add some filtering to minimize noise pickup. It is
recommended that 0.1
μF be added from V+ to GND to bypass the power supply voltage, as shown in Figure 16.
In a noisy environment it may be necessary to add a capacitor from the VTEMP output to ground. A 1 μF output
capacitor with the 1500
Ω output impedance will form a 106 Hz lowpass filter. Since the thermal time constant of
the VTEMP output is much slower than the 9.4 ms time constant formed by the RC, the overall response time of
the VTEMP output will not be significantly affected. For much larger capacitors this additional time lag will increase
the overall response time of the LM56.
APPLICATIONS CIRCUITS
Figure 17. Reducing Errors Caused by Bias Current
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM56


Số phần tương tự - LM56BIM

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM56BIM NSC-LM56BIM Datasheet
370Kb / 13P
   Dual Output Low Power Thermostat
LM56BIM NSC-LM56BIM Datasheet
791Kb / 13P
   Dual Output Low Power Thermostat
logo
Texas Instruments
LM56BIM TI1-LM56BIM Datasheet
1Mb / 22P
[Old version datasheet]   Dual Output Low Power Thermostat
LM56BIM/NOPB TI1-LM56BIM/NOPB Datasheet
1Mb / 22P
[Old version datasheet]   Dual Output Low Power Thermostat
logo
National Semiconductor ...
LM56BIMM NSC-LM56BIMM Datasheet
370Kb / 13P
   Dual Output Low Power Thermostat
More results

Mô tả tương tự - LM56BIM

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM56 TI-LM56_15 Datasheet
1Mb / 22P
[Old version datasheet]   LM56 Dual Output Low Power Thermostat
LM56 TI1-LM56 Datasheet
1Mb / 22P
[Old version datasheet]   Dual Output Low Power Thermostat
logo
National Semiconductor ...
LM56 NSC-LM56_06 Datasheet
791Kb / 13P
   Dual Output Low Power Thermostat
LM56 NSC-LM56 Datasheet
370Kb / 13P
   Dual Output Low Power Thermostat
LM66 NSC-LM66 Datasheet
62Kb / 5P
   Dual Output Internally Preset Thermostat
logo
ELM Electronics
ELM341 ELM-ELM341 Datasheet
28Kb / 4P
   LOW POWER THERMOSTAT
logo
Rohm
BDJ0800AHFV ROHM-BDJ0800AHFV Datasheet
1Mb / 16P
   Temperature Sensor IC Low Current Thermostat Output
BDJ0700AHFV ROHM-BDJ0700AHFV Datasheet
1Mb / 16P
   Temperature Sensor IC Low Current Thermostat Output
BDJ0601HFV ROHM-BDJ0601HFV Datasheet
270Kb / 10P
   Low current Thermostat Output Temperature Sensor ICs
BDJ0550HFV ROHM-BDJ0550HFV Datasheet
255Kb / 10P
   Low current Thermostat Output Temperature Sensor ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com