công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM95245CIMMX bảng dữ liệu(PDF) 7 Page - Texas Instruments

tên linh kiện LM95245CIMMX
Giải thích chi tiết về linh kiện  Precision Remote Diode Digital Temperature Sensor
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM95245CIMMX bảng dữ liệu(HTML) 7 Page - Texas Instruments

Back Button LM95245CIMMX Datasheet HTML 3Page - Texas Instruments LM95245CIMMX Datasheet HTML 4Page - Texas Instruments LM95245CIMMX Datasheet HTML 5Page - Texas Instruments LM95245CIMMX Datasheet HTML 6Page - Texas Instruments LM95245CIMMX Datasheet HTML 7Page - Texas Instruments LM95245CIMMX Datasheet HTML 8Page - Texas Instruments LM95245CIMMX Datasheet HTML 9Page - Texas Instruments LM95245CIMMX Datasheet HTML 10Page - Texas Instruments LM95245CIMMX Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
VIH
VIL
SMBCLK
P
S
VIH
VIL
SMBDAT
tBUF
tHD;STA
tLOW
tR
tHD;DAT
tHIGH
tF
tSU;DAT
tSU;STA
tSU;STO
P
S
LM95245
www.ti.com
SNIS148G – OCTOBER 2007 – REVISED MARCH 2013
SMBus Digital Switching Characteristics
Unless otherwise noted, these specifications apply for VDD= +3.0 Vdc to +3.6 Vdc, CL (load capacitance) on output lines = 80
pF. Boldface limits apply for TA = TJ = TMIN to TMAX; all other limits TA = TJ = +25°C, unless otherwise noted.
The switching characteristics of the LM95245 fully meet or exceed the published specifications of the SMBus version 2.0. The
following parameters are the timing relationships between SMBCLK and SMBDAT signals related to the LM95245. They
adhere to, but are not necessarily, the SMBus specifications.
Unit
Parameter
Test Conditions
Typ(1)
Limits(2)
(Limit)
100
kHz (max)
fSMB
SMBus Clock Frequency
10
kHz (min)
4.7
µs (min)
tLOW
SMBus Clock Low Time
from VIN(0)max to VIN(0)max
25
ms (max)
tHIGH
SMBus Clock High Time
from VIN(1)min to VIN(1)min
4.0
µs (min)
tR,SMB
SMBus Rise Time
(3)
1
µs (max)
tF,SMB
SMBus Fall Time
(4)
0.3
µs (max)
CL = 400 pF,
tOF
Output Fall Time
250
ns (max)
IO = 3 mA,
(4)
SMBDAT and SMBCLK Time Low for Reset of
25
ms (min)
tTIMEOUT
Serial Interface (5)
35
ms (max)
tSU;DAT
Data In Setup Time to SMBCLK High
250
ns (min)
300
ns (min)
tHD;DAT
Data Out Stable after SMBCLK Low
1075
ns (max)
Start Condition SMBDAT Low to SMBCLK Low
tHD;STA
(Start condition hold before the first clock falling
100
ns (min)
edge)
Stop Condition SMBCLK High to SMBDAT Low
tSU;STO
100
ns (min)
(Stop Condition Setup)
SMBus Repeated Start-Condition Setup Time,
tSU;STA
0.6
µs (min)
SMBCLK High to SMBDAT Low
SMBus Free Time Between Stop and Start
tBUF
1.3
µs (min)
Conditions
(1)
Typical figures are at TA = 25°C and represent most likely parametric norms at the time of product characterization. The typical
specifications are not guaranteed.
(2)
Limits are guaranteed to TI's AOQL (Average Outgoing Quality Level).
(3)
The output rise time is measured from (VIN(0)max - 0.15V) to (VIN(1)min + 0.15V).
(4)
The output fall time is measured from (VIN(1)min + 0.15V) to (VIN(0)max - 0.15V).
(5)
Holding the SMBDAT and/or SMBCLK lines Low for a time interval greater than tTIMEOUT will reset the LM95245's SMBus state machine,
therefore setting SMBDAT and SMBCLK pins to a high impedance state.
Figure 2. SMBus Communication
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM95245


Số phần tương tự - LM95245CIMMX

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM95245CIMMX NSC-LM95245CIMMX Datasheet
521Kb / 24P
   Precision Remote Diode Digital Temperature Sensor with TruTherm??BJT Beta Compensation Technology for 45nm Process
LM95245CIMMX NSC-LM95245CIMMX Datasheet
574Kb / 26P
   Precision Remote Diode Digital Temperature Sensor with TruTherm짰 BJT Beta Compensation Technology for 45nm Process
LM95245CIMMX-1 NSC-LM95245CIMMX-1 Datasheet
521Kb / 24P
   Precision Remote Diode Digital Temperature Sensor with TruTherm??BJT Beta Compensation Technology for 45nm Process
LM95245CIMMX-1 NSC-LM95245CIMMX-1 Datasheet
574Kb / 26P
   Precision Remote Diode Digital Temperature Sensor with TruTherm짰 BJT Beta Compensation Technology for 45nm Process
More results

Mô tả tương tự - LM95245CIMMX

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM96163 TI1-LM96163 Datasheet
1Mb / 49P
[Old version datasheet]   Remote Diode Digital Temperature Sensor
LM63 TI1-LM63_14 Datasheet
1Mb / 41P
[Old version datasheet]   Accurate Remote Diode Digital Temperature Sensor
LM64 TI1-LM64 Datasheet
1Mb / 38P
[Old version datasheet]   Remote Diode Temperature Sensor
logo
National Semiconductor ...
LM95221 NSC-LM95221 Datasheet
282Kb / 16P
   Dual Remote Diode Digital Temperature Sensor with SMBus Interface
logo
Texas Instruments
LM95221 TI-LM95221_15 Datasheet
1,006Kb / 25P
[Old version datasheet]   Dual Remote Diode Digital Temperature Sensor with SMBus Interface
LM96063 TI1-LM96063_14 Datasheet
1Mb / 46P
[Old version datasheet]   Remote Diode Digital Temperature Sensor with Integrated Fan Control
logo
uPI Group Inc.
US5004 UPI-US5004 Datasheet
876Kb / 15P
   Digital Remote and Local Temperature Sensor
logo
National Semiconductor ...
LM95231 NSC-LM95231 Datasheet
464Kb / 4P
   TruTherm Precision Dual Remote Diode Temperature Sensor with SMBus Interface
LM95245 NSC-LM95245_08 Datasheet
574Kb / 26P
   Precision Remote Diode Digital Temperature Sensor with TruTherm짰 BJT Beta Compensation Technology for 45nm Process
logo
Texas Instruments
LM96063 TI1-LM96063 Datasheet
495Kb / 44P
[Old version datasheet]   LM96063 Remote Diode Digital Temperature Sensor with Integrated Fan Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com