công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM7171BIM bảng dữ liệu(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LM7171BIM
Giải thích chi tiết về linh kiện  LM7171 Very High Speed, High Output Current, Voltage Feedback Amplifier
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM7171BIM bảng dữ liệu(HTML) 4 Page - Texas Instruments

  LM7171BIM Datasheet HTML 1Page - Texas Instruments LM7171BIM Datasheet HTML 2Page - Texas Instruments LM7171BIM Datasheet HTML 3Page - Texas Instruments LM7171BIM Datasheet HTML 4Page - Texas Instruments LM7171BIM Datasheet HTML 5Page - Texas Instruments LM7171BIM Datasheet HTML 6Page - Texas Instruments LM7171BIM Datasheet HTML 7Page - Texas Instruments LM7171BIM Datasheet HTML 8Page - Texas Instruments LM7171BIM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
LM7171
SNOS760B – MAY 1999 – REVISED MARCH 2013
www.ti.com
±15V AC Electrical Characteristics
Unless otherwise noted, TJ = 25°C, V
+ = +15V, V= −15V, V
CM = 0V, and RL = 1 kΩ.
Symbol
Parameter
Conditions
LM7171AI
LM7171BI
Units
Typ(1)
Limit(2)
Limit(2)
SR
Slew Rate (3)
AV = +2, VIN = 13 VPP
4100
V/
μs
AV = +2, VIN = 10 VPP
3100
Unity-Gain Bandwidth
200
MHz
−3 dB Frequency
AV = +2
220
MHz
φm
Phase Margin
50
Deg
ts
Settling Time (0.1%)
AV = −1, VO = ±5V
42
ns
RL = 500Ω
tp
Propagation Delay
AV = −2, VIN = ±5V,
5
ns
RL = 500Ω
AD
Differential Gain (4)
0.01
%
φD
Differential Phase (4)
0.02
Deg
Second Harmonic Distortion(5)
fIN = 10 kHz
−110
dBc
fIN = 5 MHz
−75
dBc
Third Harmonic Distortion(5)
fIN = 10 kHz
−115
dBc
fIN = 5 MHz
−55
dBc
en
Input-Referred Voltage Noise
f = 10 kHz
14
nV/
√Hz
in
Input-Referred Current Noise
f = 10 kHz
1.5
pA/
√Hz
(1)
Typical values represent the most likely parametric norm.
(2)
All limits are specified by testing or statistical analysis.
(3)
Slew Rate is the average of the raising and falling slew rates.
(4)
Differential gain and phase are measured with AV = +2, VIN = 1 VPP at 3.58 MHz and both input and output 75Ω terminated.
(5)
Harmonics are measured with VIN = 1 VPP, AV = +2 and RL = 100Ω.
4
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LM7171


Số phần tương tự - LM7171BIM

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM7171BIM NSC-LM7171BIM Datasheet
615Kb / 20P
   Very High Speed, High Output Current, Voltage Feedback Amplifier
LM7171BIM NSC-LM7171BIM Datasheet
1Mb / 30P
   LM7171 Very High Speed, High Output Current, Voltage Feedback Amplifier
LM7171BIMNOPB NSC-LM7171BIMNOPB Datasheet
1Mb / 30P
   LM7171 Very High Speed, High Output Current, Voltage Feedback Amplifier
LM7171BIMX NSC-LM7171BIMX Datasheet
615Kb / 20P
   Very High Speed, High Output Current, Voltage Feedback Amplifier
LM7171BIMXNOPB NSC-LM7171BIMXNOPB Datasheet
1Mb / 30P
   LM7171 Very High Speed, High Output Current, Voltage Feedback Amplifier
More results

Mô tả tương tự - LM7171BIM

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM7171 NSC-LM7171_14 Datasheet
1Mb / 30P
   LM7171 Very High Speed, High Output Current, Voltage Feedback Amplifier
LM7171QML NSC-LM7171QML Datasheet
812Kb / 24P
   Very High Speed, High Output Current, Voltage Feedback Amplifier
LM7171 NSC-LM7171 Datasheet
615Kb / 20P
   Very High Speed, High Output Current, Voltage Feedback Amplifier
logo
Texas Instruments
LM7171QML TI1-LM7171QML_17 Datasheet
1Mb / 31P
[Old version datasheet]   Very High Speed, High Output Current, Voltage Feedback Amplifier
LM7171QML-SP TI1-LM7171QML-SP Datasheet
1Mb / 31P
[Old version datasheet]   Very High Speed, High Output Current, Voltage Feedback Amplifier
LM7171 TI1-LM7171 Datasheet
1Mb / 33P
[Old version datasheet]   Very High Speed, High Output Current, Voltage Feedback Amplifier
logo
National Semiconductor ...
LM7171QML-SP NSC-LM7171QML-SP_14 Datasheet
1Mb / 31P
   LM7171QML Very High Speed, High Output Current, Voltage Feedback Amplifier
logo
Texas Instruments
LM7171QML TI-LM7171QML_V02 Datasheet
1Mb / 34P
[Old version datasheet]   LM7171QML Very High Speed, High Output Current, Voltage Feedback Amplifier
APRIL 2013
LM7171QML TI-LM7171QML_V01 Datasheet
1Mb / 31P
[Old version datasheet]   LM7171QML Very High Speed, High Output Current, Voltage Feedback Amplifier
REVISED APRIL 2013
logo
Burr-Brown (TI)
OPA603 BURR-BROWN-OPA603 Datasheet
262Kb / 12P
   High Speed, Current-Feedback, High Voltage OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com