công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LMV934IPW bảng dữ liệu(PDF) 6 Page - Texas Instruments |
|
LMV934IPW bảng dữ liệu(HTML) 6 Page - Texas Instruments |
6 / 27 page Not Recommended for New Designs LMV932 DUAL, LMV934 QUAD LMV931 SINGLE SLOS441G – AUGUST 2004 – REVISED FEBRUARY 2006 www.ti.com Electrical Characteristics (continued) VCC+ = 1.8 V, VCC– = 0 V, VIC = VCC+/2, VO = VCC+/2, and RL > 1 MΩ (unless otherwise noted) PARAMETER TEST CONDITIONS TA MIN TYP MAX UNIT SR Slew rate(1) 25°C 0.35 V/ μS Φm Phase margin 25°C 67 ° Gain margin 25°C 7 dB Equivalent input Vn f = 1 kHz, VIC = 0.5 V 25°C 60 nV/ √Hz noise voltage Equivalent input In f = 1 kHz 25°C 0.06 pA/ √Hz noise current Total harmonic f = 1 kHz, AV = 1, RL = 600 Ω, THD 25°C 0.023 % distortion VID = 1 Vp-p Amplifier-to-amplifier 25°C 123 dB isolation(2) (1) Number specified is the slower of the positive and negative slew rates. (2) Input referred, VCC+ = 5 V and RL = 100 kΩ connected to 2.5 V. Each amplifier is excited, in turn, with a 1-kHz signal to produce VO = 3 Vp-p. 6 Copyright © 2004–2006, Texas Instruments Incorporated |
Số phần tương tự - LMV934IPW |
|
Mô tả tương tự - LMV934IPW |