công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LMV934IDE4 bảng dữ liệu(PDF) 4 Page - Texas Instruments |
|
LMV934IDE4 bảng dữ liệu(HTML) 4 Page - Texas Instruments |
4 / 27 page Not Recommended for New Designs LMV932 DUAL, LMV934 QUAD LMV931 SINGLE SLOS441G – AUGUST 2004 – REVISED FEBRUARY 2006 www.ti.com Absolute Maximum Ratings (1) over free-air temperature range (unless otherwise noted) MIN MAX UNIT VCC+ – VCC– Supply voltage(2) 5.5 V VID Differential input voltage(3) Supply voltage VI Input voltage range, either input VCC– – 0.2 VCC+ + 0.2 V Duration of output short circuit (one amplifier) to VCC± (4) (5) Unlimited D package (8 pin) 97 D package (14 pin) 86 DBV package 206 θJA Package thermal impedance(5) (6) °C/W DCK package 252 DGK package 172 PW package 113 TJ Operating virtual junction temperature 150 °C Tstg Storage temperature range –65 150 °C (1) Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. (2) All voltage values (except differential voltages and VCC specified for the measurement of IOS) are with respect to the network GND. (3) Differential voltages are at IN+ with respect to IN–. (4) Applies to both single-supply and split-supply operation. Continuous short-circuit operation at elevated ambient temperature can result in exceeding the maximum allowed junction temperature of 150°C. Output currents in excess of 45 mA over long term may adversely affect reliability. (5) Maximum power dissipation is a function of TJ(max), θJA, and TA. The maximum allowable power dissipation at any allowable ambient temperature is PD = (TJ(max) – TA)/θJA. Operating at the absolute maximum TJ of 150°C can affect reliability. (6) The package thermal impedance is calculated in accordance with JESD 51-7. Recommended Operating Conditions MIN MAX UNIT VCC Supply voltage (VCC+ – VCC–) 1.8 5 V TA Operating free-air temperature –40 125 °C ESD Protection TYP UNIT Human-Body Model 2000 V Machine Model 200 V 4 Copyright © 2004–2006, Texas Instruments Incorporated |
Số phần tương tự - LMV934IDE4 |
|
Mô tả tương tự - LMV934IDE4 |