công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LMZ10501SHE bảng dữ liệu(PDF) 1 Page - Texas Instruments

tên linh kiện LMZ10501SHE
Giải thích chi tiết về linh kiện  LMZ10501 1A SIMPLE SWITCHER Nano Module with 5.5V Maximum Input Voltage
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

LMZ10501SHE bảng dữ liệu(HTML) 1 Page - Texas Instruments

  LMZ10501SHE Datasheet HTML 1Page - Texas Instruments LMZ10501SHE Datasheet HTML 2Page - Texas Instruments LMZ10501SHE Datasheet HTML 3Page - Texas Instruments LMZ10501SHE Datasheet HTML 4Page - Texas Instruments LMZ10501SHE Datasheet HTML 5Page - Texas Instruments LMZ10501SHE Datasheet HTML 6Page - Texas Instruments LMZ10501SHE Datasheet HTML 7Page - Texas Instruments LMZ10501SHE Datasheet HTML 8Page - Texas Instruments LMZ10501SHE Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
10 mV/Div
500 MHz BW
1 µs/Div
COUT = 10 F 10V 0805 X5R
VOUT RIPPLE
0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0
20
30
40
50
60
70
80
90
100
LOAD CURRENT (A)
VOUT = 1.2V
VOUT = 1.8V
VOUT = 2.5V
VOUT = 3.3V
LMZ10501
www.ti.com
SNVS677D – MAY 2011 – REVISED MARCH 2013
LMZ10501 1A SIMPLE SWITCHER® Nano Module with 5.5V Maximum Input Voltage
Check for Samples: LMZ10501
1
FEATURES
DESCRIPTION
The LMZ10501 SIMPLE SWITCHER® nano module
2
Integrated Inductor
is an easy-to-use step-down DC-DC solution capable
Miniature Form Factor (3.0 mm x 2.5 mm x
of driving up to 1A load in space-constrained
1.425 mm)
applications. Only an input capacitor, an output
8-pin LLP Footprint
capacitor, a small VCON filter capacitor, and two
resistors are required for basic operation. The nano
-40°C to 125°C Junction Temperature Range
module comes in 8-pin POS footprint package with
Adjustable Output Voltage
an integrated inductor. Internal current limit based
2.0MHz Fixed PWM Switching Frequency
softstart function, current overload protection, and
thermal shutdown are also provided.
Integrated Compensation
Soft Start Function
System Performance
Current Limit Protection
(Quick Overview Links: VOUT = 1.2V, 1.8V, 2.5V,
Thermal Shutdown Protection
3.3V)
Input Voltage UVLO for Power-up, Power-
down, and Brown-out Conditions
Typical Efficiency at VIN = 3.6V
Only 5 External Components — Resistor
Divider and 3 Ceramic Capacitors
APPLICATIONS
Point of Load Conversions From 3.3V and 5V
Rails
Space Constrained Applications
Low Output Noise Applications
ELECTRICAL SPECIFICATIONS
Up to 1A Output Current
Input Voltage Range 2.7V to 5.5V
Output Voltage Range 0.6V to 3.6V
Efficiency up to 95%
Output Voltage Ripple
PERFORMANCE BENEFITS
VIN = 5.0V, VOUT = 1.8V, IOUT = 1A
Small Solution Size
Low Output Voltage Ripple
Easy Component Selection and Simple PCB
Layout
High Efficiency Reduces System Heat
Generation
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2011–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Số phần tương tự - LMZ10501SHE

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LMZ10501SHE TI-LMZ10501SHE Datasheet
864Kb / 25P
[Old version datasheet]   LMZ10501 1A SIMPLE SWITCHER Nano Module with 5.5V Maximum Input Voltage
LMZ10501SHE/NOPB TI1-LMZ10501SHE/NOPB Datasheet
907Kb / 25P
[Old version datasheet]   LMZ10501 1A SIMPLE SWITCHER Nano Module with 5.5V Maximum Input Voltage
More results

Mô tả tương tự - LMZ10501SHE

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LMZ10501SHE TI-LMZ10501SHE Datasheet
864Kb / 25P
[Old version datasheet]   LMZ10501 1A SIMPLE SWITCHER Nano Module with 5.5V Maximum Input Voltage
LMZ10501SHX TI1-LMZ10501SHX Datasheet
907Kb / 25P
[Old version datasheet]   LMZ10501 1A SIMPLE SWITCHER Nano Module with 5.5V Maximum Input Voltage
LMZ10501 TI1-LMZ10501 Datasheet
1Mb / 22P
[Old version datasheet]   LMZ10501 1A SIMPLE SWITCHER짰 Nano Module with 5.5V Maximum Input Voltage
logo
National Semiconductor ...
LMZ10501 NSC-LMZ10501 Datasheet
1Mb / 20P
   1A SIMPLE SWITCHER짰 Nano Module with 5.5V Maximum Input Voltage
LMZ10500 NSC-LMZ10500 Datasheet
1Mb / 20P
   650mA SIMPLE SWITCHER짰 Nano Module with 5.5V Maximum Input Voltage
logo
Texas Instruments
LMZ10501 TI1-LMZ10501_16 Datasheet
1Mb / 31P
[Old version datasheet]   LMZ10501 1-A SIMPLE SWITCHER짰 Nano Module With 5.5-V Maximum Input Voltage
LMZ10500 TI1-LMZ10500 Datasheet
1Mb / 22P
[Old version datasheet]   LMZ10500 650mA SIMPLE SWITCHER짰 Nano Module with 5.5V Maximum Input Voltage
logo
National Semiconductor ...
LMZ10504 NSC-LMZ10504_1 Datasheet
657Kb / 22P
   4A SIMPLE SWITCHER짰Power Module with 5.5V Maximum Input Voltage
LMZ10505_1006 NSC-LMZ10505_1006 Datasheet
662Kb / 22P
   5A SIMPLE SWITCHER짰 Power Module with 5.5V Maximum Input Voltage
LMZ23605TZ NSC-LMZ23605TZ Datasheet
1Mb / 22P
   5A SIMPLE SWITCHER Power Module with 36V Maximum Input Voltage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com