công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LMH6503MAX bảng dữ liệu(PDF) 7 Page - Texas Instruments

tên linh kiện LMH6503MAX
Giải thích chi tiết về linh kiện  LMH6503 Wideband, Low Power, Linear Variable Gain Amplifier
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

LMH6503MAX bảng dữ liệu(HTML) 7 Page - Texas Instruments

Back Button LMH6503MAX Datasheet HTML 3Page - Texas Instruments LMH6503MAX Datasheet HTML 4Page - Texas Instruments LMH6503MAX Datasheet HTML 5Page - Texas Instruments LMH6503MAX Datasheet HTML 6Page - Texas Instruments LMH6503MAX Datasheet HTML 7Page - Texas Instruments LMH6503MAX Datasheet HTML 8Page - Texas Instruments LMH6503MAX Datasheet HTML 9Page - Texas Instruments LMH6503MAX Datasheet HTML 10Page - Texas Instruments LMH6503MAX Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
1k
100k
10M
1G
FREQUENCY (Hz)
100M
1M
10k
3
-5
-3
0
2
1
-1
-2
-4
-6
-7
40
-120
-80
-20
20
0
-40
-60
-100
-160
-7
PHASE
GAIN
25°C
VS = ±2.5V
0.55V
-0.48V
0V
AVMAX = 10
GAIN NORMALIZED TO
LOW FREQUENCY
VALUE AT EACH VG
-0.48V
0V
f (25 MHz/DIV)
0
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
1
-270
-225
-180
-135
-90
-45
45
90
135
180
2
3
225
270
GAIN
PHASE
VOUT = 0.5VPP
SEE NOTE 12
100
10
2
100
10
2
750
1k
2.4k
AVMAX
RF(k:)
1
1k
100k
10M
1G
FREQUENCY (Hz)
-9
-6
-3
100M
1M
10k
0
-1
-4
-5
-7
-2
-8
-350
150
-200
-50
100
50
-100
-150
-250
0
-300
GAIN
PHASE
AVMAX = 10, VG = VGMAX
GAIN/PHASE DATA
NORMALIZED TO LOW
FREQUENCY VALUE AT 25°C
-40°C
25°C
85°C
-40°C
25°C
85°C
1
1k
100k
10M
1G
FREQUENCY (Hz)
-9
-6
-3
100M
1M
10k
0
-1
-4
-5
-7
-2
-8
-160
40
-100
-40
20
0
-60
-80
-120
-20
-140
GAIN
PHASE
AVMAX = 10
GAIN NORMALIZED TO LOW
FREQUENCY VALUE AT
EACH VG
1.2V
-0.4V
-1.0V
1.2V
-0.4V
-1.0V
1M
10M
100M
1G
FREQUENCY (Hz)
-20
-18
-15
-13
-10
-8
-5
-3
0
3
5
RF = 920:, RG = 820:
RF = 2.4k:, RG = 2.1k:
VOUT = 0.5VPP
AVMAX = 2
100k
1M
10M
100M
1G
FREQUENCY (Hz)
-35
-30
-25
-20
-15
-10
-5
0
5
-270
-225
-180
-135
-90
-45
0
45
90
VOUT = 5VPP
AVMAX = 2
RF = 2.4k:
RG = 2.15k:
GAIN
PHASE
LMH6503
www.ti.com
SNOSA78E – OCTOBER 2003 – REVISED APRIL 2013
Typical Performance Charateristics
Unless otherwise specified: VS = ±5V, 25°C, VG = VG_MAX, VCM = 0V, RF = 1kΩ, RG = 174Ω, both inputs terminated in 50Ω, RL
= 100
Ω, Typical values, results referred to device output:
Small Signal Frequency Response (AV = 2)
Large Signal Frequency Response (AV = 2)
Figure 4.
Figure 5.
Frequency Response over Temperature (AV = 10)
Frequency Response for Various VG (AVMAX = 10)
Figure 6.
Figure 7.
Frequency Response for Various VG (AVMAX = 10) (±2.5V)
Small Signal Frequency Response
Figure 8.
Figure 9.
Copyright © 2003–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LMH6503


Số phần tương tự - LMH6503MAX

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LMH6503MAX NSC-LMH6503MAX Datasheet
1,009Kb / 20P
   Wideband, Low Power, Linear Variable Gain Amplifier
logo
Texas Instruments
LMH6503MAX TI-LMH6503MAX Datasheet
1Mb / 33P
[Old version datasheet]   LMH6503 Wideband, Low Power, Linear Variable Gain Amplifier
LMH6503MAX/NOPB TI1-LMH6503MAX/NOPB Datasheet
1Mb / 33P
[Old version datasheet]   LMH6503 Wideband, Low Power, Linear Variable Gain Amplifier
More results

Mô tả tương tự - LMH6503MAX

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LMH6503MAX TI-LMH6503MAX Datasheet
1Mb / 33P
[Old version datasheet]   LMH6503 Wideband, Low Power, Linear Variable Gain Amplifier
LMH6503 TI1-LMH6503 Datasheet
1Mb / 33P
[Old version datasheet]   LMH6503 Wideband, Low Power, Linear Variable Gain Amplifier
logo
National Semiconductor ...
LMH6503 NSC-LMH6503 Datasheet
1,009Kb / 20P
   Wideband, Low Power, Linear Variable Gain Amplifier
LMH6502 NSC-LMH6502 Datasheet
941Kb / 19P
   Wideband, Low Power, Linear-in-dB Variable Gain Amplifier
logo
Intersil Corporation
LMH6505 INTERSIL-LMH6505 Datasheet
715Kb / 18P
   Wideband, Low Power, Linear-in-dB, Variable Gain Amplifier
logo
National Semiconductor ...
LMH6505 NSC-LMH6505 Datasheet
1Mb / 20P
   Wideband, Low Power, Linear-in-dB, Variable Gain Amplifier
logo
Texas Instruments
LMH6504 TI1-LMH6504_14 Datasheet
1Mb / 29P
[Old version datasheet]   Wideband, Low Power, Variable Gain Amplifier
logo
National Semiconductor ...
LMH6504 NSC-LMH6504 Datasheet
759Kb / 19P
   Wideband, Low Power, Variable Gain Amplifier
logo
Texas Instruments
LMH6502 TI-LMH6502_15 Datasheet
1Mb / 29P
[Old version datasheet]   LMH6502 Wideband, Low Power, Linear-in-dB Variable Gain Amplifier
LMH6505 TI1-LMH6505 Datasheet
1Mb / 30P
[Old version datasheet]   LMH6505 Wideband, Low Power, Linear-in-dB, Variable Gain Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com