công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LMH6503MT bảng dữ liệu(PDF) 3 Page - Texas Instruments |
|
|
LMH6503MT bảng dữ liệu(HTML) 3 Page - Texas Instruments |
3 / 33 page LMH6503 www.ti.com SNOSA78E – OCTOBER 2003 – REVISED APRIL 2013 Absolute Maximum Ratings (1) (2) ESD Tolerance:(3) Human Body 2KV Machine Model 200V Input Current ±10mA VIN Differential ±(V+ −V−) Output Current 120mA(4) Supply Voltages (V+ - V−) 12.6V Voltage at Input/ Output pins V+ +0.8V,V− - 0.8V Soldering Information: Infrared or Convection (20 sec) 235°C Wave Soldering (10 sec) 260°C Storage Temperature Range −65°C to +150°C Junction Temperature +150°C (1) Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is intended to be functional, but specific performance is not ensured. For ensured specifications, see the Electrical Characteristics tables. (2) If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/Distributors for availability and specifications. (3) Human body model: 1.5k Ω in series with 100pF. Machine model: 0Ω in series with 200pF. (4) The maximum output current (IOUT) is determined by device power dissipation limitations or value specified, whichever is lower. Operating Ratings (1) Supply Voltages (V+ - V−) 5V to 12V Temperature Range −40°C to +85°C Thermal Resistance: θJA θJC 14-Pin SOIC 138°C/W 45°C/W 14-Pin TSSOP 160°C/W 51°C/W (1) Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is intended to be functional, but specific performance is not ensured. For ensured specifications, see the Electrical Characteristics tables. Copyright © 2003–2013, Texas Instruments Incorporated Submit Documentation Feedback 3 Product Folder Links: LMH6503 |
Số phần tương tự - LMH6503MT |
|
Mô tả tương tự - LMH6503MT |