công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LMH6503 bảng dữ liệu(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LMH6503
Giải thích chi tiết về linh kiện  LMH6503 Wideband, Low Power, Linear Variable Gain Amplifier
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

LMH6503 bảng dữ liệu(HTML) 5 Page - Texas Instruments

  LMH6503 Datasheet HTML 1Page - Texas Instruments LMH6503 Datasheet HTML 2Page - Texas Instruments LMH6503 Datasheet HTML 3Page - Texas Instruments LMH6503 Datasheet HTML 4Page - Texas Instruments LMH6503 Datasheet HTML 5Page - Texas Instruments LMH6503 Datasheet HTML 6Page - Texas Instruments LMH6503 Datasheet HTML 7Page - Texas Instruments LMH6503 Datasheet HTML 8Page - Texas Instruments LMH6503 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
LMH6503
www.ti.com
SNOSA78E – OCTOBER 2003 – REVISED APRIL 2013
Electrical Characteristics
(1) (continued)
Unless otherwise specified, all limits ensured for TJ = 25°C, VS = ±5V, AV(MAX) = 10, VCM = 0V, RF = 1kΩ, RG = 174Ω, VIN_DIFF
= ±0.1V, RL = 100Ω, VG = +1V. Boldface limits apply at the temperature extremes.
Parameter
Test Conditions
Min(2)
Typ(2)
Max(2)
Units
DC & Miscellaneous Performance
GACCU
Gain Accuracy (see Application
VG =1.0V
+0.25
+0.9/
−0.4
Information)
0V < VG < 1V
±0.3
+1.3/
−1.5
dB
−0.7V < VG < 1V
±0.4
+4.4/
−4.3
G Match
Gain Matching (see Application
VG = 1.0
±0.7
Information)
0 < VG < 1V
+1.7/
−1.1
dB
−0.7V < VG < 1V
+4.0/
−4.7
K
Gain Multiplier (see Application
1.58
1.72
1.87
V/V
Information)
1.58
1.91
VCM
Input Voltage Range
Pin 3 & 6 Common Mode,
±2.0
±2.2
V
|CMRR| > 50dB(6)
±1.80
VIN_ DIFF
Differential Input Voltage
Across pins 3 & 6
±0.34
±0.37
V
±0.28
IRG MAX
RG Current
Pins 4 & 5
±1.70
±2.30
mA
±1.60
IBIAS
Bias Current
Pins 3 & 6(7)
11
18
20
µA
Pins 3 & 6(7),
3
10
VS= ±2.5V
13
TCBIAS
Bias Current Drift
Pin 3 & 6(8)
100
nA/°C
I OFF
Offset Current
Pin 3 & 6
0.01
2.0
µA
2.5
TC IOFF
Offset Current Drift
See(8)
5
nA/°C
RIN
Input Resistance
Pin 3 & 6
750
k
CIN
Input Capacitance
Pin 3 & 6
5
pF
IVG
VG Bias Current
Pin 2, VG = 1.4V
(7)
45
µA
TC IVG
VG Bias Drift
Pin 2(8)
20
nA/°C
R VG
VG Input Resistance
Pin 2
70
K
C VG
VG Input Capacitance
Pin 2
1.3
pF
VOUT
Output Voltage Range
RL = 100Ω
±3.00
±3.20
±2.97
V
RL Open
±3.95
±4.05
±3.90
ROUT
Output Impedance
DC
0.1
IOUT
Output Current
VOUT ±4V from Rails
±75
±90
mA
±70
VO OFFSET
Output Offset Voltage
−1V < VG < 1V
±80
±350
mV
±380
+PSRR
+Power Supply Rejection Ratio
Input Referred, 1V change,
−80
−58
dB
(See(9))
VG = 1.4V
−56
−PSRR
−Power Supply Rejection Ratio
Input Referred, 1V change,
−67
−57
dB
(See(9))
VG = 1.4V
−51
CMRR
Common Mode Rejection Ratio
Input Referred, VG = 1V
−67
dB
(See(10))
−1.8V < VCM < 1.8V
(6)
CMRR definition: [|
ΔVOUT/ΔVCM|/AV] with 0.1V differential input voltage. ΔVOUT is the change in output voltage with offset shift
subtracted out.
(7)
Positive current correspondes to current flowing in the device.
(8)
Drift determined by dividing the change in parameter distribution at temperature extremes by the total temperature change.
(9)
+PSRR definition: [|
ΔVOUT/ΔV
+| /A
V], -PSRR definition: [|ΔVOUT/ΔV
| /A
V] with 0.1V differential input voltage. ΔVOUT is the change in
output voltage with offset shift subtracted out.
(10) CMRR definition: [|
ΔVOUT/ΔVCM|/AV] with 0.1V differential input voltage. ΔVOUT is the change in output voltage with offset shift
subtracted out.
Copyright © 2003–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LMH6503


Số phần tương tự - LMH6503

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LMH6503 NSC-LMH6503 Datasheet
1,009Kb / 20P
   Wideband, Low Power, Linear Variable Gain Amplifier
logo
Texas Instruments
LMH6503 TI-LMH6503 Datasheet
1Mb / 33P
[Old version datasheet]   LMH6503 Wideband, Low Power, Linear Variable Gain Amplifier
LMH6503 TI1-LMH6503 Datasheet
1Mb / 33P
[Old version datasheet]   LMH6503 Wideband, Low Power, Linear Variable Gain Amplifier
logo
National Semiconductor ...
LMH6503MA NSC-LMH6503MA Datasheet
1,009Kb / 20P
   Wideband, Low Power, Linear Variable Gain Amplifier
logo
Texas Instruments
LMH6503MA TI-LMH6503MA Datasheet
1Mb / 33P
[Old version datasheet]   LMH6503 Wideband, Low Power, Linear Variable Gain Amplifier
More results

Mô tả tương tự - LMH6503

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LMH6503MAX TI-LMH6503MAX Datasheet
1Mb / 33P
[Old version datasheet]   LMH6503 Wideband, Low Power, Linear Variable Gain Amplifier
LMH6503 TI1-LMH6503 Datasheet
1Mb / 33P
[Old version datasheet]   LMH6503 Wideband, Low Power, Linear Variable Gain Amplifier
logo
National Semiconductor ...
LMH6503 NSC-LMH6503 Datasheet
1,009Kb / 20P
   Wideband, Low Power, Linear Variable Gain Amplifier
LMH6502 NSC-LMH6502 Datasheet
941Kb / 19P
   Wideband, Low Power, Linear-in-dB Variable Gain Amplifier
logo
Intersil Corporation
LMH6505 INTERSIL-LMH6505 Datasheet
715Kb / 18P
   Wideband, Low Power, Linear-in-dB, Variable Gain Amplifier
logo
National Semiconductor ...
LMH6505 NSC-LMH6505 Datasheet
1Mb / 20P
   Wideband, Low Power, Linear-in-dB, Variable Gain Amplifier
logo
Texas Instruments
LMH6504 TI1-LMH6504_14 Datasheet
1Mb / 29P
[Old version datasheet]   Wideband, Low Power, Variable Gain Amplifier
logo
National Semiconductor ...
LMH6504 NSC-LMH6504 Datasheet
759Kb / 19P
   Wideband, Low Power, Variable Gain Amplifier
logo
Texas Instruments
LMH6502 TI-LMH6502_15 Datasheet
1Mb / 29P
[Old version datasheet]   LMH6502 Wideband, Low Power, Linear-in-dB Variable Gain Amplifier
LMH6505 TI1-LMH6505 Datasheet
1Mb / 30P
[Old version datasheet]   LMH6505 Wideband, Low Power, Linear-in-dB, Variable Gain Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com