công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LMH2121 bảng dữ liệu(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LMH2121
Giải thích chi tiết về linh kiện  LMH2121 3 GHz Fast-Responding Linear Power Detector with 40 dB Dynamic Range
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

LMH2121 bảng dữ liệu(HTML) 7 Page - Texas Instruments

Back Button LMH2121 Datasheet HTML 3Page - Texas Instruments LMH2121 Datasheet HTML 4Page - Texas Instruments LMH2121 Datasheet HTML 5Page - Texas Instruments LMH2121 Datasheet HTML 6Page - Texas Instruments LMH2121 Datasheet HTML 7Page - Texas Instruments LMH2121 Datasheet HTML 8Page - Texas Instruments LMH2121 Datasheet HTML 9Page - Texas Instruments LMH2121 Datasheet HTML 10Page - Texas Instruments LMH2121 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
FREQUENCY (Hz)
100
75
50
25
0
-25
-50
-75
-100
10M
100M
1G
10G
R
X
MEASURED ON BUMP
|Z|
Z = R + jX
RF INPUT POWER (dBm)
100
10
1
0.1
-40
-30
-20
-10
0
10
20
85°C
25°C
-40°C
RFin = 1900 MHz
OUT = 2.5V
RF INPUT POWER (dBm)
6
5
4
3
2
1
0
-40
-30
-20
-10
0
10
20
85°C
25°C
-40°C
RF INPUT POWER (dBm)
100
10
1
0.1
-40
-30
-20
-10
0
10
20
85°C
25°C
-40°C
RFin = 1900 MHz
OUT = 0V
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
5
4
3
2
1
0
SUPPLY VOLTAGE (V)
-40°C
85°C
25°C
EN = HIGH
0.5
0.6
0.7
0.8
0.9
1.0
5
4
3
2
1
0
ENABLE VOLTAGE (V)
-40°C
85°C
25°C
LMH2121
www.ti.com
SNVS876A – AUGUST 2012 – REVISED MARCH 2013
TYPICAL PERFORMANCE CHARACTERISTICS
Unless otherwise specified TA = 25°C, VDD = 2.7V, RFIN = 1900 MHz CW (Continuous Wave, unmodulated). Specified errors
are input referred.
Supply Current vs. Supply Voltage
Supply Current vs. Enable Voltage
Figure 3.
Figure 4.
Supply Current vs. RF Input Power
Output Sourcing Current vs. RF Input Power
Figure 5.
Figure 6.
RF Input Impedance
Output Sinking Current vs. RF Input Power
vs. Frequency, Resistance (R) and Reactance (X)
Figure 7.
Figure 8.
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LMH2121


Số phần tương tự - LMH2121

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LMH2121 TI1-LMH2121 Datasheet
1Mb / 30P
[Old version datasheet]   3 GHz Fast-Responding Linear Power Detector with 40 dB Dynamic Range
LMH2121TME TI1-LMH2121TME Datasheet
1Mb / 30P
[Old version datasheet]   3 GHz Fast-Responding Linear Power Detector with 40 dB Dynamic Range
LMH2121TME/NOPB TI1-LMH2121TME/NOPB Datasheet
1Mb / 30P
[Old version datasheet]   3 GHz Fast-Responding Linear Power Detector with 40 dB Dynamic Range
LMH2121TMX/NOPB TI1-LMH2121TMX/NOPB Datasheet
1Mb / 30P
[Old version datasheet]   3 GHz Fast-Responding Linear Power Detector with 40 dB Dynamic Range
More results

Mô tả tương tự - LMH2121

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LMH2121 TI1-LMH2121 Datasheet
1Mb / 30P
[Old version datasheet]   3 GHz Fast-Responding Linear Power Detector with 40 dB Dynamic Range
LMH2120 TI1-LMH2120 Datasheet
1Mb / 34P
[Old version datasheet]   6 GHz Linear RMS Power Detector with 40 dB Dynamic Range
logo
Analog Devices
ADL6010ACPZN-R2 AD-ADL6010ACPZN-R2 Datasheet
457Kb / 10P
   Fast Responding, 45-dB Range 500 MHz to 40 GHz Power Detector
Rev. PrB
logo
Texas Instruments
LMH2120 TI-LMH2120_15 Datasheet
1Mb / 34P
[Old version datasheet]   LMH2120 6 GHz Linear RMS Power Detector with 40 dB Dynamic Range
logo
Analog Devices
ADL6010 AD-ADL6010_17 Datasheet
1Mb / 22P
   Fast Responding, 45 dB Range, 0.5 GHz to 43.5 GHz Envelope Detector
ADL6010 AD-ADL6010_V01 Datasheet
1Mb / 23P
   Fast Responding, 45 dB Range, 0.5 GHz to 43.5 GHz Envelope Detector
Rev. E
ADL6010 AD-ADL6010 Datasheet
1Mb / 22P
   Fast Responding, 45 dB Range, 0.5 GHz to 43.5 GHz Envelope Detector
logo
National Semiconductor ...
LMH2110 NSC-LMH2110 Datasheet
161Kb / 4P
   8 GHz Logarithmic RMS Power Detector with 45 dB Dynamic Range
logo
Texas Instruments
LMH2110 TI1-LMH2110_16 Datasheet
1Mb / 36P
[Old version datasheet]   8-GHz Logarithmic RMS Power Detector with 45-dB Dynamic Range
LMH2110 TI-LMH2110_15 Datasheet
1Mb / 36P
[Old version datasheet]   LMH2110 8-GHz Logarithmic RMS Power Detector with 45-dB Dynamic Range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com