công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LMH1980 bảng dữ liệu(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LMH1980
Giải thích chi tiết về linh kiện  LMH1980 Auto-Detecting SD/HD/PC Video Sync Separator
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

LMH1980 bảng dữ liệu(HTML) 5 Page - Texas Instruments

  LMH1980 Datasheet HTML 1Page - Texas Instruments LMH1980 Datasheet HTML 2Page - Texas Instruments LMH1980 Datasheet HTML 3Page - Texas Instruments LMH1980 Datasheet HTML 4Page - Texas Instruments LMH1980 Datasheet HTML 5Page - Texas Instruments LMH1980 Datasheet HTML 6Page - Texas Instruments LMH1980 Datasheet HTML 7Page - Texas Instruments LMH1980 Datasheet HTML 8Page - Texas Instruments LMH1980 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
VIN
CSOUT
HSOUT
BPOUT
VSOUT
OEOUT
COLOR
BURST
START OF FIELD 1
ODD FIELD
LINE #
1
3
4
5
6
7
9
10
11
525
2
8
3H
H
3H
3H
TVSOUT = 3H
H
½ H
VERTICAL SYNC
SERRATION
TP2
Odd/Even
Field Output
2
1
TP3
Burst/Back
Porch Output
2
1
TP4
Composite
Sync Output
2
1
TP5
Vertical Sync
Output
2
1
TP6
Horizontal
Sync Output
2
1
R6
100:
R7
100:
R8
100:
R4
100:
R5
100:
7
6
8
9
10
OEOUT
BPOUT
CSOUT
VSOUT
HSOUT
LMH1980
4
5
3
2
1
REXT
GND
VCC
VIN
HD
U2
R2
10 k:
1%
C5
0.1 PF
C3
0.1 PF
C4
10 PF
R3
10 k:
R10
100:
TP1
HD Detect Flag Output
2
1
J2
GND
TP7
GND
1
1
J1
VCC
TP8
VCC
1
1
R9
100:
C2
560 pF
C1
*OPT
Q1
MMBT3904
R1
75:
BNC
J3
LMH1980
www.ti.com
SNLS263A – JULY 2007 – REVISED MARCH 2013
LMH1980 Test Circuit
Figure 2. Test Circuit
The LMH1980 test circuit is shown in Figure 2. The video generator should provide a clean, low-noise video input
signal with minimal sync pulse overshoot over 75
Ω coaxial cable, which should be impedance-matched with a
75
Ω load termination resistor to prevent unwanted signal distortion. The output waveforms should be monitored
using a low-capacitance probe on an oscilloscope with at least 500 MHz bandwidth. See PCB LAYOUT
CONSIDERATIONS for more information about signal and supply trace routing and component placement. Also,
refer to the “LMH1980 Evaluation Board Instruction Manual” Application Note (AN-1618 [SNLA096]).
SDTV Vertical Interval Timing Diagrams (NTSC, PAL, 480I, 576I)
Figure 3. NTSC Odd Field Vertical Interval
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LMH1980


Số phần tương tự - LMH1980

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LMH1980 NSC-LMH1980 Datasheet
746Kb / 14P
   Auto-Detecting SD/HD/PC Video Sync Separator
LMH1980MM NSC-LMH1980MM Datasheet
746Kb / 14P
   Auto-Detecting SD/HD/PC Video Sync Separator
logo
Texas Instruments
LMH1980MM TI1-LMH1980MM Datasheet
773Kb / 20P
[Old version datasheet]   LMH1980 Auto-Detecting SD/HD/PC Video Sync Separator
LMH1980MM/NOPB TI1-LMH1980MM/NOPB Datasheet
773Kb / 20P
[Old version datasheet]   LMH1980 Auto-Detecting SD/HD/PC Video Sync Separator
logo
National Semiconductor ...
LMH1980MMX NSC-LMH1980MMX Datasheet
746Kb / 14P
   Auto-Detecting SD/HD/PC Video Sync Separator
More results

Mô tả tương tự - LMH1980

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LMH1980MM TI1-LMH1980MM Datasheet
773Kb / 20P
[Old version datasheet]   LMH1980 Auto-Detecting SD/HD/PC Video Sync Separator
logo
National Semiconductor ...
LMH1980 NSC-LMH1980 Datasheet
746Kb / 14P
   Auto-Detecting SD/HD/PC Video Sync Separator
logo
Intersil Corporation
ISL59885 INTERSIL-ISL59885_07 Datasheet
361Kb / 13P
   Auto-Adjusting Sync Separator for HD and SD Video
ISL59885 INTERSIL-ISL59885 Datasheet
368Kb / 13P
   Auto-Adjusting Sync Separator for HD and SD Video
ISL59885 INTERSIL-ISL59885_06 Datasheet
363Kb / 14P
   Auto-Adjusting Sync Separator for HD and SD Video
logo
Renesas Technology Corp
ISL59885 RENESAS-ISL59885 Datasheet
801Kb / 15P
   Auto-Adjusting Sync Separator for HD and SD Video
logo
Texas Instruments
LM1881MX TI1-LM1881MX Datasheet
1Mb / 18P
[Old version datasheet]   Video Sync Separator
logo
National Semiconductor ...
LM1881 NSC-LM1881_06 Datasheet
687Kb / 12P
   Video Sync Separator
LM1881 NSC-LM1881 Datasheet
303Kb / 12P
   LM1881 Video Sync Separator
LMH1981 NSC-LMH1981_07 Datasheet
1Mb / 16P
   Multi-Format Video Sync Separator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com