công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LMH1980MM bảng dữ liệu(PDF) 9 Page - Texas Instruments

tên linh kiện LMH1980MM
Giải thích chi tiết về linh kiện  LMH1980 Auto-Detecting SD/HD/PC Video Sync Separator
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

LMH1980MM bảng dữ liệu(HTML) 9 Page - Texas Instruments

Back Button LMH1980MM Datasheet HTML 5Page - Texas Instruments LMH1980MM Datasheet HTML 6Page - Texas Instruments LMH1980MM Datasheet HTML 7Page - Texas Instruments LMH1980MM Datasheet HTML 8Page - Texas Instruments LMH1980MM Datasheet HTML 9Page - Texas Instruments LMH1980MM Datasheet HTML 10Page - Texas Instruments LMH1980MM Datasheet HTML 11Page - Texas Instruments LMH1980MM Datasheet HTML 12Page - Texas Instruments LMH1980MM Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
LMH1980
www.ti.com
SNLS263A – JULY 2007 – REVISED MARCH 2013
Table 1. SDTV Horizontal Interval Timing Characteristics(1)
Parameter
Test Conditions
Typ
Units
tdCSOUT
Composite Sync Output
See Figure 9
525
Propagation Delay from
ns
Input Sync Reference
(OH)
tdHSOUT
Horizontal Sync Output
See Figure 9
530
Propagation Delay from
ns
Input Sync Reference
(OH)
tdBPOUT
Burst/Back Porch Timing
See Figure 9
400
ns
Output Propagation Delay
from Input Sync Trailing
Edge
THSOUT
Horizontal Sync Output
See Figure 9
2.5
µs
Pulse Width
TBPOUT
Burst/Back Porch Timing
See Figure 9
3.0
µs
Output Pulse Width
(1)
VCC = 3.3V , TA = 25°C, No Input Filter, PAL Video Input from Tek TG700 Generator with AVG7 SD video module
Table 2. EDTV Horizontal Interval Timing Characteristics(1)
Parameter
Test Conditions
Typ
Units
tdCSOUT
Composite Sync Output
See Figure 9
170
ns
Propagation Delay from
Input Sync Reference
(OH)
tdHSOUT
Horizontal Sync Output
See Figure 9
175
ns
Propagation Delay from
Input Sync Reference
(OH)
tdBPOUT
Burst/Back Porch Timing
See Figure 9
485
ns
Output Propagation Delay
from Input Sync Trailing
Edge
THSOUT
Horizontal Sync Output
See Figure 9
2.3
µs
Pulse Width
TBPOUT
Burst/Back Porch Timing
See Figure 9
350
ns
Output Pulse Width
(1)
VCC = 3.3V , TA = 25°C, No Input Filter, 576P Video Input from Tek TG700 Generator with AVG7 SD module
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LMH1980


Số phần tương tự - LMH1980MM

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LMH1980MM NSC-LMH1980MM Datasheet
746Kb / 14P
   Auto-Detecting SD/HD/PC Video Sync Separator
logo
Texas Instruments
LMH1980MM TI1-LMH1980MM Datasheet
773Kb / 20P
[Old version datasheet]   LMH1980 Auto-Detecting SD/HD/PC Video Sync Separator
LMH1980MM/NOPB TI1-LMH1980MM/NOPB Datasheet
773Kb / 20P
[Old version datasheet]   LMH1980 Auto-Detecting SD/HD/PC Video Sync Separator
logo
National Semiconductor ...
LMH1980MMX NSC-LMH1980MMX Datasheet
746Kb / 14P
   Auto-Detecting SD/HD/PC Video Sync Separator
logo
Texas Instruments
LMH1980MMX/NOPB TI1-LMH1980MMX/NOPB Datasheet
773Kb / 20P
[Old version datasheet]   LMH1980 Auto-Detecting SD/HD/PC Video Sync Separator
More results

Mô tả tương tự - LMH1980MM

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LMH1980MM TI1-LMH1980MM Datasheet
773Kb / 20P
[Old version datasheet]   LMH1980 Auto-Detecting SD/HD/PC Video Sync Separator
logo
National Semiconductor ...
LMH1980 NSC-LMH1980 Datasheet
746Kb / 14P
   Auto-Detecting SD/HD/PC Video Sync Separator
logo
Intersil Corporation
ISL59885 INTERSIL-ISL59885_07 Datasheet
361Kb / 13P
   Auto-Adjusting Sync Separator for HD and SD Video
ISL59885 INTERSIL-ISL59885 Datasheet
368Kb / 13P
   Auto-Adjusting Sync Separator for HD and SD Video
ISL59885 INTERSIL-ISL59885_06 Datasheet
363Kb / 14P
   Auto-Adjusting Sync Separator for HD and SD Video
logo
Renesas Technology Corp
ISL59885 RENESAS-ISL59885 Datasheet
801Kb / 15P
   Auto-Adjusting Sync Separator for HD and SD Video
logo
Texas Instruments
LM1881MX TI1-LM1881MX Datasheet
1Mb / 18P
[Old version datasheet]   Video Sync Separator
logo
National Semiconductor ...
LM1881 NSC-LM1881_06 Datasheet
687Kb / 12P
   Video Sync Separator
LM1881 NSC-LM1881 Datasheet
303Kb / 12P
   LM1881 Video Sync Separator
LMH1981 NSC-LMH1981_07 Datasheet
1Mb / 16P
   Multi-Format Video Sync Separator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com