công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LM7322QMA bảng dữ liệu(PDF) 3 Page - Texas Instruments |
|
LM7322QMA bảng dữ liệu(HTML) 3 Page - Texas Instruments |
3 / 35 page LM7321, LM7322 www.ti.com SNOSAW8D – MAY 2008 – REVISED MARCH 2013 2.7V Electrical Characteristics (1) Unless otherwise specified, all limits ensured for TA = 25°C, V + = 2.7V, V− = 0V, V CM = 0.5V, VOUT = 1.35V, and RL > 1 MΩ to 1.35V. Boldface limits apply at the temperature extremes. Min Typ Max Symbol Parameter Condition Units (2) (3) (2) −5 +5 VOS Input Offset Voltage VCM = 0.5V & VCM = 2.2V ±0.7 mV −6 +6 VCM = 0.5V & VCM = 2.2V TC VOS Input Offset Voltage Temperature Drift ±2 µV/C (4) VCM = 0.5V −2.0 −1.2 (5) −2.5 IB Input Bias Current µA VCM = 2.2V 0.45 1.0 (5) 1.5 20 200 IOS Input Offset Current VCM = 0.5V and VCM = 2.2V nA 300 70 100 0V ≤ VCM ≤ 1.0V 60 CMRR Common Mode Rejection Ratio dB 55 70 0V ≤ VCM ≤ 2.7V 50 78 104 PSRR Power Supply Rejection Ratio 2.7V ≤ VS ≤ 30V dB 74 −0.3 −0.1 0.0 CMVR Common Mode Voltage Range CMRR > 50 dB V 2.8 3.0 2.7 0.5V ≤ VO ≤ 2.2V 65 72 RL = 10 kΩ to 1.35V 62 AVOL Open Loop Voltage Gain dB 0.5V ≤ VO ≤ 2.2V 59 66 RL = 2 kΩ to 1.35V 55 RL = 10 kΩ to 1.35V 50 150 VID = 100 mV 160 Output Voltage Swing High RL = 2 kΩ to 1.35V 100 250 VID = 100 mV 280 mV from VOUT either rail RL = 10 kΩ to 1.35V 20 120 VID = −100 mV 150 Output Voltage Swing Low RL = 2 kΩ to 1.35V 40 120 VID = −100 mV 150 Sourcing 30 48 VID = 200 mV, VOUT = 0V (6) 20 IOUT Output Current mA Sinking 40 65 VID = −200 mV, VOUT = 2.7V (6) 30 0.95 1.3 LM7321 1.9 IS Supply Current mA 2.0 2.5 LM7322 3.8 SR Slew Rate (7) AV = +1, VI = 2V Step 8.5 V/µs fu Unity Gain Frequency RL = 2 kΩ, CL = 20 pF 7.5 MHz (1) Electrical Table values apply only for factory testing conditions at the temperature indicated. Factory testing conditions result in very limited self-heating of the device such that TJ = TA. No ensured specification of parametric performance is indicated in the electrical tables under conditions of internal self-heating where TJ > TA. (2) All limits are ensured by testing or statistical analysis. (3) Typical values represent the most likely parametric norm as determined at the time of characterization. Actual typical values may vary over time and will also depend on the application and configuration. The typical values are not tested and are not ensured on shipped production material. (4) Offset voltage temperature drift determined by dividing the change in VOS at temperature extremes into the total temperature change. (5) Positive current corresponds to current flowing into the device. (6) Applies to both single-supply and split-supply operation. Continuous short circuit operation at elevated ambient temperature can result in exceeding the maximum allowed junction temperature of 150°C. Short circuit test is a momentary test. Output short circuit duration is infinite for VS ≤ 6V at room temperature and below. For VS > 6V, allowable short circuit duration is 1.5 ms. (7) Slew rate is the slower of the rising and falling slew rates. Connected as a Voltage Follower. Copyright © 2008–2013, Texas Instruments Incorporated Submit Documentation Feedback 3 Product Folder Links: LM7321 LM7322 |
Số phần tương tự - LM7322QMA |
|
Mô tả tương tự - LM7322QMA |