công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCF5274LCVM166 bảng dữ liệu(PDF) 9 Page - Freescale Semiconductor, Inc

tên linh kiện MCF5274LCVM166
Giải thích chi tiết về linh kiện  MCF5275 Integrated Microprocessor Family Hardware Specification
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCF5274LCVM166 bảng dữ liệu(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button MCF5274LCVM166 Datasheet HTML 5Page - Freescale Semiconductor, Inc MCF5274LCVM166 Datasheet HTML 6Page - Freescale Semiconductor, Inc MCF5274LCVM166 Datasheet HTML 7Page - Freescale Semiconductor, Inc MCF5274LCVM166 Datasheet HTML 8Page - Freescale Semiconductor, Inc MCF5274LCVM166 Datasheet HTML 9Page - Freescale Semiconductor, Inc MCF5274LCVM166 Datasheet HTML 10Page - Freescale Semiconductor, Inc MCF5274LCVM166 Datasheet HTML 11Page - Freescale Semiconductor, Inc MCF5274LCVM166 Datasheet HTML 12Page - Freescale Semiconductor, Inc MCF5274LCVM166 Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 44 page
background image
Design Recommendations
MCF5275 Integrated Microprocessor Family Hardware Specification, Rev. 4
Freescale Semiconductor
9
5
Design Recommendations
5.1
Layout
Use a 4-layer printed circuit board with the VDD and GND pins connected directly to the power
and ground planes for the MCF5275.
See application note AN1259 System Design and Layout Techniques for Noise Reduction in
MCU-Based Systems.
Match the PC layout trace width and routing to match trace length to operating frequency and board
impedance. Add termination (series or therein) to the traces to dampen reflections. Increase the
PCB impedance (if possible) keeping the trace lengths balanced and short. Then do cross-talk
analysis to separate traces with significant parallelism or are otherwise "noisy". Use 6 mils trace
and separation. Clocks get extra separation and more precise balancing.
5.2
Power Supply
33uF, 0.1
μF, and 0.01 μF across each power supply
VSSPLL
I
K16
L13
VSS
I
A1, A10, A16,
E5, E12, F6,
F11, G7:10,
H7:10, J1,
J7:10, K7:10,
L6, L11, M5,
N16, R7, T1,
T16
F7, F8, G6:9,
H6:9, J7, J8
OVDD
I
E6:8, F5, F7, F8,
G5, G6, H5, H6,
J11, J12, K11,
K12, L9, L10,
L12, M9:11
E5:7, F5, F6,
H10, J9, J10,
K8:10
VDD
I
D8, H13, K4, N8 D6, G5, G12, L7
SD_VDD
I
E9:11, F9, F10,
F12, G11, G12,
H11, H12, J5,
J6, K5, K6, L5,
L7, L8, M6, M7,
M8
E8:10, F9, F10,
G10, H5, J5, J6,
K5:7
1 Refers to pin’s primary function. All pins which are configurable for GPIO have a pullup enabled in GPIO
mode with the exception of PBUSCTL[7], PBUSCTL[4:0], PADDR, PBS, PSDRAM.
2 If JTAG_EN is asserted, these pins default to Alternate 1 (JTAG) functionality. The GPIO module is not
responsible for assigning these pins.
Table 2. MCF5274 and MCF5275 Signal Information and Muxing (continued)
Signal Name
GPIO
Alternate1
Alternate2 Dir.1
MCF5274
MCF5275
256 MAPBGA
MCF5274L
MCF5275L
196 MAPBGA


Số phần tương tự - MCF5274LCVM166

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
MCF5274L NXP-MCF5274L Datasheet
1Mb / 44P
   MCF5275 Integrated Microprocessor Family Hardware Specification
Rev. 4, 02/2009
logo
Motorola, Inc
MCF5274LVM133 MOTOROLA-MCF5274LVM133 Datasheet
910Kb / 76P
   MCF5275 Integrated Microprocessor Family Hardware Specification
logo
Freescale Semiconductor...
MCF5274LVM133 FREESCALE-MCF5274LVM133 Datasheet
1Mb / 44P
   Integrated Microprocessor Family Hardware Specification
logo
Motorola, Inc
MCF5274LVM166 MOTOROLA-MCF5274LVM166 Datasheet
910Kb / 76P
   MCF5275 Integrated Microprocessor Family Hardware Specification
logo
Freescale Semiconductor...
MCF5274LVM166 FREESCALE-MCF5274LVM166 Datasheet
1Mb / 44P
   Integrated Microprocessor Family Hardware Specification
More results

Mô tả tương tự - MCF5274LCVM166

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
MCF5275EC NXP-MCF5275EC Datasheet
1Mb / 44P
   MCF5275 Integrated Microprocessor Family Hardware Specification
Rev. 4, 02/2009
logo
Motorola, Inc
MCF5275 MOTOROLA-MCF5275 Datasheet
910Kb / 76P
   MCF5275 Integrated Microprocessor Family Hardware Specification
logo
Freescale Semiconductor...
MCF5275 FREESCALE-MCF5275 Datasheet
1Mb / 44P
   Integrated Microprocessor Family Hardware Specification
MCF5271 FREESCALE-MCF5271 Datasheet
1Mb / 40P
   Integrated Microprocessor Hardware Specification
MCF523X FREESCALE-MCF523X_09 Datasheet
2Mb / 48P
   Integrated Microprocessor Hardware Specification
MCF5271 FREESCALE-MCF5271_09 Datasheet
1Mb / 42P
   Integrated Microprocessor Hardware Specification
MCF523X FREESCALE-MCF523X_06 Datasheet
1Mb / 46P
   Integrated Microprocessor Hardware Specification
MCF5235EC FREESCALE-MCF5235EC Datasheet
1Mb / 46P
   Integrated Microprocessor Hardware Specification
MCF5213 FREESCALE-MCF5213 Datasheet
869Kb / 56P
   Microcontroller Family Hardware Specification
logo
NXP Semiconductors
MPC602EC NXP-MPC602EC Datasheet
440Kb / 26P
   PowerPC 602TM RISC Microprocessor Hardware Specification
5/96
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com