công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS7816UBG4 bảng dữ liệu(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện ADS7816UBG4
Giải thích chi tiết về linh kiện  12-Bit High Speed Micro Power Sampling
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7816UBG4 bảng dữ liệu(HTML) 2 Page - Texas Instruments

  ADS7816UBG4 Datasheet HTML 1Page - Texas Instruments ADS7816UBG4 Datasheet HTML 2Page - Texas Instruments ADS7816UBG4 Datasheet HTML 3Page - Texas Instruments ADS7816UBG4 Datasheet HTML 4Page - Texas Instruments ADS7816UBG4 Datasheet HTML 5Page - Texas Instruments ADS7816UBG4 Datasheet HTML 6Page - Texas Instruments ADS7816UBG4 Datasheet HTML 7Page - Texas Instruments ADS7816UBG4 Datasheet HTML 8Page - Texas Instruments ADS7816UBG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
2
®
ADS7816
SPECIFICATIONS
At –40
°C to +85°C, +V
CC = +5V, VREF = +5V, fSAMPLE = 200kHz, fCLK = 16 • fSAMPLE, unless otherwise specified.
ADS7816
ADS7816B
ADS7816C
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
ANALOG INPUT
Full-Scale Input Span
+In – (–In)
0
VREF
TT
TT
V
Absolute Input Voltage
+In
–0.2
VCC +0.2
TT
TT
V
–In
–0.2
+0.2
TT
TT
V
Capacitance
25
TT
pF
Leakage Current
±1
TT
µA
SYSTEM PERFORMANCE
Resolution
12
TT
Bits
No Missing Codes
11
12
T
Bits
Integral Linearity Error
±0.5
±2
±0.5
±2
±0.5
±1
LSB(1)
Differential Linearity Error
±0.5
±2
±0.5
±1
±0.25
±0.75
LSB
Offset Error
±4
TT
LSB
Gain Error
±4
TT
LSB
Noise
33
TT
µVrms
Power Supply Rejection
82
TT
dB
SAMPLING DYNAMICS
Conversion Time
12
TT
Clk Cycles
Acquisition Time
1.5
TT
Clk Cycles
Throughput Rate
200
TT
kHz
DYNAMIC CHARACTERISTICS
Total Harmonic Distortion
VIN = 5.0Vp-p at 1kHz
–84
TT
dB
VIN = 5.0Vp-p at 5kHz
–82
TT
dB
SINAD
VIN = 5.0Vp-p at 1kHz
72
TT
dB
Spurious Free Dynamic Range
VIN = 5.0Vp-p at 1kHz
86
TT
dB
REFERENCE INPUT
Voltage Range
0.1
5
TT
TT
V
Resistance
CS = GND, fSAMPLE = 0Hz
5
TT
G
CS = VCC
5
TT
G
Current Drain
At Code 710h
38
100
TT
TT
µA
fSAMPLE = 12.5kHz
2.4
20
TT
TT
µA
CS = VCC
0.001
3
TT
TT
µA
DIGITAL INPUT/OUTPUT
Logic Family
CMOS
TT
Logic Levels:
VIH
IIH = +5µA3
+VCC +0.3
TT
TT
V
VIL
IIL = +5µA
–0.3
0.8
TT
TT
V
VOH
IOH = –250µA
3.5
TT
V
VOL
IOL = 250µA
0.4
TT
V
Data Format
Straight Binary
TT
POWER SUPPLY REQUIREMENTS
VCC
Specified Performance
4.50
5.25
TT
TT
V
Quiescent Current
380
700
TT
TT
µA
fSAMPLE = 12.5kHz(2, 3)
30
TT
µA
fSAMPLE = 12.5kHz(3)
280
400
TT
µA
Power Down
CS = VCC, fSAMPLE = 0Hz
3
TT
µA
TEMPERATURE RANGE
Specified Performance
–40
+85
TT
TT
°C
T Specifications same as grade to the left.
NOTE: (1) LSB means Least Significant Bit, with VREF equal to +5V, one LSB is 1.22mV. (2) fCLK = 3.2MHz, CS = VCC for 251 clock cycles out of every 256. (3) See
the Power Dissipation section for more information regarding lower sample rates.


Số phần tương tự - ADS7816UBG4

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS7816UBG4 TI-ADS7816UBG4 Datasheet
931Kb / 23P
[Old version datasheet]   12-Bit High Speed Micro Power Sampling
ADS7816UBG4 TI-ADS7816UBG4 Datasheet
963Kb / 24P
[Old version datasheet]   12-Bit High Speed Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
More results

Mô tả tương tự - ADS7816UBG4

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS7816PG4 TI-ADS7816PG4 Datasheet
931Kb / 23P
[Old version datasheet]   12-Bit High Speed Micro Power Sampling
ADS7816U TI1-ADS7816U Datasheet
951Kb / 23P
[Old version datasheet]   12-Bit High Speed Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7816 BURR-BROWN-ADS7816 Datasheet
226Kb / 13P
   12-Bit High Speed Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7816P TI1-ADS7816P Datasheet
951Kb / 23P
[Old version datasheet]   12-Bit High Speed Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7816EB TI-ADS7816EB Datasheet
963Kb / 24P
[Old version datasheet]   12-Bit High Speed Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7817E TI-ADS7817E Datasheet
633Kb / 21P
[Old version datasheet]   12-Bit Differential Input Micro Power Sampling
logo
Burr-Brown (TI)
ADS1286 BURR-BROWN-ADS1286 Datasheet
165Kb / 11P
   12-Bit Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS1286 TI1-ADS1286_14 Datasheet
491Kb / 18P
[Old version datasheet]   12-Bit Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
ADS1286 TI1-ADS1286_16 Datasheet
483Kb / 17P
[Old version datasheet]   12-Bit Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS1286 BURR-BROWN-ADS1286_06 Datasheet
141Kb / 14P
   12-Bit Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com