công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS7816U bảng dữ liệu(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện ADS7816U
Giải thích chi tiết về linh kiện  12-Bit High Speed Micro Power Sampling
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7816U bảng dữ liệu(HTML) 3 Page - Texas Instruments

  ADS7816U Datasheet HTML 1Page - Texas Instruments ADS7816U Datasheet HTML 2Page - Texas Instruments ADS7816U Datasheet HTML 3Page - Texas Instruments ADS7816U Datasheet HTML 4Page - Texas Instruments ADS7816U Datasheet HTML 5Page - Texas Instruments ADS7816U Datasheet HTML 6Page - Texas Instruments ADS7816U Datasheet HTML 7Page - Texas Instruments ADS7816U Datasheet HTML 8Page - Texas Instruments ADS7816U Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
3
®
ADS7816
The information provided herein is believed to be reliable; however, BURR-BROWN assumes no responsibility for inaccuracies or omissions. BURR-BROWN
assumes no responsibility for the use of this information, and all use of such information shall be entirely at the user’s own risk. Prices and specifications are subject
to change without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. BURR-BROWN does not
authorize or warrant any BURR-BROWN product for use in life support devices and/or systems.
ELECTROSTATIC
DISCHARGE SENSITIVITY
Electrostatic discharge can cause damage ranging from per-
formance degradation to complete device failure. Burr-
Brown Corporation recommends that all integrated circuits
be handled and stored using appropriate ESD protection
methods.
ESD damage can range from subtle performance degrada-
tion to complete device failure. Precision integrated circuits
may be more susceptible to damage because very small
parametric changes could cause the device not to meet
published specifications.
ABSOLUTE MAXIMUM RATINGS(1)
+VCC ..................................................................................................... +6V
Analog Input ........................................................... –0.3V to (+VCC + 0.3V)
Logic Input ............................................................. –0.3V to (+VCC + 0.3V)
Case Temperature ......................................................................... +100
°C
Junction Temperature .................................................................... +150
°C
Storage Temperature ..................................................................... +125
°C
External Reference Voltage .............................................................. +5.5V
NOTE: (1) Stresses above these ratings may permanently damage the device.
PIN CONFIGURATION
PIN ASSIGNMENTS
PIN
NAME
DESCRIPTION
1VREF
Reference Input.
2
+In
Non Inverting Input.
3
–In
Inverting Input. Connect to ground or to remote ground sense point.
4
GND
Ground.
5
CS/SHDN
Chip Select when LOW, Shutdown Mode when HIGH.
6DOUT
The serial output data word is comprised of 12 bits of data. In operation the data is valid on the falling edge of DCLOCK. The
second clock pulse after the falling edge of CS enables the serial output. After one null bit the data is valid for the next 12 edges.
7
DCLOCK
Data Clock synchronizes the serial data transfer and determines conversion speed.
8+VCC
Power Supply.
PACKAGE/ORDERING INFORMATION
MAXIMUM
MAXIMUM
INTEGRAL
DIFFERENTIAL
PACKAGE
LINEARITY ERROR
LINEARITY ERROR
TEMPERATURE
DRAWING
PRODUCT
(LSB)
(LSB)
RANGE
PACKAGE
NUMBER(1)
ADS7816P
±2
±2
–40
°C to +85°C
Plastic DIP
006
ADS7816U
±2
±2
–40
°C to +85°C
SOIC
182
ADS7816E
±2
±2
–40
°C to +85°C
MSOP
337
ADS7816PB
±2
±1
–40
°C to +85°C
Plastic DIP
006
ADS7816UB
±2
±1
–40
°C to +85°C
SOIC
182
ADS7816EB
±2
±1
–40
°C to +85°C
MSOP
337
ADS7816PC
±1
±0.75
–40
°C to +85°C
Plastic DIP
006
ADS7816UC
±1
±0.75
–40
°C to +85°C
SOIC
182
ADS7816EC
±1
±0.75
–40
°C to +85°C
MSOP
337
NOTE: (1) For detailed drawing and dimension table, please see end of data sheet, or Appendix C of Burr-Brown IC Data Book.
1
2
3
4
8
7
6
5
+V
CC
DCLOCK
D
OUT
CS/SHDN
V
REF
+In
–In
GND
ADS7816
8-Pin PDIP,
8-Lead SOIC,
8-Lead MSOP


Số phần tương tự - ADS7816U

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS7816U TI1-ADS7816U Datasheet
951Kb / 23P
[Old version datasheet]   12-Bit High Speed Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7816U TI-ADS7816U Datasheet
931Kb / 23P
[Old version datasheet]   12-Bit High Speed Micro Power Sampling
ADS7816U TI-ADS7816U Datasheet
963Kb / 24P
[Old version datasheet]   12-Bit High Speed Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7816U2K5 TI-ADS7816U2K5 Datasheet
931Kb / 23P
[Old version datasheet]   12-Bit High Speed Micro Power Sampling
ADS7816U2K5 TI-ADS7816U2K5 Datasheet
963Kb / 24P
[Old version datasheet]   12-Bit High Speed Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
More results

Mô tả tương tự - ADS7816U

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS7816PG4 TI-ADS7816PG4 Datasheet
931Kb / 23P
[Old version datasheet]   12-Bit High Speed Micro Power Sampling
ADS7816U TI1-ADS7816U Datasheet
951Kb / 23P
[Old version datasheet]   12-Bit High Speed Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7816 BURR-BROWN-ADS7816 Datasheet
226Kb / 13P
   12-Bit High Speed Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7816P TI1-ADS7816P Datasheet
951Kb / 23P
[Old version datasheet]   12-Bit High Speed Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7816EB TI-ADS7816EB Datasheet
963Kb / 24P
[Old version datasheet]   12-Bit High Speed Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7817E TI-ADS7817E Datasheet
633Kb / 21P
[Old version datasheet]   12-Bit Differential Input Micro Power Sampling
logo
Burr-Brown (TI)
ADS1286 BURR-BROWN-ADS1286 Datasheet
165Kb / 11P
   12-Bit Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS1286 TI1-ADS1286_14 Datasheet
491Kb / 18P
[Old version datasheet]   12-Bit Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
ADS1286 TI1-ADS1286_16 Datasheet
483Kb / 17P
[Old version datasheet]   12-Bit Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS1286 BURR-BROWN-ADS1286_06 Datasheet
141Kb / 14P
   12-Bit Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com