công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TDA1557Q bảng dữ liệu(PDF) 5 Page - NXP Semiconductors

tên linh kiện TDA1557Q
Giải thích chi tiết về linh kiện  2 x 22 W BTL stereo car radio power amplifier with speaker protection
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA1557Q bảng dữ liệu(HTML) 5 Page - NXP Semiconductors

  TDA1557Q Datasheet HTML 1Page - NXP Semiconductors TDA1557Q Datasheet HTML 2Page - NXP Semiconductors TDA1557Q Datasheet HTML 3Page - NXP Semiconductors TDA1557Q Datasheet HTML 4Page - NXP Semiconductors TDA1557Q Datasheet HTML 5Page - NXP Semiconductors TDA1557Q Datasheet HTML 6Page - NXP Semiconductors TDA1557Q Datasheet HTML 7Page - NXP Semiconductors TDA1557Q Datasheet HTML 8Page - NXP Semiconductors TDA1557Q Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
May 1992
5
Philips Semiconductors
Product specification
2 x 22 W BTL stereo car radio power
amplifier with speaker protection
TDA1557Q
LIMITING VALUES
In accordance with the Absolute maximum System (IEC 134).
THERMAL RESISTANCE
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VP
positive supply voltage
operating
18
V
non-operating
30
V
load dump protected; during
45
V
50 ms; rise time
≥ 2.5 ms
VPSC
AC and DC short-circuit safe voltage
18
V
VPR
reverse polarity
6.0
V
energy handling capability at outputs
VP = 0
200
mJ
IOSM
non-repetitive peak output current
6A
IORM
repetitive peak output current
4A
Ptot
total power dissipation
60
W
Tstg
storage temperature range
−55
+150
°C
Tj
junction temperature
−+150
°C
SYMBOL
PARAMETER
THERMAL RESISTANCE
Rth vj-a
from virtual junction to ambient in free air
40 K/W
Rth vj-c
from virtual junction to case (see Fig.3)
1.5 K/W
Fig.3 Equivalent thermal resistance network.
handbook, halfpage
2.8
K/W
0.1
K/W
2.8
K/W
virtual
junction
output 1
output 2
case
MLA382


Số phần tương tự - TDA1557Q

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
TDA1551 PHILIPS-TDA1551 Datasheet
112Kb / 17P
   2 x 22 W BTL car radio power amplifier with diagnostic facility
July 1994
TDA1551Q PHILIPS-TDA1551Q Datasheet
112Kb / 17P
   2 x 22 W BTL car radio power amplifier with diagnostic facility
July 1994
TDA1552 PHILIPS-TDA1552 Datasheet
83Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier
July 1994
TDA1552Q PHILIPS-TDA1552Q Datasheet
83Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier
July 1994
TDA1552Q PHILIPS-TDA1552Q Datasheet
66Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier
July 1994
More results

Mô tả tương tự - TDA1557Q

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
TDA1553Q PHILIPS-TDA1553Q Datasheet
89Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier with loudspeaker protection
July 1994
TDA1552Q PHILIPS-TDA1552Q Datasheet
83Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier
July 1994
TDA1552Q-N4112 PHILIPS-TDA1552Q-N4112 Datasheet
66Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier
July 1994
TDA1519A PHILIPS-TDA1519A Datasheet
141Kb / 14P
   22 W BTL or 2 x 11 W stereo car radio power amplifier
May 1992
TDA1551Q PHILIPS-TDA1551Q Datasheet
112Kb / 17P
   2 x 22 W BTL car radio power amplifier with diagnostic facility
July 1994
TDA1553CQ PHILIPS-TDA1553CQ Datasheet
62Kb / 10P
   2 x 22 W stereo BTL car radio power amplifier with loudspeaker protection and 3-state mode switch
1995 Dec 15
TDA1519B PHILIPS-TDA1519B Datasheet
118Kb / 12P
   12 W BTL or 2 x 6 W stereo car radio power amplifier
May 1992
TDA1515BQ PHILIPS-TDA1515BQ Datasheet
80Kb / 10P
   24 W BTL or 2 x 12 W stereo car radio power amplifier
July 1994
TDA1510AQ PHILIPS-TDA1510AQ Datasheet
96Kb / 11P
   24 W BTL or 2 x 12 W stereo car radio power amplifier
January 1992
TDA8563AQ PHILIPS-TDA8563AQ Datasheet
152Kb / 20P
   2 x 40 W/2 ohm stereo BTL car radio power amplifier with diagnostic facility
1997 Feb 20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com