công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM22671QMRE-ADJ bảng dữ liệu(PDF) 1 Page - Texas Instruments

tên linh kiện LM22671QMRE-ADJ
Giải thích chi tiết về linh kiện  LM22671/LM22671-Q1 42V, 500mA SIMPLE SWITCHER짰 Step-Down Voltage Regulator
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

LM22671QMRE-ADJ bảng dữ liệu(HTML) 1 Page - Texas Instruments

  LM22671QMRE-ADJ Datasheet HTML 1Page - Texas Instruments LM22671QMRE-ADJ Datasheet HTML 2Page - Texas Instruments LM22671QMRE-ADJ Datasheet HTML 3Page - Texas Instruments LM22671QMRE-ADJ Datasheet HTML 4Page - Texas Instruments LM22671QMRE-ADJ Datasheet HTML 5Page - Texas Instruments LM22671QMRE-ADJ Datasheet HTML 6Page - Texas Instruments LM22671QMRE-ADJ Datasheet HTML 7Page - Texas Instruments LM22671QMRE-ADJ Datasheet HTML 8Page - Texas Instruments LM22671QMRE-ADJ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
LM22671
www.ti.com
SNVS589M – SEPTEMBER 2008 – REVISED APRIL 2013
LM22671/LM22671-Q1 42V, 500mA SIMPLE SWITCHER® Step-Down Voltage Regulator
with Features
Check for Samples: LM22671
1
FEATURES
DESCRIPTION
The LM22671 switching regulator provides all of the
2
Wide Input Voltage Range: 4.5V to 42V
functions necessary to implement an efficient high
Internally Compensated Voltage Mode Control
voltage step-down (buck) regulator using a minimum
Stable with Low ESR Ceramic capacitors
of external components. This easy to use regulator
incorporates
a
42V
N-channel
MOSFET
switch
200 m
Ω N-Channel MOSFET
capable of providing up to 500mA of load current.
Output Voltage Options:
Excellent line and load regulation along with high
ADJ (Outputs as Low as 1.285V)
efficiency (>90%) are featured. Voltage mode control
offers short minimum on-time, allowing the widest
5.0 (Output Fixed to 5V)
ratio between input and output voltages. Internal loop
±1.5% Feedback Reference Accuracy
compensation means that the user is free from the
500 kHz Default Switching Frequency
tedious task of calculating the loop compensation
components. Fixed 5V output and adjustable output
Adjustable Switching Frequency and
voltage options are available. The default switching
Synchronization
frequency is set at 500 kHz allowing for small
–40°C to 125°C Operating Junction
external components and good transient response. In
Temperature Range
addition, the frequency can be adjusted over a range
Precision Enable Pin
of 200 kHz to 1MHz with a single external resistor.
The internal oscillator can be synchronized to a
Integrated Boot-Strap Diode
system clock or to the oscillator of another regulator.
Adjustable Soft-Start
A precision enable input allows simplification of
Fully WEBENCH® Enabled
regulator control and system power sequencing. In
shutdown mode the regulator draws only 25 µA (typ.).
LM22671-Q1 is an Automotive Grade Product
An adjustable soft-start feature is provided through
that is AEC-Q100 Grade 1 Qualified (-40°C to
the selection of a single external capacitor. The
+125°C Operating Junction Temperature)
LM22671 also has built in thermal shutdown, and
current
limiting
to
protect
against
accidental
PACKAGE
overloads.
SO PowerPAD (Exposed Pad)
The LM22671 is a member of Texas Instruments'
SIMPLE
SWITCHER™
family.
The
SIMPLE
APPLICATIONS
SWITCHER™ concept provides for an easy to use
complete design using a minimum number of external
Industrial Control
components and the TI WEBENCH® design tool. TI's
Telecom and Datacom Systems
WEBENCH® tool includes features such as external
Embedded Systems
component calculation, electrical simulation, thermal
Conversions from Standard 24V, 12V and 5V
simulation, and Build-It boards for easy design-in.
Input Rails
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Số phần tương tự - LM22671QMRE-ADJ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM22671QMRE-ADJ NSC-LM22671QMRE-ADJ Datasheet
429Kb / 18P
   500 mA SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Features
logo
Texas Instruments
LM22671QMRE-ADJ/NOPB TI-LM22671QMRE-ADJ/NOPB Datasheet
1Mb / 29P
[Old version datasheet]   LM22671/-Q1 42 V, 500 mA SIMPLE SWITCHER짰 Step-Down Voltage Regulator with Features
More results

Mô tả tương tự - LM22671QMRE-ADJ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM22671 TI-LM22671_15 Datasheet
1Mb / 29P
[Old version datasheet]   LM22671/-Q1 42 V, 500 mA SIMPLE SWITCHER짰 Step-Down Voltage Regulator with Features
LM25575QMH TI1-LM25575QMH Datasheet
999Kb / 30P
[Old version datasheet]   LM25575/LM25575-Q1 SIMPLE SWITCHER짰 42V, 1.5A Step-Down Switching Regulator
LM25576 TI-LM25576_15 Datasheet
980Kb / 29P
[Old version datasheet]   LM25576/LM25576-Q1 SIMPLE SWITCHER짰 42V, 3A Step-Down Switching Regulator
LM25575 TI-LM25575 Datasheet
999Kb / 30P
[Old version datasheet]   LM25575/LM25575-Q1 SIMPLE SWITCHER짰 42V, 1.5A Step-Down Switching Regulator
LM22676 TI-LM22676_13 Datasheet
2Mb / 27P
[Old version datasheet]   LM22676/LM22676-Q1 42V, 3A SIMPLE SWITCHER짰 Step-Down Voltage Regulator with Features
LM25574 TI1-LM25574_14 Datasheet
929Kb / 30P
[Old version datasheet]   SIMPLE SWITCHER짰 42V, 0.5A Step-Down Switching Regulator
logo
National Semiconductor ...
LM25574_0703 NSC-LM25574_0703 Datasheet
414Kb / 22P
   SIMPLE SWITCHER짰 42V, 0.5A Step-Down Switching Regulator
logo
Texas Instruments
LM25575 TI1-LM25575_14 Datasheet
989Kb / 29P
[Old version datasheet]   SIMPLE SWITCHER짰 42V, 1.5A Step-Down Switching Regulator
logo
National Semiconductor ...
LM25576_0703 NSC-LM25576_0703 Datasheet
434Kb / 24P
   SIMPLE SWITCHER짰 42V, 3A Step-Down Switching Regulator
logo
Texas Instruments
LM22674 TI-LM22674 Datasheet
2Mb / 22P
[Old version datasheet]   LM22674/LM22674-Q1 42V, 500 mA SIMPLE SWITCHER짰 Step-Down Voltage Regulator with Features
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com