công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM27313XMFX bảng dữ liệu(PDF) 10 Page - Texas Instruments

tên linh kiện LM27313XMFX
Giải thích chi tiết về linh kiện  LM27313/LM27313-Q1
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

LM27313XMFX bảng dữ liệu(HTML) 10 Page - Texas Instruments

Back Button LM27313XMFX Datasheet HTML 6Page - Texas Instruments LM27313XMFX Datasheet HTML 7Page - Texas Instruments LM27313XMFX Datasheet HTML 8Page - Texas Instruments LM27313XMFX Datasheet HTML 9Page - Texas Instruments LM27313XMFX Datasheet HTML 10Page - Texas Instruments LM27313XMFX Datasheet HTML 11Page - Texas Instruments LM27313XMFX Datasheet HTML 12Page - Texas Instruments LM27313XMFX Datasheet HTML 13Page - Texas Instruments LM27313XMFX Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
ILOAD(max) = (1 - DC) x (ISW(max) - DC (VIN - VSW))
2fL
0
20
40
60
80
100
0
200
400
600
800
1000
1200
1400
1600
DUTY CYCLE (%) = [1 - EFF*(VIN/VOUT))]
VIN = 5V
VIN = 3.3V
VIN = 2.7V
LM27313
SNVS487D – DECEMBER 2006 – REVISED APRIL 2013
www.ti.com
MAXIMUM SWITCH CURRENT
The maximum FET switch current available before the current limiter cuts in is dependent on duty cycle of the
application. This is illustrated in Figure 15 below which shows typical values of switch current as a function of
effective (actual) duty cycle:
Figure 15. Switch Current Limit vs Duty Cycle
CALCULATING LOAD CURRENT
As shown in the figure which depicts inductor current, the load current is related to the average inductor current
by the relation:
ILOAD = IIND(AVG) x (1 - DC)
where
"DC" is the duty cycle of the application.
(9)
The switch current can be found by:
ISW = IIND(AVG) + ½ (IRIPPLE)
(10)
Inductor ripple current is dependent on inductance, duty cycle, input voltage and frequency:
IRIPPLE = DC x (VIN - VSW) / (fSW x L)
(11)
Combining all terms, we can develop an expression which allows the maximum available load current to be
calculated:
(12)
The equation shown to calculate maximum load current takes into account the losses in the inductor or turn-OFF
switching losses of the FET and diode. For actual load current in typical applications, we took bench data for
various input and output voltages and displayed the maximum load current available for a typical device in graph
form:
10
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LM27313


Số phần tương tự - LM27313XMFX

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM27313XMFX NSC-LM27313XMFX Datasheet
337Kb / 12P
   1.6 MHz Boost Converter With 30V Internal FET Switch in SOT-23
logo
Texas Instruments
LM27313XMFX/NOPB TI-LM27313XMFX/NOPB Datasheet
1Mb / 25P
[Old version datasheet]   LM27313/-Q1 1.6-MHz Boost Converter With 30-V Internal FET Switch in SOT-23
More results

Mô tả tương tự - LM27313XMFX

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM27313 TI-LM27313_15 Datasheet
1Mb / 25P
[Old version datasheet]   LM27313/-Q1 1.6-MHz Boost Converter With 30-V Internal FET Switch in SOT-23
TDA4VH-Q1 TI-TDA4VH-Q1_V01 Datasheet
5Mb / 297P
[Old version datasheet]   TDA4VH-Q1, TDA4AH-Q1, TDA4VP-Q1, TDA4AP-Q1 Jacinto™ Processors
FEBRUARY 2023
TDA4VH-Q1 TI-TDA4VH-Q1 Datasheet
5Mb / 296P
[Old version datasheet]   TDA4VH-Q1, TDA4AH-Q1, TDA4VP-Q1, TDA4AP-Q1 Jacinto™ Processors
FEBRUARY 2023
TL331-Q1 TI-TL331-Q1_V01 Datasheet
1Mb / 27P
[Old version datasheet]   TL331B-Q1, TL391B-Q1 and TL331-Q1 Automotive Single Comparators
LM2901-Q1 TI-LM2901-Q1_V02 Datasheet
1Mb / 29P
[Old version datasheet]   LM2901B-Q1, LM2901x-Q1 Quadruple Automotive Comparator
REVISED MARCH 2023
LM2901-Q1 TI1-LM2901-Q1_V03 Datasheet
1Mb / 29P
[Old version datasheet]   LM2901B-Q1, LM2901x-Q1 Quadruple Automotive Comparator
REVISED MARCH 2023
TMP61-Q1 TI1-TMP61-Q1_V02 Datasheet
1Mb / 34P
[Old version datasheet]   TMP61-Q1
LM2901-Q1 TI-LM2901-Q1_V01 Datasheet
1Mb / 29P
[Old version datasheet]   LM2901B-Q1, LM2901x-Q1 Quadruple Automotive Comparator
REVISED MARCH 2023
TL331LV-Q1 TI-TL331LV-Q1 Datasheet
2Mb / 55P
[Old version datasheet]   TL331LV-Q1, TL391LV-Q1, LM393LV-Q1 and LM339LV-Q1 Low Voltage Automotive Rail to Rail Input Comparators
REVISED MARCH 2023
TL331LV-Q1 TI1-TL331LV-Q1_V01 Datasheet
2Mb / 55P
[Old version datasheet]   TL331LV-Q1, TL391LV-Q1, LM393LV-Q1 and LM339LV-Q1 Low Voltage Automotive Rail to Rail Input Comparators
REVISED MARCH 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com