công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LM324KNSR bảng dữ liệu(PDF) 11 Page - Texas Instruments |
|
|
LM324KNSR bảng dữ liệu(HTML) 11 Page - Texas Instruments |
11 / 35 page PACKAGE OPTION ADDENDUM www.ti.com 31-Oct-2013 Addendum-Page 2 Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish (6) MSL Peak Temp (3) Op Temp (°C) Device Marking (4/5) Samples LM124DR ACTIVE SOIC D 14 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -55 to 125 LM124 LM124DRG4 ACTIVE SOIC D 14 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -55 to 125 LM124 LM124FKB ACTIVE LCCC FK 20 1 TBD POST-PLATE N / A for Pkg Type -55 to 125 77043012A LM124FKB LM124J ACTIVE CDIP J 14 1 TBD A42 N / A for Pkg Type -55 to 125 LM124J LM124JB ACTIVE CDIP J 14 1 TBD A42 N / A for Pkg Type -55 to 125 7704301CA LM124JB LM124N OBSOLETE PDIP N 14 TBD Call TI Call TI -55 to 125 LM124W ACTIVE CFP W 14 1 TBD A42 N / A for Pkg Type -55 to 125 LM124W LM124WB ACTIVE CFP W 14 1 TBD A42 N / A for Pkg Type -55 to 125 7704301DA LM124WB LM224AD ACTIVE SOIC D 14 50 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -25 to 85 LM224A LM224ADE4 ACTIVE SOIC D 14 50 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -25 to 85 LM224A LM224ADG4 ACTIVE SOIC D 14 50 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -25 to 85 LM224A LM224ADR ACTIVE SOIC D 14 2500 Green (RoHS & no Sb/Br) CU NIPDAU | CU SN Level-1-260C-UNLIM -25 to 85 LM224A LM224ADRE4 ACTIVE SOIC D 14 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -25 to 85 LM224A LM224ADRG4 ACTIVE SOIC D 14 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -25 to 85 LM224A LM224AN ACTIVE PDIP N 14 25 Pb-Free (RoHS) CU NIPDAU N / A for Pkg Type -25 to 85 LM224AN LM224ANE4 ACTIVE PDIP N 14 25 Pb-Free (RoHS) CU NIPDAU N / A for Pkg Type -25 to 85 LM224AN LM224D ACTIVE SOIC D 14 50 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -25 to 85 LM224 LM224DE4 ACTIVE SOIC D 14 50 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -25 to 85 LM224 LM224DG4 ACTIVE SOIC D 14 50 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -25 to 85 LM224 |
Số phần tương tự - LM324KNSR |
|
Mô tả tương tự - LM324KNSR |