công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LM311M bảng dữ liệu(PDF) 4 Page - Texas Instruments |
|
|
LM311M bảng dữ liệu(HTML) 4 Page - Texas Instruments |
4 / 30 page LM111-N, LM211-N, LM311-N SNOSBJ1E – MAY 1999 – REVISED MARCH 2013 www.ti.com Absolute Maximum Ratings for the LM111-N/LM211-N (1) (2) Total Supply Voltage (V84) 36V Output to Negative Supply Voltage (V74) 50V Ground to Negative Supply Voltage (V14) 30V Differential Input Voltage ±30V Input Voltage(3) ±15V Output Short Circuit Duration 10 sec Operating Temperature Range LM111-N −55°C to 125°C LM211-N −25°C to 85°C Lead Temperature (Soldering, 10 sec) 260°C Voltage at Strobe Pin V+ −5V Soldering Information Dual-In-Line Package Soldering (10 seconds) 260°C Small Outline Package Vapor Phase (60 seconds) 215°C Infrared (15 seconds) 220°C ESD Rating(4) 300V (1) Refer to RETS111X for the LM111H, LM111J and LM111J-8 military specifications. (2) If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and specifications. (3) This rating applies for ±15 supplies. The positive input voltage limit is 30V above the negative supply. The negative input voltage limit is equal to the negative supply voltage or 30V below the positive supply, whichever is less. (4) Human body model, 1.5 k Ω in series with 100 pF. Electrical Characteristics (1) for the LM111-N and LM211-N Parameter Conditions Min Typ Max Units Input Offset Voltage(2) TA=25°C, RS≤50k 0.7 3.0 mV Input Offset Current TA=25°C 4.0 10 nA Input Bias Current TA=25°C 60 100 nA Voltage Gain TA=25°C 40 200 V/mV Response Time(3) TA=25°C 200 ns Saturation Voltage VIN≤−5 mV, IOUT=50 mA 0.75 1.5 V TA=25°C Strobe ON Current(4) TA=25°C 2.0 5.0 mA Output Leakage Current VIN≥5 mV, VOUT=35V, TA=25°C, 0.2 10 nA ISTROBE=3 mA Input Offset Voltage(2) RS≤50 k 4.0 mV Input Offset Current(2) 20 nA Input Bias Current 150 nA Input Voltage Range V+=15V, V−= −15V, Pin 7 Pull-Up −14.5 13.8-14.7 13.0 V May Go To 5V Saturation Voltage V+ ≥4.5V, V−=0, VIN≤−6 mV, 0.23 0.4 V IOUT≤8 mA Output Leakage Current VIN≥5 mV, VOUT=35V 0.1 0.5 μA Positive Supply Current TA=25°C 5.1 6.0 mA Negative Supply Current TA=25°C 4.1 5.0 mA (1) These specifications apply for VS=±15V and Ground pin at ground, and −55°C≤TA≤+125°C, unless otherwise stated. With the LM211-N, however, all temperature specifications are limited to −25°C≤TA≤+85°C. The offset voltage, offset current and bias current specifications apply for any supply voltage from a single 5V supply up to ±15V supplies. (2) The offset voltages and offset currents given are the maximum values required to drive the output within a volt of either supply with a 1 mA load. Thus, these parameters define an error band and take into account the worst-case effects of voltage gain and RS. (3) The response time specified (see definitions) is for a 100 mV input step with 5 mV overdrive. (4) This specification gives the range of current which must be drawn from the strobe pin to ensure the output is properly disabled. Do not short the strobe pin to ground; it should be current driven at 3 to 5 mA. 4 Submit Documentation Feedback Copyright © 1999–2013, Texas Instruments Incorporated Product Folder Links: LM111-N LM211-N LM311-N |
Số phần tương tự - LM311M |
|
Mô tả tương tự - LM311M |