công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

74HCT595DB-Q100 bảng dữ liệu(PDF) 11 Page - NXP Semiconductors

tên linh kiện 74HCT595DB-Q100
Giải thích chi tiết về linh kiện  8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HCT595DB-Q100 bảng dữ liệu(HTML) 11 Page - NXP Semiconductors

Back Button 74HCT595DB-Q100 Datasheet HTML 7Page - NXP Semiconductors 74HCT595DB-Q100 Datasheet HTML 8Page - NXP Semiconductors 74HCT595DB-Q100 Datasheet HTML 9Page - NXP Semiconductors 74HCT595DB-Q100 Datasheet HTML 10Page - NXP Semiconductors 74HCT595DB-Q100 Datasheet HTML 11Page - NXP Semiconductors 74HCT595DB-Q100 Datasheet HTML 12Page - NXP Semiconductors 74HCT595DB-Q100 Datasheet HTML 13Page - NXP Semiconductors 74HCT595DB-Q100 Datasheet HTML 14Page - NXP Semiconductors 74HCT595DB-Q100 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
74HC_HCT595_Q100
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 2 — 10 April 2013
11 of 23
NXP Semiconductors
74HC595-Q100; 74HCT595-Q100
8-bit serial-in, serial or parallel-out shift register with output latches;
3-state
tsu
set-up time
DS to SHCP; see Figure 10
VCC = 2 V
50
11
-
65
-
75
-
ns
VCC = 4.5 V
10
4
-
13
-
15
-
ns
VCC = 6 V
9
3
-
11
-
13
-
ns
SHCP to STCP;
see Figure 11
VCC = 2 V
75
22
-
95
-
110
-
ns
VCC = 4.5 V
15
8
-
19
-
22
-
ns
VCC = 6 V
13
7
-
16
-
19
-
ns
th
hold time
DS to SHCP; see Figure 11
VCC = 2 V
3
6-
3
-
3
-
ns
VCC = 4.5 V
3
2-
3
-
3
-
ns
VCC = 6 V
3
2-
3
-
3
-
ns
trec
recovery
time
MR to SHCP; see Figure 12
VCC = 2 V
50
19
-
65
-
75
-
ns
VCC = 4.5 V
10
7-
13
-
15
-
ns
VCC = 6 V
9
6-
11
-
13
-
ns
fmax
maximum
frequency
SHCP or STCP;
see Figure 9 and Figure 10
VCC = 2 V
9
30
-
4.8
-
4
-
MHz
VCC = 4.5 V
30
91
-
24
-
20
-
MHz
VCC = 6 V
35
108
-
28
-
24
-
MHz
CPD
power
dissipation
capacitance
fi = 1 MHz; VI =GND to VCC [6][7]
-115
-
-
-
-
-
pF
74HCT595-Q100; VCC = 4.5 V to 5.5 V
tpd
propagation
delay
SHCP to Q7S; see Figure 9
[2]
-25
42
-
53
-
63
ns
STCP to Qn; see Figure 10
[2]
-24
40
-
50
-
60
ns
MR to Q7S; see Figure 12
[3]
-23
40
-
50
-
60
ns
ten
enable time OE to Qn; see Figure 13
[4]
-21
35
-
44
-
53
ns
tdis
disable time OE to Qn; see Figure 13
[5]
-18
30
-
38
-
45
ns
tW
pulse width
SHCP HIGH or LOW;
see Figure 9
16
6
-
20
-
24
-
ns
STCP HIGH or LOW;
see Figure 10
16
5
-
20
-
24
-
ns
MR LOW; see Figure 12
20
8
-
25
-
30
-
ns
tsu
set-up time
DS to SHCP; see Figure 10
16
5
-
20
-
24
-
ns
SHCP to STCP;
see Figure 11
16
8
-
20
-
24
-
ns
th
hold time
DS to SHCP; see Figure 11
3
2-
3
-
3
-
ns
Table 7.
Dynamic characteristics …continued
Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 14.
Symbol Parameter
Conditions
25
C
40 C to +85 C 40 C to +125 C Unit
Min
Typ[1] Max
Min
Max
Min
Max


Số phần tương tự - 74HCT595DB-Q100

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Nexperia B.V. All right...
74HCT595DB-Q100 NEXPERIA-74HCT595DB-Q100 Datasheet
287Kb / 23P
   8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
More results

Mô tả tương tự - 74HCT595DB-Q100

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
74AHC595 PHILIPS-74AHC595 Datasheet
103Kb / 20P
   8-bit serial-in/serial or parallel-out shift register with output latches; 3-state
2000 Mar 15
74LV595 PHILIPS-74LV595 Datasheet
137Kb / 16P
   8-bit serial-in/serial or parallel-out shift register with output latches 3-State
1998 Apr 20
74HC595 PHILIPS-74HC595 Datasheet
140Kb / 28P
   8-bit serial-in/serial or parallel-out shift register with output latches; 3-state
2003 Jun 25
74HC595D.118 NXP-74HC595D.118 Datasheet
374Kb / 24P
   8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
Rev. 6-12 December 2011
logo
Nexperia B.V. All right...
74HC595-Q100 NEXPERIA-74HC595-Q100 Datasheet
287Kb / 23P
   8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
logo
NXP Semiconductors
74HC595PW-T NXP-74HC595PW-T Datasheet
374Kb / 24P
   8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
Rev. 6-12 December 2011
74HC595BQ115 NXP-74HC595BQ115 Datasheet
374Kb / 24P
   8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
Rev. 6-12 December 2011
logo
Nexperia B.V. All right...
74HCT595-Q100 NEXPERIA-74HCT595-Q100 Datasheet
300Kb / 20P
   8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
Rev. 4 - 11 March 2020
74HC595 NEXPERIA-74HC595 Datasheet
327Kb / 21P
   8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
Rev. 11 - 10 September 2021
logo
NXP Semiconductors
74HC_HCT595 PHILIPS-74HC_HCT595_15 Datasheet
256Kb / 24P
   8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
Rev. 7-26 January 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com